Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

96MPCLS-2.3-2M11T Fiches technique(PDF) 3 Page - Advantech Co., Ltd.

No de pièce 96MPCLS-2.3-2M11T
Description  Maximize the Impact of Your Message with Six-Display Video Wall Solutions
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ADVANTECH [Advantech Co., Ltd.]
Site Internet  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

96MPCLS-2.3-2M11T Fiches technique(HTML) 3 Page - Advantech Co., Ltd.

  96MPCLS-2.3-2M11T Datasheet HTML 1Page - Advantech Co., Ltd. 96MPCLS-2.3-2M11T Datasheet HTML 2Page - Advantech Co., Ltd. 96MPCLS-2.3-2M11T Datasheet HTML 3Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Digital Signage Players
DS-980 Series
Ordering Information
Part Number
Configuration
(Expansion/ Light)
CPU
RAM
Storage (Top)
Storage
(Bottom)
PCIe x16
Power supply
DS-980GB-00A1E
E
Option
Option
Option
1 optional
1
2 but default 12V DC-in 150W for top,
optional 12V DC-in 84W for bottom
DS-980GF-U4A1E
E
i7-6700TE
2x 4GB
500GB HDD
1 optional
1
2 but default 12V DC-in 150W for top,
optional 12V DC-in 84W for bottom
DS-980GF-U3A1E
E
i5-6500TE
2x 4GB
500GB HDD
1 optional
1
2 but default 12V DC-in 150W for top,
optional 12V DC-in 84W for bottom
DS-980GL-00A1E
L
Option
Option
Option
-
-
1, 12V DC-in 150W
DS-980GL-U4A1E
L
i7-6700TE
2x 4GB
500GB HDD
-
-
1, 12V DC-in 150W
DS-980GL-U3A1E
L
i5-6500TE
2x 4GB
500GB HDD
-
-
1, 12V DC-in 150W
Packing List
Part Number
Description
-
1 x DS-980 System
XECG-DPS-150AB-15B
1 x 12V DC-in 150W power adapter
968EMLSAI1
1 x Signage Software (WISE-PaaS/RMM &
WebAccess/IMM) CD package
2026098000
1 x China RoHS declaration
2006098000
1 x Traditional & Simplified Chinese User Manual
2190000902
1 x warranty card
1960074877N001&
19300306A0
2 x mounting brackets with 4 screws
1990012452S000&
1930007199-01
4 x stand rubber with 4 screws
[Expansion config. only] 1 x 2nd Storage module
including 1 x bracket, 4 x damper, 4 x screws for
installing on a bottom layer, 4 x step screws for
installing storage on a bracket, 1 x SATA cable
Kits for Video Wall up to 6 outputs
Part Number
Description
96PSA-A84W12W6-1
A/D 100-240V 84W 12V C14 AC adapter with
lockable
GFX-NG730LX8-3G
NVIDIA GT730 1G PCI-E with VHDCI to HDMI*4
Cable, support 3 independent displays
Processor
Part Number
Description
96MPI7S-2.4-8M11T1
CORE 2.4G 8M 1151P 4 CORE I7-6700TE (35W)
96MPI5S-2.3-6M11T1
CORE 2.3G 6M 1151P 4 CORE I5-6500TE (35W)
96MPI3S-2.7-4M11T
CORE 2.7G 4M 1151P 2 CORE I3-6100TE (35W)
96MPCLS-2.3-2M11T
CELERON 2.3G 2M 1151P G3900TE (35W)
Embedded OS Image
Part Number
Description
2070014309
Win10 IOT x64, V10.0.10240.0, 10 multiple
language
2070014310
WE8S x64, V6.5.3, 10 multiple language
2070014311
WES7P x64, V5.8.0, 10 multiple language
2070014312
WES7E x64, V5.7.0, EN/JP/SC/TC language
*Place OS image on top layer of SATAIII storage
Power Cord
Part Number
Description
1702002600
3-pin America power cord (UL)
1700024848-01
3-pin Taiwan power cord (BSMI)
1700018705
3-pin Europe power cord
1702031801
3-pin United Kingdom power cord
1700000237
3-pin Japan power cord (PSE)
1700000596-11
3-pin China power cord (CCC)
WIFI & 3G module
Part Number
Description
AMO-WIFI06E
Realtek/wifi 802.11bgn/ mini PCIe with cable &
antenna
AMO-WIFI07E
DHXA/wifi802.11abgn+BT4.0/miniPCIe with cable
& antenna
AMO-HSDPA02E
U-blox/HSDPA 6band/miniPCIe with cable &
antenna
EWM-W160M201E
M.2 2230, 802.11 b/g/n, RTL8188EE,1T1R
1750007965-01
M.2 cable, 30cm length
1750000318
M.2 antenna


Numéro de pièce similaire - 96MPCLS-2.3-2M11T

FabricantNo de pièceFiches techniqueDescription
logo
Advantech Co., Ltd.
96MPCM-2.2-2M9T ADVANTECH-96MPCM-2.2-2M9T Datasheet
703Kb / 2P
   3rd Generation Intel짰 Core??i7/i5/i3 Digital Signage Platform with 3 x HDMI Independent Display
96MPCM-2.2-2M9T ADVANTECH-96MPCM-2.2-2M9T Datasheet
1Mb / 2P
   3rd Gen. Intel Core i3/ i5/ i7 with 2 x 2.5' Removable HDD Bays Fanless Box PC
96MPCM-2.2-2M9T ADVANTECH-96MPCM-2.2-2M9T Datasheet
703Kb / 2P
   3rd Generation Intel Core i7/i5/i3 Digital Signage Platform
More results

Description similaire - 96MPCLS-2.3-2M11T

FabricantNo de pièceFiches techniqueDescription
logo
Advantech Co., Ltd.
C-DSD7047N50FH-02 ADVANTECH-C-DSD7047N50FH-02 Datasheet
429Kb / 2P
   47 FHD Video Wall Display
logo
ORION FANS
OD1232-SPOT ORIONFANS-OD1232-SPOT Datasheet
767Kb / 1P
   Extend the Life of Your Equipment
logo
International Rectifier
AN-994-1 IRF-AN-994-1 Datasheet
120Kb / 7P
   MAXIMIZING THE EFFECTIVENESS OF YOUR SMD ASSEMBLIES
logo
List of Unclassifed Man...
88950400 ETC2-88950400 Datasheet
84Kb / 2P
   Highlight the data of your automation application
logo
Analog Devices
ADV7190 AD-ADV7190 Datasheet
628Kb / 69P
   Video Encoder with Six 10-Bit DACs and Video Encoder with Six DAC Outputs
REV. 0
logo
AverLogic Technologies ...
AL360 AVERLOGIC-AL360 Datasheet
2Mb / 2P
   Video Solutions Provider
logo
List of Unclassifed Man...
GT-521S ETC2-GT-521S Datasheet
154Kb / 2P
   Bench unit performance in the palm of your hand.
ESTS ETC2-ESTS Datasheet
690Kb / 1P
   SSL Solutions Faster Than The Speed Of Light
logo
OSRAM GmbH
OS096036PP10MY0B10 OSRAM-OS096036PP10MY0B10 Datasheet
293Kb / 2P
   OLED DISPLAY SOLUTIONS
logo
P-tec Corporation
PTPF243277-7UFLWA P-TEC-PTPF243277-7UFLWA Datasheet
262Kb / 2P
   TFT Display Solutions
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com