Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADP-VD-3010-44080 Fiches technique(PDF) 2 Page - Advantech Co., Ltd.

No de pièce ADP-VD-3010-44080
Description  15' All-in-one POS System
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ADVANTECH [Advantech Co., Ltd.]
Site Internet  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ADP-VD-3010-44080 Fiches technique(HTML) 2 Page - Advantech Co., Ltd.

  ADP-VD-3010-44080 Datasheet HTML 1Page - Advantech Co., Ltd. ADP-VD-3010-44080 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
EP-5530-AR50/EP-5530-PD50
Dimensions
Unit: mm
Ordering Information
Part No.
Description
ADP-EP-5530-AR5AX
EPOS 15" Baytrail, Resistive T/S, 2G DDR3L, Black
ODM, w/o OS & HDD
ADP-EP-5530-PD5AX
EPOS 15" Baytrail, PCAP, 2G DDR3L, Black ODM,
w/o OS & HDD
Peripherals for EP-5530
Part No.
Description
ADP-MR-1001-05000
1MR V1 MSR PS2 EP5530 Black
ADP-MR-1003-05000
1MR V1 MSR USB EP5530 Black
ADP-MR-2020-05000
2MR V1 RFID EP5530 Black
ADP-MR-2051-05000
2MR V1 MSR+Finger Printer PS2 EP5530 Black
ADP-MR-2054-05000
2MR V1 MSR+Finger USB_ Encryption EP5530
Black
ADP-MR-2081-05000
2MR V1 MSR+IC Card Reader PS2 EP5530 Black
ADP-BS-1004-00000
SCAN A-50M/U EP5 Black
ADP-BS-1104-00000
SCAN A-52M/U EP5 Black
ADP-BS-1404-00000
SCAN Z-5252SR/U EP5 Black
Second Display for EP-5530
Part No.
Description
ADP-VD-1010-50080
Rear mount_VFD WP2029C EP5 Black
ADP-VD-1370-50080
Rear mount_VFD LD901C EP5 Black (Alphanumeric
and Compound (2-Bytes) Words)
ADP-VD-3010-34080
Pole mount_VFD WP2029C Aluminum Pole 30cm
EP5 BK
ADP-VD-3010-44080
Pole mount_VFD WP2029C Plastic Pole 30CM
EP5 BK
ADP-2D-0128-53000
2nd Display 10.1" VGA EP5530 Plastic Pole 22CM
Glass Black
ADP-2D-0228-12000
2nd Display 12" PLBF1 VGA EP5530 Aluminum Pole
15CM Glass Black
ADP-2D-0628-12000
2nd Display 15" PLBF1 VGA Aluminum Pole 15CM
Glass Black
Fully-Integrated I/O
A. COM 6/ 12V output
B. LAN
C. COM
D. VGA
E. 12VDC Power Input
F. Cash Drawer
G. HDMI
H. USB 2.0
I. USB 3.0
J. Line-Out & Mic-In
A
B
D
E
F
G
H
H
I
J
C
380.00
75.20
5~90°
200.00
254.28


Numéro de pièce similaire - ADP-VD-3010-44080

FabricantNo de pièceFiches techniqueDescription
logo
Advantech Co., Ltd.
ADP-VD-3010-32074 ADVANTECH-ADP-VD-3010-32074 Datasheet
636Kb / 1P
   15' Chameleon POS Terminal With Intel Haswell
ADP-VD-3010-34074 ADVANTECH-ADP-VD-3010-34074 Datasheet
636Kb / 1P
   15' Chameleon POS Terminal With Intel Haswell
More results

Description similaire - ADP-VD-3010-44080

FabricantNo de pièceFiches techniqueDescription
logo
Advantech Co., Ltd.
UTC-318P ADVANTECH-UTC-318P Datasheet
358Kb / 2P
   18.5 All-in-one POS System
27-Nov-2015
logo
BCM Advanced Research.
RIVAR-1501 BCM-RIVAR-1501 Datasheet
1Mb / 2P
   15” Versatile All-in-One POS Terminal
2020/11/02
logo
Advantech Co., Ltd.
USC-365 ADVANTECH-USC-365 Datasheet
833Kb / 3P
   15.6" Ultra-Slim, All-in-One POS
13-Dec-2022
logo
Protech Systems Co., Lt...
POS-6630 PROTECHSYSTEMS-POS-6630 Datasheet
1Mb / 2P
   The High performance All-in-One POS Terminal
PA-3170 PROTECHSYSTEMS-PA-3170 Datasheet
580Kb / 2P
   The High Performance All-in-One POS Terminal
PA-3570 PROTECHSYSTEMS-PA-3570 Datasheet
707Kb / 2P
   The High Performance All-in-One POS Terminal
logo
List of Unclassifed Man...
MT3333 ETC1-MT3333 Datasheet
633Kb / 26P
   All-in-One GNSS
logo
RENCO ELECTRONICS, INC.
RL-2260 RENCO-RL-2260 Datasheet
1Mb / 3P
   ALL IN ONE??POWER TRANSFORMERS
logo
List of Unclassifed Man...
SC83702 ETC-SC83702 Datasheet
137Kb / 10P
   ALL IN ONE MOUSE CONTROLLER
logo
New Scale Technologies,...
M3-LS-U2-8 NEWSCALE-M3-LS-U2-8 Datasheet
1,009Kb / 4P
   All-In-One Motion Module
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com