Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

9699302 Fiches technique(PDF) 3 Page - Agilent(Hewlett-Packard)

No de pièce 9699302
Description  Agilent TwisTorr 304 FS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HP [Agilent(Hewlett-Packard)]
Site Internet  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

9699302 Fiches technique(HTML) 3 Page - Agilent(Hewlett-Packard)

  9699302 Datasheet HTML 1Page - Agilent(Hewlett-Packard) 9699302 Datasheet HTML 2Page - Agilent(Hewlett-Packard) 9699302 Datasheet HTML 3Page - Agilent(Hewlett-Packard) 9699302 Datasheet HTML 4Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Ordering Information
Pumps
Configuration Options
TwisTorr 304 FS ISO 100 water cooling
X3511-64007
TwisTorr 304 FS CFF 6” water cooling
X3500-64001
TwisTorr 304 FS ISO 160 water cooling
X3500-64002
TwisTorr 304 FS CFF 8” water cooling
X3500-64003
TwisTorr 304 FS ISO100 air cooling
X3500-64004
TwisTorr 304 FS CFF 6” air cooling
X3500-64005
TwisTorr 304 FS ISO 160 air cooling
X3500-64006
TwisTorr 304 FS CFF 8” air cooling
X3500-64007
TwisTorr 304 FS ISO 100 SF water cooling
X3500-64010
Controllers
Part Numbers
TwisTorr 304 FS AG rack controller with RS232/485
X3506-64002
TwisTorr 304 FS AG rack controller with Profibus
X3506-64003
TwisTorr 304 FS onboard controller 24 Vdc
X3507-64002
TwisTorr 304 FS onboard controller 100-240 Vac
X3507-64003
Cables
Part Numbers
Mains cable NEMA plug, 3 m long
9699958
Mains cable European plug, 3 m long
9699957
Serial cable and A-plus Software
9699883
Serial Cable & T-plus Software
9699883
Extension cable
9699948M007 (
5 m)
9699948M006 (
10 m)
9699948M005 (
15 m)
9699948M004 (
20 m)
Inlet Screen
Part Numbers
Inlet Screen ISO 100
X3500-68000
Inlet Screen CFF 6”
9699302
Inlet Screen ISO 160
X3500-68001
Inlet Screen CFF 8”
9699304
Cooling
Part Numbers
Water cooling kit
9699337
Plastic water cooling kit
9699347
Air cooling kit for onboard controller
X3500-68010
Fan extension cable for onboard controller
9699949
Air cooling kit for rack AG controller
X3500-68011
Fan extension cable for rack AG controller
9699940
Vibration isolator
Part Numbers
Vibration isolator ISO 100
9699344
Vibration isolator CF 6”
9699334
Vibration isolator ISO 160
9699345
Vibration isolator CF 8”
9699335
Vibration isolator ISO 100 IDX
9699396
Vent flange, NW 10 KF / M8
9699108
Venting
Part Numbers
Delay vent valve 1.2 mm orifice
X3505-68000
Delay vent valve 0.5 mm orifice
X3505-68001
Vent valve N.O. for rack AG controller (0.5 mm)
9699844
Vent valve for onboard controller (1.2 mm)
9699834
Vent valve for onboard controller (0.5 mm)
9699834M006
Purge
Part Numbers
Purge valve 10 SCCM NW16KF - M12
9699239
Purge valve 10 SCCM ¼ Swagelok - M12
9699240
Purge valve 20 SCCM NW16KF - M12
9699241
Purge valve 20 SCCM ¼ Swagelok - M12
9699242
Purge valve 10 SCCM ¼ Swagelok - ¼ Swagelok
9699232
Purge valve 20 SCCM ¼ Swagelok - ¼ Swagelok
9699236
Mounting
Part Numbers
Bracket for onboard controller side mounting
X3500-68012
Foreline flange KF25
X3500-68002
Active Gauges
Part Numbers
FRG 700 Full Range Gauge
Ask Agilent for details
PVG 500 Pirani Vacuum Gauge
Ask Agilent for details
PCG 750 Pirani Capacitance Gauge
Ask Agilent for details
CDG-500 Capacitance Diaphragm Gauge
Ask Agilent for details
Pumping Speed
Compression Ratio
Inlet Pressure (mbar)
Foreline Pressure (mbar)
Hydrogen
Helium
Nitrogen
Argon
10-9
10-8
10-7
10-6
10-5
10-4
10-3
10-2
10-1
100
0
100
200
300
400
500
600
700
10-3
10-2
10-1
100
101
102
102
104
106
108
1010
1012
1014
H2
Helium
Nitrogen
Argon


Numéro de pièce similaire - 9699302

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
9699302 HP-9699302 Datasheet
1Mb / 4P
   Agilent TwisTorr 804 FS
More results

Description similaire - 9699302

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
704FS HP-704FS Datasheet
1Mb / 4P
   Agilent TwisTorr 704 FS
84FS HP-84FS Datasheet
680Kb / 3P
   Agilent TwisTorr 84 FS
804FS HP-804FS Datasheet
1Mb / 4P
   Agilent TwisTorr 804 FS
logo
Keysight Technologies
E1421B KEYSIGHT-E1421B Datasheet
223Kb / 5P
   Agilent E1421B
logo
Agilent(Hewlett-Packard...
X3501-64016 HP-X3501-64016 Datasheet
288Kb / 2P
   TwisTorr Medium-TMP Rack Controller
X3512-64016 HP-X3512-64016 Datasheet
272Kb / 2P
   TwisTorr Medium-TMP Onboard Controller
logo
Keysight Technologies
34411A KEYSIGHT-34411A Datasheet
160Kb / 6P
   Agilent MULTI Meter
logo
Agilent(Hewlett-Packard...
34401A HP-34401A Datasheet
167Kb / 4P
   Agilent 34401A Multimeter
X3502-64300 HP-X3502-64300 Datasheet
619Kb / 3P
   Agilent Quality Assured
logo
GardTec, Inc.
SC130-W1SS GARDTEC-SC130-W1SS Datasheet
357Kb / 1P
   304 Stainless Steel
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com