Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

9699242 Fiches technique(PDF) 1 Page - Agilent(Hewlett-Packard)

No de pièce 9699242
Description  Agilent TwisTorr 704 FS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HP [Agilent(Hewlett-Packard)]
Site Internet  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

9699242 Fiches technique(HTML) 1 Page - Agilent(Hewlett-Packard)

  9699242 Datasheet HTML 1Page - Agilent(Hewlett-Packard) 9699242 Datasheet HTML 2Page - Agilent(Hewlett-Packard) 9699242 Datasheet HTML 3Page - Agilent(Hewlett-Packard) 9699242 Datasheet HTML 4Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Sheet
The new generation Turbo Pump
with Agilent Floating Suspension
The Agilent TwisTorr 704 FS turbomolecular high-vacuum pump combines TwisTorr
drag stage technology and Agilent Floating Suspension to provide high performance,
reliability, and economy.
TwisTorr drag stages create high compression ratios for light gases such as
hydrogen and helium to deliver high throughput and high tolerance of foreline
pressure, thereby permitting the use of smaller and more economical backing
pumps. This technology results in a compact rotor design that is energy-efficient
and maintains a low operating temperature.
The Agilent Floating Suspension system reduces noise and vibration, and ensures
optimal bearing operating conditions to extend operating life, minimize system
downtime, and assure stability over time.
The unique bearing and dry lubrication in the TwisTorr 704 FS eliminate oil and
maintenance, and permit operation of the pump in any orientation. Available with
onboard or rack controllers.
Agilent TwisTorr 704 FS


Numéro de pièce similaire - 9699242

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
9699242 HP-9699242 Datasheet
1Mb / 4P
   Agilent TwisTorr 804 FS
9699242 HP-9699242 Datasheet
1Mb / 4P
   Agilent TwisTorr 304 FS
More results

Description similaire - 9699242

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
304FS HP-304FS Datasheet
1Mb / 4P
   Agilent TwisTorr 304 FS
84FS HP-84FS Datasheet
680Kb / 3P
   Agilent TwisTorr 84 FS
804FS HP-804FS Datasheet
1Mb / 4P
   Agilent TwisTorr 804 FS
logo
TAI-SAW TECHNOLOGY CO.,...
TA1360A TAI-SAW-TA1360A Datasheet
439Kb / 6P
   SAW Filter 704 MHz
logo
Holt Integrated Circuit...
HI-8428 HOLTIC-HI-8428 Datasheet
124Kb / 16P
   MIL-STD-704 compliant
logo
Keysight Technologies
E1421B KEYSIGHT-E1421B Datasheet
223Kb / 5P
   Agilent E1421B
logo
Agilent(Hewlett-Packard...
X3501-64016 HP-X3501-64016 Datasheet
288Kb / 2P
   TwisTorr Medium-TMP Rack Controller
X3512-64016 HP-X3512-64016 Datasheet
272Kb / 2P
   TwisTorr Medium-TMP Onboard Controller
logo
Keysight Technologies
34411A KEYSIGHT-34411A Datasheet
160Kb / 6P
   Agilent MULTI Meter
logo
Agilent(Hewlett-Packard...
34401A HP-34401A Datasheet
167Kb / 4P
   Agilent 34401A Multimeter
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com