Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

9699108 Fiches technique(PDF) 2 Page - Agilent(Hewlett-Packard)

No de pièce 9699108
Description  Agilent TwisTorr 704 FS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HP [Agilent(Hewlett-Packard)]
Site Internet  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

9699108 Fiches technique(HTML) 2 Page - Agilent(Hewlett-Packard)

  9699108 Datasheet HTML 1Page - Agilent(Hewlett-Packard) 9699108 Datasheet HTML 2Page - Agilent(Hewlett-Packard) 9699108 Datasheet HTML 3Page - Agilent(Hewlett-Packard) 9699108 Datasheet HTML 4Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Technical Specification
Pumping speed
ISO 160 / CF 8”
N
2
He
H
2
Ar
660 L/s
640 L/s
480 L/s
625 L/s
Gas throughput at full
rotational speed
(with recomm. forepump)*
Ambient Temp. (25 °C)
Water Temperature.
(25 °C, 50 L/h)
He
7.9 mbarL/s
467 SCCM
10.4 mbarL/s
615 SCCM
N2
4.3 mbarL/s
255 SCCM
6.2 mbarL/s
367 SCCM
Ar
1.5 mbarL/s
89 SCCM
3.3 mbarL/s
195 SCCM
(*) Backing pump 11.6 m3/hr
Compression ratio and foreline tolerance*
N
2
He
H
2
Ar
>1E+11
2E+08
3E+06
>1E+11
10 mbar
10 mbar
>4 mbar
8.5 mbar
(*) Foreline Tolerance defined as the pressure at which the turbopump still produce a
compression of 100 and estimated in water cooling mode
Base pressure with
recomm. forepump
< 1 x 10-10 mbar
(< 1 x 10-10 Torr)
Inlet flange
ISO 160K, ISO 160F, CFF 8”
Foreline flange
NW25 (NW40 as optional accessory)
Rotational speed
Auto setting from 40'800 RPM to 49'500 RPM
Start-up time
< 5 minutes
Technical Specification
Recommended forepump
DS302
IDP10
IDP15
Operating position
Any
Oper. ambient temperature
+5 °C to +35 °C
Rel. humidity of air
0 - 90 % (not condensing)
Bakeout temp.
ISO pump: 80 °C at inlet flange
CFF pump: 120 °C at inlet flange
Lubricant
Permanent grease lubrication
Cooling requirements
Air cooling
Air temperature from +5°C to 35°C
Water cooling
Water temperature from +15°C to +25°C
Water flow min. 100L/h
Noise Pressure Level
(at 1m at full speed)
43dB(A)
Storage temperature
-40°C to +70°C
Max altitude
3000 m
Weight kg (lbs)
ISO160K
ISO160F
CFF 8”
20.6 Kg / 45.3 lbs.
22.6 Kg / 49.7 lbs.
22 Kg / 48.4 lbs.
Conformity to norms
EMC (Control Units)
Safety (CE/CSA)
Machinery Directive
Low Voltage Directive
EMC Directive (Control Units)
ROHS
61326-1
61010-1
DIR 2006/42/CE
DIR 2014/35/EU
DIR 2014/30/EU
DIR 2011/65/EU
Outline Drawing
ISO160K
ELECTRICAL
CONNECTOR
VENT
SCREW
FORELINE
FLANGE KF25
ELECTRICAL
CONNECTOR
VENT
SCREW
FORELINE
FLANGE KF25
PURGE
SCREW
CFF 8"
PURGE
SCREW
Ø207.5 [8.17]
Ø179.86 [7.08]
115.25 [4.54]
117.25 [4.62]
12°
Ø207.5 [8.17]
Ø202.44 [7.97]
115.25 [4.54]
117.25 [4.62]
12°
ISO160K
ELECTRICAL
CONNECTOR
VENT
SCREW
FORELINE
FLANGE KF25
ELECTRICAL
CONNECTOR
VENT
SCREW
FORELINE
FLANGE KF25
PURGE
SCREW
CFF 8"
PURGE
SCREW
Ø207.5 [8.17]
Ø179.86 [7.08]
115.25 [4.54]
117.25 [4.62]
12°
Ø207.5 [8.17]
Ø202.44 [7.97]
115.25 [4.54]
117.25 [4.62]
12°
Technical Specification
3D Drawings available for download


Numéro de pièce similaire - 9699108

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
9699108 HP-9699108 Datasheet
1Mb / 4P
   Agilent TwisTorr 804 FS
9699108 HP-9699108 Datasheet
1Mb / 4P
   Agilent TwisTorr 304 FS
9699108 HP-9699108 Datasheet
680Kb / 3P
   Agilent TwisTorr 84 FS
More results

Description similaire - 9699108

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
304FS HP-304FS Datasheet
1Mb / 4P
   Agilent TwisTorr 304 FS
84FS HP-84FS Datasheet
680Kb / 3P
   Agilent TwisTorr 84 FS
804FS HP-804FS Datasheet
1Mb / 4P
   Agilent TwisTorr 804 FS
logo
TAI-SAW TECHNOLOGY CO.,...
TA1360A TAI-SAW-TA1360A Datasheet
439Kb / 6P
   SAW Filter 704 MHz
logo
Holt Integrated Circuit...
HI-8428 HOLTIC-HI-8428 Datasheet
124Kb / 16P
   MIL-STD-704 compliant
logo
Keysight Technologies
E1421B KEYSIGHT-E1421B Datasheet
223Kb / 5P
   Agilent E1421B
logo
Agilent(Hewlett-Packard...
X3501-64016 HP-X3501-64016 Datasheet
288Kb / 2P
   TwisTorr Medium-TMP Rack Controller
X3512-64016 HP-X3512-64016 Datasheet
272Kb / 2P
   TwisTorr Medium-TMP Onboard Controller
logo
Keysight Technologies
34411A KEYSIGHT-34411A Datasheet
160Kb / 6P
   Agilent MULTI Meter
logo
Agilent(Hewlett-Packard...
34401A HP-34401A Datasheet
167Kb / 4P
   Agilent 34401A Multimeter
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com