Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ML145564-6P Fiches technique(PDF) 2 Page - LANSDALE Semiconductor Inc.

No de pièce ML145564-6P
Description  PCM Codec-Filter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LANSDALE [LANSDALE Semiconductor Inc.]
Site Internet  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML145564-6P Fiches technique(HTML) 2 Page - LANSDALE Semiconductor Inc.

  ML145564-6P Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML145564-6P Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML145564-6P Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML145564-6P Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML145564-6P Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML145564-6P Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML145564-6P Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML145564-6P Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML145564-6P Datasheet HTML 9Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
ML145554, ML145557, ML145564, ML145567
LANSDALE Semiconductor, Inc.
PIN ASSIGNMENTS
ML145554, ML145557
ML145564, ML145567
13
14
15
16
9
10
11
12
5
4
3
2
1
8
7
6
TSX
GSX
VFXI–
MCLKX
BCLKX
DX
VCC
VFRO
GNDA
MCLKR/PDN
BCLKR/CLKSEL
DR
FSR
VBB
VFXI+
FSX
VPI
VPO –
GNDA
VPO+
5
4
3
2
1
10
9
8
7
6
14
15
16
17
18
19
20
11
12
13
ANLB
VBB
TSX
MCLKX
BCLKX
DX
FSX
GSX
VFXI–
VFXI+
VCC
VFRO
MCLKR/PDN
BCLKR/CLKSEL
DR
FSR
FUNCTIONAL BLOCK DIAGRAM
* ML145564 and ML145567 only.
GSX
ANLB
*
VCC
GNDA VBB
FSX FSR MCLKX BCLKX
MCLKR/
PDN
BCLKR/
CLKSEL
TSX
DX
DR
RECEIVE
SHIFT
REG
RECEIVE
LATCH
MUX
S/H
5–POLE SC
LOW–PASS
FILTER
RC ACTIVE
LOW–PASS
FILTER
VFRO
VPI
*
–1
VPO–
*
VPO+
*
VFXI+
VFXI–
8
4
8
SAR
REG
TRANSMIT
SHIFT
REG
4
CDAC
RDAC
BAND–GAP
VOLTAGE
REF
COMP
RC ACTIVE
LOW–PASS
FILTER
5–POLE SC
LOW–PASS
FILTER
3–POLE
HIGH–PASS
AND S/H
INTERNAL SEQUENCING
AND CONTROL
+
+
www.lansdale.com
Page 2 of 18
Issue A


Numéro de pièce similaire - ML145564-6P

FabricantNo de pièceFiches techniqueDescription
logo
LANSDALE Semiconductor ...
ML145564-6P LANSDALE-ML145564-6P Datasheet
1Mb / 18P
   PCM Codec-Filter
More results

Description similaire - ML145564-6P

FabricantNo de pièceFiches techniqueDescription
logo
KODENSHI_AUK CORP.
KK145567 KODENSHI-KK145567 Datasheet
373Kb / 10P
   PCM CODEC - FILTER
logo
Motorola, Inc
MC145554 MOTOROLA-MC145554 Datasheet
342Kb / 20P
   PCM Codec-Filter
logo
LANSDALE Semiconductor ...
ML145554 LANSDALE-ML145554 Datasheet
1Mb / 18P
   PCM Codec-Filter
logo
Integral Corp.
IL145567 INTEGRAL-IL145567 Datasheet
355Kb / 10P
   PCM CODEC - FILTER
logo
Motorola, Inc
MC145484 MOTOROLA-MC145484 Datasheet
293Kb / 26P
   5V PCM CODEC-FILTER
MC145480 MOTOROLA-MC145480 Datasheet
418Kb / 24P
   5V PCM CODEC-FILTER
logo
National Semiconductor ...
TP3094 NSC-TP3094 Datasheet
186Kb / 19P
   Quad PCM Codec/Filter
logo
NXP Semiconductors
MC145484 NXP-MC145484 Datasheet
607Kb / 28P
   5V PCM Codec-Filter
REV 2 3/98
logo
Motorola, Inc
MC145481 MOTOROLA-MC145481 Datasheet
319Kb / 23P
   3V PCM CODEC-FILTER
logo
LANSDALE Semiconductor ...
ML145506 LANSDALE-ML145506_08 Datasheet
2Mb / 20P
   PCM Codec-Filter Mono-Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com