Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC200-50806 Fiches technique(PDF) 3 Page - Lumberg

No de pièce MC200-50806
Description  Pluggable terminal blocks on pin headers, pitch 5.08 mm
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LUMBERG [Lumberg]
Site Internet  http://www.lumberg.com
Logo LUMBERG - Lumberg

MC200-50806 Fiches technique(HTML) 3 Page - Lumberg

  MC200-50806 Datasheet HTML 1Page - Lumberg MC200-50806 Datasheet HTML 2Page - Lumberg MC200-50806 Datasheet HTML 3Page - Lumberg  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
67 MC 200-508
01/2018
3
Designation
Pole Number
PU (Pieces)
MDQ (Pieces)
Dimensions
A (mm)
MC 200-508 02
2
500
600
10.16
MC 200-508 03
3
300
600
15.24
MC 200-508 04
4
200
600
20.32
MC 200-508 06
6
150
600
30.48
MC 200-508 08
8
100
600
40.64
Packaging:
in bulk, in a plastic bag
of 3


Numéro de pièce similaire - MC200-50806

FabricantNo de pièceFiches techniqueDescription
logo
Lumberg
MC200-50806 LUMBERG-MC200-50806 Datasheet
94Kb / 1P
   Steckbare Anschlussklemmen, Raster 5,08 mm
More results

Description similaire - MC200-50806

FabricantNo de pièceFiches techniqueDescription
logo
Lumberg
ME010-508 LUMBERG-ME010-508_18 Datasheet
426Kb / 3P
   Pluggable terminal blocks on pin headers, pitch 5.08 mm
ME020-508 LUMBERG-ME020-508_18 Datasheet
536Kb / 3P
   Pluggable terminal blocks on pin headers, pitch 5.08 mm
6770 LUMBERG-6770_18 Datasheet
336Kb / 4P
   Pluggable terminal blocks on pin headers, pitch 5.08 mm
ME030-508 LUMBERG-ME030-508_18 Datasheet
418Kb / 3P
   Pluggable terminal blocks on pin headers, pitch 5.08 mm
ME040-508 LUMBERG-ME040-508_18 Datasheet
450Kb / 3P
   Pluggable terminal blocks on pin headers, pitch 5.08 mm
MC310-508 LUMBERG-MC310-508_18 Datasheet
740Kb / 3P
   Pluggable terminal blocks on pin headers, pitch 5.08 mm
MC100-508 LUMBERG-MC100-508_18 Datasheet
794Kb / 3P
   Pluggable terminal blocks on pin headers, pitch 5.08 mm
MX122-508 LUMBERG-MX122-508 Datasheet
643Kb / 3P
   Spring terminal blocks, pitch 5.08 mm
MX222-508 LUMBERG-MX222-508 Datasheet
577Kb / 3P
   Spring terminal blocks, pitch 5.08 mm
KB LUMBERG-KB Datasheet
546Kb / 3P
   Pluggable screw terminal blocks on socket boards, pitch 5.0 mm
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com