Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS40091 Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS40091
Description  HIGH FREQUENCY MULTIPHASE CONTROLLER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS40091 Fiches technique(HTML) 6 Page - Texas Instruments

Back Button TPS40091 Datasheet HTML 2Page - Texas Instruments TPS40091 Datasheet HTML 3Page - Texas Instruments TPS40091 Datasheet HTML 4Page - Texas Instruments TPS40091 Datasheet HTML 5Page - Texas Instruments TPS40091 Datasheet HTML 6Page - Texas Instruments TPS40091 Datasheet HTML 7Page - Texas Instruments TPS40091 Datasheet HTML 8Page - Texas Instruments TPS40091 Datasheet HTML 9Page - Texas Instruments TPS40091 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
TPS40090
TPS40091
SLUS578A − OCTOBER 2003 − REVISED JUNE 2004
6
www.ti.com
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
BP5
22
O
Output of an internal 5V regulator. A 4.7-
µF capacitor should be connected from this pin to ground. For 5V
applications this pin should be connected to VDD.
COMP
9
O
Output of the error amplifier. The voltage at this pin determines the duty cycle for the PWM.
CS1
1
I
CS2
2
I
Used to sense the inductor current in the phases. Inductor current can be sensed with an external current sense
resistor or by using an external circuit and the inductor’s DC resistance. They are also used for overcurrent
CS3
3
I
resistor or by using an external circuit and the inductor’s DC resistance. They are also used for overcurrent
protection and forced current sharing between the phases.
CS4
4
I
protection and forced current sharing between the phases.
CSCN
5
I
Common point of current sense resistors or filter inductors
DIFFO
11
O
Output of the differential amplifier. The voltage at this pin represents the true output voltage without drops that
result from high current in the PCB traces
DROOP
7
I
Used to program droop function. A resistor between this pin and the REF pin sets the desired droop value.
EN/SYNC
24
I
A logic high signal on this input enables the controller operation. A pulsing signal to this pin synchronizes the main
oscillator to the rising edge of an external clock source. These pulses must be of higher frequency than the free
running frequency of the main oscillator set by the resistor from the RT pin.
FB
10
I
Inverting input of the error amplifier. In closed loop operation, the voltage at this pin is the internal reference level
of 700 mV. This pin is also used for the PGOOD and OVP comparators.
GND
17
Ground connection to the device.
GNDS
13
I
Inverting input of the differential amplifier. This pin should be connected to ground at the point of load.
ILIM
6
I
Used to set the cycle-by-cycle current limit threshold. If ILIM threshold is reached, the PWM cycle is terminated
and the converter delivers limited current to the output. Under these conditions the undervoltage threshold is
reached eventually and the controller enters the hiccup mode. The controller stays in hiccup mode for seven
consecutive cycles. At the eighth cycle the controller attempts a full start-up sequence.
PGOOD
14
O
Power good indicator of the output voltage. This open-drain output connects to the supply via an external resistor.
PWM1
21
O
Phase shifted PWM outputs which control the external drivers. The high output signal commands a PWM cycle.
PWM2
20
O
Phase shifted PWM outputs which control the external drivers. The high output signal commands a PWM cycle.
The low output signal commands controlled conduction of the synchronous rectifiers. These pins are also used
PWM3
19
O
The low output signal commands controlled conduction of the synchronous rectifiers. These pins are also used
to program various operating modes as follows: for three-phase mode, PWM4 is connected to 5 V; for two-phase
mode, PWM2 and PWM4 are connected to 5 V.
PWM4
18
O
to program various operating modes as follows: for three-phase mode, PWM4 is connected to 5 V; for two-phase
mode, PWM2 and PWM4 are connected to 5 V.
REF
8
O
Output of an internal 0.7-V reference voltage.
RT
16
I
Connecting a resistor from this pin to ground sets the oscillator frequency.
VIN
23
I
Power input for the chip. De-coupling of this pin is required.
VOUT
12
I
Non-inverting input of the differential amplifier. This pin should be connected to VOUT at the point of load.


Numéro de pièce similaire - TPS40091

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS40091 TI-TPS40091 Datasheet
916Kb / 31P
[Old version datasheet]    HIGH-FREQUENCY, MULTIPHASE CONTROLLER
TPS40091PW TI1-TPS40091PW Datasheet
962Kb / 31P
[Old version datasheet]   HIGH-FREQUENCY, MULTIPHASE CONTROLLER
TPS40091PWG4 TI1-TPS40091PWG4 Datasheet
962Kb / 31P
[Old version datasheet]   HIGH-FREQUENCY, MULTIPHASE CONTROLLER
TPS40091PWR TI1-TPS40091PWR Datasheet
962Kb / 31P
[Old version datasheet]   HIGH-FREQUENCY, MULTIPHASE CONTROLLER
TPS40091PWRG4 TI1-TPS40091PWRG4 Datasheet
962Kb / 31P
[Old version datasheet]   HIGH-FREQUENCY, MULTIPHASE CONTROLLER
More results

Description similaire - TPS40091

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS40090PW TI1-TPS40090PW Datasheet
962Kb / 31P
[Old version datasheet]   HIGH-FREQUENCY, MULTIPHASE CONTROLLER
TPS40090-Q1 TI1-TPS40090-Q1 Datasheet
363Kb / 24P
[Old version datasheet]   HIGH-FREQUENCY MULTIPHASE CONTROLLER
TPS40090-Q1 TI-TPS40090-Q1_15 Datasheet
852Kb / 27P
[Old version datasheet]   HIGH-FREQUENCY MULTIPHASE CONTROLLER
TPS40090 TI-TPS40090_15 Datasheet
916Kb / 31P
[Old version datasheet]    HIGH-FREQUENCY, MULTIPHASE CONTROLLER
logo
Maxim Integrated Produc...
MAX15158Z MAXIM-MAX15158Z Datasheet
996Kb / 26P
   High-Voltage Multiphase Boost Controller
Rev 0; 6/19
MAX15158 MAXIM-MAX15158 Datasheet
857Kb / 28P
   High-Voltage Multiphase Boost Controller
Rev 2; 11/19
logo
Intersil Corporation
ISL6595 INTERSIL-ISL6595 Datasheet
294Kb / 22P
   Digital Multiphase Controller
logo
Texas Instruments
LM5170-Q1 TI1-LM5170-Q1 Datasheet
3Mb / 67P
[Old version datasheet]   Multiphase Bidirectional Current Controller
logo
Maxim Integrated Produc...
MAX8707 MAXIM-MAX8707 Datasheet
780Kb / 37P
   Multiphase, Fixed-Frequency Controller for AMD Hammer CPU Core Power Supplies
Rev 0; 8/04
logo
Intersil Corporation
ISL6592 INTERSIL-ISL6592 Datasheet
378Kb / 21P
   6-Phase Digital Multiphase Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com