Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

96PS-A500WPS2-2 Fiches technique(PDF) 1 Page - Advantech Co., Ltd.

No de pièce 96PS-A500WPS2-2
Description  ATX Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ADVANTECH [Advantech Co., Ltd.]
Site Internet  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

96PS-A500WPS2-2 Fiches technique(HTML) 1 Page - Advantech Co., Ltd.

  96PS-A500WPS2-2 Datasheet HTML 1Page - Advantech Co., Ltd. 96PS-A500WPS2-2 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
96PS-A500WPS2-2
ATX Power Supply
General
Output Specifications
Output Power
500W
Output Voltage & Current
+3.3V @ 32A
;+5V @ 40A;+12V @ 32A;12V @ 1A;5V @ 0.8A;+5Vsb(DC) @ 2A;
Efficiency (%)
0.7
Main Connector
ATX (20 + 4pin)
Advantech Part Number
96PS-A500WPS2-2
Description
Zippy AC to DC 110-240V 500W W/PFC Switch Power Supply PS2 ATX Special
cable
Manufacturer
Zippy Technology
Features
Wide Storage Temperature from 20
℃ to 80℃
Wide Storage Humidity from 10% to 90%
MTBF:180K hours at 40
℃; 90% well performance @ 50C
Designed to meet CUL (UL 609501 2nd), CB (IEC 60950
1 2nd), CCC, CE, FCC, TUV (EN 609501)
Compact Size: 150 m
Mechanical
Form Factor
PS2
Dimension (L x W x H)
Vibration
N/A
MTBF
180.575K
Fan Function
Yes
Power Switch Function
Yes
140
×150×86mm


Numéro de pièce similaire - 96PS-A500WPS2-2

FabricantNo de pièceFiches techniqueDescription
logo
Advantech Co., Ltd.
96PS-A500W2U ADVANTECH-96PS-A500W2U Datasheet
315Kb / 2P
   ATX Power Supply
30-JAN-2015
96PS-A500WFXG ADVANTECH-96PS-A500WFXG Datasheet
619Kb / 2P
   1U Storage Chassis for MicroATX/ATX Serverboard with 4 Hot-swap Drive Bays
6-Aug-2021
More results

Description similaire - 96PS-A500WPS2-2

FabricantNo de pièceFiches techniqueDescription
logo
Advantech Co., Ltd.
96PS-A200W1U ADVANTECH-96PS-A200W1U Datasheet
115Kb / 2P
   ATX Power Supply
96PS-A500W2U ADVANTECH-96PS-A500W2U Datasheet
315Kb / 2P
   ATX Power Supply
30-JAN-2015
96PS-A250W1U-1 ADVANTECH-96PS-A250W1U-1 Datasheet
210Kb / 2P
   ATX Power Supply
15Feb2016
96PS-A300W1U-3 ADVANTECH-96PS-A300W1U-3 Datasheet
217Kb / 2P
   ATX Power Supply
96PS-A200W1U-1 ADVANTECH-96PS-A200W1U-1 Datasheet
104Kb / 2P
   ATX Power Supply
15Feb2016
96PS-A200W1U-3 ADVANTECH-96PS-A200W1U-3 Datasheet
103Kb / 2P
   ATX Power Supply
15Feb2016
96PS-A1K2WPS2 ADVANTECH-96PS-A1K2WPS2 Datasheet
234Kb / 2P
   ATX Power Supply
15Jan2016
96PS-A300W1U-1 ADVANTECH-96PS-A300W1U-1 Datasheet
220Kb / 2P
   ATX Power Supply
96PS-A150WFX-1 ADVANTECH-96PS-A150WFX-1 Datasheet
224Kb / 2P
   ATX Power Supply
logo
Delta Electronics, Inc.
MDS-350AD701AA DELTA-MDS-350AD701AA Datasheet
706Kb / 10P
   Medical ATX Power Supply
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com