Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

96PS-A300W1U-1 Fiches technique(PDF) 2 Page - Advantech Co., Ltd.

No de pièce 96PS-A300W1U-1
Description  ATX Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ADVANTECH [Advantech Co., Ltd.]
Site Internet  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

96PS-A300W1U-1 Fiches technique(HTML) 2 Page - Advantech Co., Ltd.

  96PS-A300W1U-1 Datasheet HTML 1Page - Advantech Co., Ltd. 96PS-A300W1U-1 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Input Specifications
Environmental Specification
Safety
Safety & EMC
Class A
Max Temp. (
°C) @ Load
50C@90%
Safety Standard
CUL / CB / CCC / CE / TUV
RoHs
YES
Storage Temp.
-20 - 80
°C
Storage Humidity
Operating Temp. (
°C)
0 - 40
°C
Input Voltage Range
100 - 240V
Input Current
6A @115Vac
;3A @230Vac
Input Frequency
50 - 60Hz
PFC Function
W/PFC
Input Current Type
AC to DC
All product specifications are subject to change without notice.
Last Updated:15Feb2016
Peripheral Allied Procurement Services
Your Ultimate Sourcing Partner
10 - 90%


Numéro de pièce similaire - 96PS-A300W1U-1

FabricantNo de pièceFiches techniqueDescription
logo
Advantech Co., Ltd.
96PS-A300W1U-3 ADVANTECH-96PS-A300W1U-3 Datasheet
217Kb / 2P
   ATX Power Supply
More results

Description similaire - 96PS-A300W1U-1

FabricantNo de pièceFiches techniqueDescription
logo
Advantech Co., Ltd.
96PS-A200W1U ADVANTECH-96PS-A200W1U Datasheet
115Kb / 2P
   ATX Power Supply
96PS-A500W2U ADVANTECH-96PS-A500W2U Datasheet
315Kb / 2P
   ATX Power Supply
30-JAN-2015
96PS-A250W1U-1 ADVANTECH-96PS-A250W1U-1 Datasheet
210Kb / 2P
   ATX Power Supply
15Feb2016
96PS-A300W1U-3 ADVANTECH-96PS-A300W1U-3 Datasheet
217Kb / 2P
   ATX Power Supply
96PS-A500WPS2-2 ADVANTECH-96PS-A500WPS2-2 Datasheet
230Kb / 2P
   ATX Power Supply
96PS-A200W1U-1 ADVANTECH-96PS-A200W1U-1 Datasheet
104Kb / 2P
   ATX Power Supply
15Feb2016
96PS-A200W1U-3 ADVANTECH-96PS-A200W1U-3 Datasheet
103Kb / 2P
   ATX Power Supply
15Feb2016
96PS-A1K2WPS2 ADVANTECH-96PS-A1K2WPS2 Datasheet
234Kb / 2P
   ATX Power Supply
15Jan2016
96PS-A150WFX-1 ADVANTECH-96PS-A150WFX-1 Datasheet
224Kb / 2P
   ATX Power Supply
logo
Delta Electronics, Inc.
MDS-350AD701AA DELTA-MDS-350AD701AA Datasheet
706Kb / 10P
   Medical ATX Power Supply
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com