Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

OMR9601 Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers

No de pièce OMR9601
Description  1 M Rad (Si), ULTRA LOW DROPOUT POSITIVE LINEAR REGULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

OMR9601 Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers

  OMR9601 Datasheet HTML 1Page - List of Unclassifed Manufacturers OMR9601 Datasheet HTML 2Page - List of Unclassifed Manufacturers OMR9601 Datasheet HTML 3Page - List of Unclassifed Manufacturers OMR9601 Datasheet HTML 4Page - List of Unclassifed Manufacturers OMR9601 Datasheet HTML 5Page - List of Unclassifed Manufacturers OMR9601 Datasheet HTML 6Page - List of Unclassifed Manufacturers OMR9601 Datasheet HTML 7Page - List of Unclassifed Manufacturers OMR9601 Datasheet HTML 8Page - List of Unclassifed Manufacturers OMR9601 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
OMR9601
Rev D, 02/14/2002
205 Crawford Street
• Leominster MA 01453 • Phone: 978 534 5776 • Fax: 978 537 4246 • www.omnirel.com
1 M Rad (Si), ULTRA LOW DROPOUT
POSITIVE LINEAR REGULATOR
FEATURES
• Total dose and low dose capability to 1M Rad (Si) allows use in space applications
• Ultra low dropout voltage of 0.4V @ 3A out significantly reduces power consumption
• Low noise, higher efficiency
• Remote Shutdown permits power sequencing to be easily implemented
• Hermetic MO-078AA (TO-258) and 8-lead flat pack ensure higher reliability
• K-level screened
DESCRIPTION
The OMR9601 is a radiation hardened, ultra low dropout linear regulator designed
specifically for space applications. This product has been characterized to a total ionizing
dose of 1M Rad (Si) per MIL-STD-883, Method 1019, Condition A at both high and low
dose rates under biased and unbiased conditions to account for ELDRE effects in bipolar
devices. The ultra low dropout voltage of 0.4V @ 3A makes the part particularly useful for
applications requiring low noise and higher efficiency.
MAXIMUM RATINGS (TJ=25°
°°°C unless otherwise specified)
Parameter
Symbol
Value
Unit
Output Current
Io
3.5
A
Input Voltage
Vin
+7.0
V
Lead Temperature
Tl
300
°C
Power Dissipation, TC =25°C
PTOT
19
W
Thermal Resistance, Junction to Case – MO-078AA
RthJC
6.5
°C/W
Thermal Resistance, Junction to Case – 8 Lead Flat Pack
RthJC
6.5
°C/W
Operating Temperature
Tj
-55…+125
°C
Storage Temperature Range
Ts
-65…+150
°C
Block Diagram
(Pin 4)
O
O
Vout
Vin
GND
Shutdown
O
(Pin 1)
(Pin 3)
(Pin 2)
SHDN
Reg.
Control
+3.3Vin to +2.5V Output at 3.0A
In Hermetic Packages


Html Pages

1  2  3  4  5  6  7  8  9 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn