Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

OMR9601 Fiches technique(PDF) 6 Page - List of Unclassifed Manufacturers

No de pièce OMR9601
Description  1 M Rad (Si), ULTRA LOW DROPOUT POSITIVE LINEAR REGULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

OMR9601 Fiches technique(HTML) 6 Page - List of Unclassifed Manufacturers

  OMR9601 Datasheet HTML 1Page - List of Unclassifed Manufacturers OMR9601 Datasheet HTML 2Page - List of Unclassifed Manufacturers OMR9601 Datasheet HTML 3Page - List of Unclassifed Manufacturers OMR9601 Datasheet HTML 4Page - List of Unclassifed Manufacturers OMR9601 Datasheet HTML 5Page - List of Unclassifed Manufacturers OMR9601 Datasheet HTML 6Page - List of Unclassifed Manufacturers OMR9601 Datasheet HTML 7Page - List of Unclassifed Manufacturers OMR9601 Datasheet HTML 8Page - List of Unclassifed Manufacturers OMR9601 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
OMR9601
Rev D, 02/14/2002
205 Crawford Street
• Leominster MA 01453 • Phone: 978 534 5776 • Fax: 978 537 4246 • www.omnirel.com
Application Schematic
O M R 9601
Vout
Vin
SHDN
GND
100uF 16V
Tantalum
1.0uF
Ceram ic
X7R
220uF 6.3V
Tantalum
Vin
Vo ut
G ro und
In order to maintain regulation and stability specified additional input and output bulk
capacitors are recommended. Capacitors recommended above should be low ESR tantalums
with tolerances of
± 20% max. Internal to the product are a 4.7uF input capacitor and a
4.7uF output capacitor in parallel with a 0.33uF ceramic capacitor.
Shutdown: The regulator can be shutdown by applying a voltage > 1.6V to pin 4. The
regulator will restart when the SHDN pin is pulled below the shutdown threshold of 1.0V. If
remote shutdown is not required, pin 4 should be connected to GND to insure a safe “off”
state.


Html Pages

1  2  3  4  5  6  7  8  9 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn