Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

OMR9601 Fiches technique(PDF) 5 Page - List of Unclassifed Manufacturers

No de pièce OMR9601
Description  1 M Rad (Si), ULTRA LOW DROPOUT POSITIVE LINEAR REGULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

OMR9601 Fiches technique(HTML) 5 Page - List of Unclassifed Manufacturers

  OMR9601 Datasheet HTML 1Page - List of Unclassifed Manufacturers OMR9601 Datasheet HTML 2Page - List of Unclassifed Manufacturers OMR9601 Datasheet HTML 3Page - List of Unclassifed Manufacturers OMR9601 Datasheet HTML 4Page - List of Unclassifed Manufacturers OMR9601 Datasheet HTML 5Page - List of Unclassifed Manufacturers OMR9601 Datasheet HTML 6Page - List of Unclassifed Manufacturers OMR9601 Datasheet HTML 7Page - List of Unclassifed Manufacturers OMR9601 Datasheet HTML 8Page - List of Unclassifed Manufacturers OMR9601 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
OMR9601
Rev D, 02/14/2002
205 Crawford Street
• Leominster MA 01453 • Phone: 978 534 5776 • Fax: 978 537 4246 • www.omnirel.com
Post Radiation Characteristics
Low Dose Rate Characteristics (0.1 Rads (Si)/Sec)
OMR9601 Ripple Rejection vs. Frequency
0
20
40
60
80
100
120
100
1,000
10,000
100,000
1,000,000
Frequency (Hz)
3A
1.5A
.75A
.50A
Typical Voltage Output
2.400
2.450
2.500
2.550
2.600
1
10
100
1000
Total Dose Level (krads)
Conditions:
Vin = 3.3vdc
Iload = 10 ma
Low Dose Rate
0.1 rad(Si)/sec


Html Pages

1  2  3  4  5  6  7  8  9 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn