Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

OMR9601 Fiches technique(PDF) 3 Page - List of Unclassifed Manufacturers

No de pièce OMR9601
Description  1 M Rad (Si), ULTRA LOW DROPOUT POSITIVE LINEAR REGULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

OMR9601 Fiches technique(HTML) 3 Page - List of Unclassifed Manufacturers

  OMR9601 Datasheet HTML 1Page - List of Unclassifed Manufacturers OMR9601 Datasheet HTML 2Page - List of Unclassifed Manufacturers OMR9601 Datasheet HTML 3Page - List of Unclassifed Manufacturers OMR9601 Datasheet HTML 4Page - List of Unclassifed Manufacturers OMR9601 Datasheet HTML 5Page - List of Unclassifed Manufacturers OMR9601 Datasheet HTML 6Page - List of Unclassifed Manufacturers OMR9601 Datasheet HTML 7Page - List of Unclassifed Manufacturers OMR9601 Datasheet HTML 8Page - List of Unclassifed Manufacturers OMR9601 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
OMR9601
Rev D, 02/14/2002
205 Crawford Street
• Leominster MA 01453 • Phone: 978 534 5776 • Fax: 978 537 4246 • www.omnirel.com
Post Radiation Characteristics
High Dose Rate Characteristics (90 Rads(Si)/Sec)
Typical Voltage Output
2.400
2.440
2.480
2.520
2.560
2.600
2.640
2.680
1
10
100
1000
Total D ose Level (krads)
Conditions:
Vin = 3.3vdc
Iload = 10 m a
High Dose Rate
90 rad(Si)/sec
(Post 1000hr Life Test)
High Dose Rate
90 rad(Si)/sec
(Pre 1000 hr Life Test)
Typical Bias Current
-1.00
-0.90
-0.80
-0.70
-0.60
-0.50
-0.40
-0.30
-0.20
-0.10
0.00
1
10
100
1000
Total Dose Level (krads)
Conditions:
Vin = 3.3Vdc
Iload = 10 ma
High Dose Rate
90 rad(Si)/sec
(Pre 1000 hr Life Test)
High Dose Rate
90 rad(Si)/sec
(Post 1000hr Life Test)


Html Pages

1  2  3  4  5  6  7  8  9 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn