Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC1-1T-75X+ Fiches technique(PDF) 2 Page - Mini-Circuits

No de pièce TC1-1T-75X+
Description  RF Transformer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MINI [Mini-Circuits]
Site Internet  http://www.minicircuits.com
Logo MINI - Mini-Circuits

TC1-1T-75X+ Fiches technique(HTML) 2 Page - Mini-Circuits

  TC1-1T-75X+ Datasheet HTML 1Page - Mini-Circuits TC1-1T-75X+ Datasheet HTML 2Page - Mini-Circuits TC1-1T-75X+ Datasheet HTML 3Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 2 of 3
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
RF Transformer
Electrical Specifications at 25°C
Maximum Ratings
Parameter
Ratings
Operating Temperature
-40°C to 85°C
Storage Temperature
-55°C to 100°C
RF Power
0.25W
DC Current
30mA
Pin Connections
Function
Pin Number
PRIMARY DOT
6
PRIMARY
4
SECONDARY DOT
1
SECONDARY
3
SECONDARY CT
2
Permanent damage may occur if any of these limits are exceeded.
75Ω
5 to 120 MHz
Config. A
Features
• DOCSIS 3.1 suitable
• plastic base with leads
• aqueous washable
*Insertion Loss is referenced to mid-band loss, 0.25 dB typ.
TC1-1T-75X+
Surface Mount
CASE STYLE: AT1521
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
REV. OR
M151741
TC1-1T-75X+
ED-14501A/1
IG/CP/AM
151102
Parameter
Frequency (MHz)
Min.
Typ.
Max.
Unit
Impedance Ratio
1
Ohm
Frequency Range
5
120
MHz
Insertion Loss*
5 - 75
0.1
0.4
dB
75 - 120
0.3
0.6
Amplitude Unbalance
5 - 75
0.1
0.2
dB
75 - 120
0.2
0.3
Phase Unbalance
5 - 75
1
4
Degree
75 - 120
3
6
Return Loss
5 - 20
25
30
dB
20-75
23
28
75-120
20
25
top hat
®
Available Tape and
Reel
at no extra cost
Reel Size
Devices/Reel
7”
20, 50, 100, 200, 500
13”
1000, 2000
Applications
• impedance matching
• unbalance to balance transformation
• cable/CATV and broadband fiber networks


Numéro de pièce similaire - TC1-1T-75X+

FabricantNo de pièceFiches techniqueDescription
logo
Mini-Circuits
TC1-1T-152X MINI-TC1-1T-152X Datasheet
320Kb / 3P
   RF Transformer
TC1-1T-152X++ MINI-TC1-1T-152X+ Datasheet
320Kb / 3P
   RF Transformer
TC1-1T-152X-4++ MINI-TC1-1T-152X-4+ Datasheet
513Kb / 4P
   RF Transformer
REV. OR
More results

Description similaire - TC1-1T-75X+

FabricantNo de pièceFiches techniqueDescription
logo
Mini-Circuits
TC133-282 MINI-TC133-282 Datasheet
262Kb / 2P
   RF Transformer
logo
M/A-COM Technology Solu...
DS-MABA-007748-CT1160 MA-COM-DS-MABA-007748-CT1160 Datasheet
361Kb / 3P
   RF Transformer
logo
Mini-Circuits
TC4-1WG2 MINI-TC4-1WG2 Datasheet
114Kb / 1P
   RF Transformer
logo
Pulse A Technitrol Comp...
CX2078NL PULSE-CX2078NL Datasheet
179Kb / 2P
   RF TRANSFORMER
logo
XFMRS Inc.
XFWB3010 XFMRS-XFWB3010 Datasheet
40Kb / 1P
   RF TRANSFORMER
XFWB-1-A XFMRS-XFWB-1-A_15 Datasheet
40Kb / 1P
   RF TRANSFORMER
XFWB-4-1T XFMRS-XFWB-4-1T_15 Datasheet
39Kb / 1P
   RF TRANSFORMER
XFWB3010 XFMRS-XFWB3010_15 Datasheet
40Kb / 1P
   RF TRANSFORMER
logo
Mini-Circuits
ADT4-1WT MINI-ADT4-1WT_15 Datasheet
201Kb / 1P
   RF Transformer
ADT4-5WT MINI-ADT4-5WT Datasheet
186Kb / 1P
   RF Transformer
ADT9-1T MINI-ADT9-1T Datasheet
204Kb / 1P
   RF Transformer
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com