Moteur de recherche de fiches techniques de composants électroniques |
|
TC1-1T Fiches technique(PDF) 1 Page - Mini-Circuits |
|
TC1-1T Fiches technique(HTML) 1 Page - Mini-Circuits |
|
1 / 1 page Notes A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document. B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions. C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp Mini-Circuits® www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com Page 1 of 1 50 Ω 0.4 to 500 MHz RF Transformer Surface Mount Outline Dimensions ( ) inch mm Maximum Ratings Pin Connections Features • VHF/UHF receivers/transmitters • push-pull amplifiers PRIMARY DOT 6 PRIMARY 4 SECONDARY DOT 1 SECONDARY 3 SECONDARY CT 2 • usable over 0.4-500 MHz • excellent amplitude unbalance, 0.1 dB typ. and phase unbalance, 2 deg typ. in 1 dB bandwidth • good return loss • plastic base with leads • aqueous washable Applications Operating Temperature -40°C to 85°C Storage Temperature -55°C to 100°C RF Power 0.25W DC Current 30mA Electrical Specifications REV. D M151107 TC1-1T+ ED-9236/2 IG/TD/CP/AM 151019 Typical Performance Data Config. A * Insertion Loss is referenced to mid-band loss, 0.35 dB typ. 0.30 0.88 15.46 0.06 0.03 1.00 0.57 21.01 0.04 0.05 5.00 0.33 27.35 0.02 0.01 10.00 0.32 28.55 0.02 0.15 50.00 0.40 23.46 0.02 0.63 100.00 0.51 18.34 0.06 1.24 200.00 0.78 13.01 0.21 2.57 300.00 1.10 10.06 0.47 3.99 400.00 1.46 8.16 0.82 5.66 500.00 1.84 6.90 1.26 7.50 TC1-1T+ Outline Drawing AT224-1A Ω RATIO FREQUENCY (MHz) INSERTION LOSS* PHASE UNBALANCE (Deg.) Typ. AMPLITUDE UNBALANCE (dB) Typ. 3 dB MHz 2 dB MHz 1 dB MHz 1 dB bandwidth 2 dB bandwidth 1 dB bandwidth 2 dB bandwidth 1 0.4-500 0.4-500 0.5-300 1-100 2 5 0.1 0.6 FREQUENCY (MHz) INSERTION LOSS (dB) INPUT R. LOSS (dB) AMPLITUDE UNBALANCE (dB) PHASE UNBALANCE (Deg.) Suggested Layout, Tolerance to be within ±.002 PCB Land Pattern Lead #1 identifier shall be located in the cross-hatched area shown. Identifier may be either a molded or marked feature. A BC D E F .150 .150 .160 .050 .040 .025 3.81 3.81 4.06 1.27 1.02 0.64 GH J K wt .028 .065 .190 .030 grams 0.71 1.65 4.83 0.76 0.15 Permanent damage may occur if any of these limits are exceeded. CASE STYLE: AT224-1A INPUT RETURN LOSS 0.0 5.0 10.0 15.0 20.0 25.0 30.0 0 100 200 300 400 500 FREQUENCY (MHz) INSERTION LOSS 0.2 0.6 1.0 1.4 1.8 2.2 0 100 200 300 400 500 FREQUENCY (MHz) +RoHS Compliant The +Suffix identifies RoHS Compliance. See our web site for RoHS Compliance methodologies and qualifications *Addition of Top hat™ feature Benefits • Allows faster pick-and-place • Enables visual identification marking TC1-1 TX+ Upgr ade d Ver sion* Available Tape and Reel at no extra cost Reel Size Devices/Reel 7” 20, 50, 100, 200, 500 13” 1000, 2000 |
Numéro de pièce similaire - TC1-1T |
|
Description similaire - TC1-1T |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |