Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NLAS3158 Fiches technique(PDF) 10 Page - ON Semiconductor

No de pièce NLAS3158
Description  Low Voltage Dual SPDT Analog Switch Dual 2:1 Multiplexer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAS3158 Fiches technique(HTML) 10 Page - ON Semiconductor

Back Button NLAS3158 Datasheet HTML 4Page - ON Semiconductor NLAS3158 Datasheet HTML 5Page - ON Semiconductor NLAS3158 Datasheet HTML 6Page - ON Semiconductor NLAS3158 Datasheet HTML 7Page - ON Semiconductor NLAS3158 Datasheet HTML 8Page - ON Semiconductor NLAS3158 Datasheet HTML 9Page - ON Semiconductor NLAS3158 Datasheet HTML 10Page - ON Semiconductor NLAS3158 Datasheet HTML 11Page - ON Semiconductor NLAS3158 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
NLAS3158
http://onsemi.com
10
Figure 12. RON vs. VIN vs. Temperature
@ VCC = 3.0 V
0
2
4
6
0.0
0.5
1.0
1.5
2.0
3.0
VIN (V)
Figure 13. RON vs. VIN vs. Temperature
@ VCC = 4.5 V
0
5
10
15
20
25
0.0
1.0
2.0
3.0
4.0
5.0
VIN (V)
Figure 14. On−Resistance vs. Input Voltage
0
4
8
12
0.0
1.0
2.0
3.0
VIN (V)
Figure 15. Bandwidth vs. Frequency
FREQUENCY (MHz)
0.1
1000
10
1.0
0.01
0
−2
Figure 16. Off−Isolation vs. Frequency
FREQUENCY (MHz)
0
−10
−70
Figure 17. Phase Angle vs. Frequency
FREQUENCY (MHz)
35
25
−15
0.5
1.5
2.5
3.5
4.5
2.5
0.5
1.5
2.5
3.5
4.5
4.0
−4
−6
−8
−10
−12
−14
1.0
1000
100
10
0.1
−20
−30
−40
−50
−60
1
1000
100
10
0.01
20
15
10
5
0
−5
−10
2.3 V
3.0 V
4.5 V
−55
°C
−40
°C
85
°C
125
°C
25
°C
8
10
12
14
16
18
20
2
6
10
30
35
40
100
−100
−80
−90
0.1
30
2.3 V
3.0 V
4.5 V
2.3 V
3.0 V
4.5 V
2.3 V
3.0 V
4.5 V
−55
°C
−40
°C
85
°C
25
°C
125
°C


Numéro de pièce similaire - NLAS3158

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NLAS3158 ONSEMI-NLAS3158 Datasheet
113Kb / 12P
   Low Voltage Dual SPDT Analog Switch Dual 2:1 Multiplexer
August, 2005 ??Rev. 1
NLAS3158 ONSEMI-NLAS3158 Datasheet
101Kb / 12P
   Low Voltage Dual SPDT Analog Switch Dual 2:1 Multiplexer
November, 2015 ??Rev. 2
NLAS3158MNR2G ONSEMI-NLAS3158MNR2G Datasheet
113Kb / 12P
   Low Voltage Dual SPDT Analog Switch Dual 2:1 Multiplexer
August, 2005 ??Rev. 1
NLAS3158MNR2G ONSEMI-NLAS3158MNR2G Datasheet
101Kb / 12P
   Low Voltage Dual SPDT Analog Switch Dual 2:1 Multiplexer
November, 2015 ??Rev. 2
NLAS3158 ONSEMI-NLAS3158_05 Datasheet
113Kb / 12P
   Low Voltage Dual SPDT Analog Switch Dual 2:1 Multiplexer
August, 2005 ??Rev. 1
More results

Description similaire - NLAS3158

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NLAS3158 ONSEMI-NLAS3158_15 Datasheet
101Kb / 12P
   Low Voltage Dual SPDT Analog Switch Dual 2:1 Multiplexer
November, 2015 ??Rev. 2
NLAS3158 ONSEMI-NLAS3158_05 Datasheet
113Kb / 12P
   Low Voltage Dual SPDT Analog Switch Dual 2:1 Multiplexer
August, 2005 ??Rev. 1
logo
Texas Instruments
TS3A24159 TI-TS3A24159_08 Datasheet
895Kb / 25P
[Old version datasheet]   0.3-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24159 TI1-TS3A24159_14 Datasheet
1Mb / 31P
[Old version datasheet]   0.3-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157 TI-TS3A24157_09 Datasheet
768Kb / 24P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157 TI1-TS3A24157_14 Datasheet
1Mb / 27P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157 TI-TS3A24157_1 Datasheet
756Kb / 24P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157 TI-TS3A24157 Datasheet
790Kb / 25P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157 TI-TS3A24157_15 Datasheet
1,017Kb / 26P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24159 TI-TS3A24159 Datasheet
476Kb / 21P
[Old version datasheet]   0.3-W DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com