Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM3578AN Fiches technique(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce LM3578AN
Description  Switching Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3578AN Fiches technique(HTML) 3 Page - National Semiconductor (TI)

  LM3578AN Datasheet HTML 1Page - National Semiconductor (TI) LM3578AN Datasheet HTML 2Page - National Semiconductor (TI) LM3578AN Datasheet HTML 3Page - National Semiconductor (TI) LM3578AN Datasheet HTML 4Page - National Semiconductor (TI) LM3578AN Datasheet HTML 5Page - National Semiconductor (TI) LM3578AN Datasheet HTML 6Page - National Semiconductor (TI) LM3578AN Datasheet HTML 7Page - National Semiconductor (TI) LM3578AN Datasheet HTML 8Page - National Semiconductor (TI) LM3578AN Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Total Supply Voltage
50V
Collector Output to Ground
−0.3V to +50V
Emitter Output to Ground (Note 2)
−1V to +50V
Power Dissipation (Note 3)
Internally limited
Output Current
750 mA
Storage Temperature
−65˚C to +150˚C
Lead Temperature
(soldering, 10 seconds)
260˚C
Maximum Junction Temperature
150˚C
ESD Tolerance (Note 4)
2 kV
Operating Ratings
Ambient Temperature Range
LM2578A
−40˚C
≤ T
A
≤+85˚C
LM3578A
0˚C
≤ T
A
≤+70˚C
Junction Temperature Range
LM2578A
−40˚C
≤ T
J
≤+125˚C
LM3578A
0˚C
≤ T
J
≤+125˚C
Electrical Characteristics
These specifications apply for 2V
≤ V
IN
≤ 40V (2.2V ≤ V
IN
≤ 40V for T
J
≤ −25˚C), timing capacitor C
T = 3900 pF, and 25%
duty cycle
≤ 75%, unless otherwise specified. Values in standard typeface are for T
J = 25˚C; values in boldface type apply for
operation over the specified operating junction temperature range.
LM2578A/
Symbol
Parameter
Conditions
Typical
LM3578A
Units
(Note 5)
Limit (Note 6)
OSCILLATOR
f
OSC
Frequency
20
kHz
24
kHz (max)
16
kHz (min)
∆f
OSC/
∆T
Frequency Drift with Temperature
−0.13
%/˚C
Amplitude
550
mV
p-p
REFERENCE/COMPARATOR (Note 7)
V
R
Input Reference
I
1 =I2 = 0 mA and
1.0
V
Voltage
I
1 =I2 =1mA ±1% (Note 8)
1.050/1.070
V (max)
0.950/0.930
V (min)
∆V
R/
∆V
IN
Input Reference Voltage Line
Regulation
I
1 =I2 = 0 mA and
0.003
%/V
I
1 =I2 =1mA ±1% (Note 8)
0.01/0.02
%/V (max)
I
INV
Inverting Input Current
I
1 =I2 = 0 mA, duty cycle = 25%
0.5
µA
Level Shift Accuracy
Level Shift Current=1mA
1.0
%
10/13
% (max)
∆V
R/
∆t
Input Reference Voltage Long Term
Stability
100
ppm/1000h
OUTPUT
V
C (sat)
Collector Saturation Voltage
I
C = 750 mA pulsed, Emitter
grounded
0.7
V
0.90/1.2
V (max)
V
E (sat)
Emitter Saturation Voltage
I
O = 80 mA pulsed,
1.4
V
V
IN =VC = 40V
1.7/2.0
V (max)
I
CES
Collector Leakage Current
V
IN =VCE = 40V, Emitter grounded,
Output OFF
0.1
µA
200/250
µA (max)
BV
CEO(SUS)
Collector-Emitter Sustaining Voltage I
SUST = 0.2A (pulsed), VIN = 0
60
V
50
V (min)
CURRENT LIMIT
V
CL
Sense Voltage Shutdown Level
Referred to V
IN or Ground
110
mV
(Note 9)
80
mV (min)
160
mV (max)
www.national.com
3


Numéro de pièce similaire - LM3578AN

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM3578AN NSC-LM3578AN Datasheet
1Mb / 18P
   Switching Regulator
logo
Texas Instruments
LM3578AN TI-LM3578AN Datasheet
1Mb / 30P
[Old version datasheet]   LM2578A/LM3578A Switching Regulator
LM3578AN/NOPB TI1-LM3578AN/NOPB Datasheet
1Mb / 30P
[Old version datasheet]   Switching Regulator
More results

Description similaire - LM3578AN

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TPC8012-H TOSHIBA-TPC8012-H_06 Datasheet
270Kb / 7P
   Switching Regulator Applications Switching Regulator Applications
logo
Texas Instruments
PT7778-3.3V TI1-PT7778-3.3V Datasheet
183Kb / 4P
[Old version datasheet]   Switching Regulator
logo
National Semiconductor ...
LM1578A NSC-LM1578A Datasheet
1Mb / 18P
   Switching Regulator
logo
Sanyo Semicon Device
LA5757TP SANYO-LA5757TP Datasheet
78Kb / 6P
   Switching Regulator
LA5756 SANYO-LA5756 Datasheet
125Kb / 4P
   Switching Regulator
logo
ON Semiconductor
CS5111 ONSEMI-CS5111 Datasheet
112Kb / 16P
   Switching Regulator
January, 2001 ??Rev. 9
logo
National Semiconductor ...
LM2579 NSC-LM2579 Datasheet
540Kb / 13P
   SWITCHING REGULATOR
logo
Texas Instruments
LM2578A TI1-LM2578A Datasheet
1Mb / 30P
[Old version datasheet]   Switching Regulator
logo
ON Semiconductor
LA5774MC ONSEMI-LA5774MC Datasheet
313Kb / 6P
   Switching Regulator
May,2013
logo
XP Power Limited
STR XPPOWER-STR Datasheet
360Kb / 4P
   Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com