Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BA82902YFJ-CE2 Fiches technique(PDF) 4 Page - Rohm

No de pièce BA82902YFJ-CE2
Description  Automotive Excellent EMI Characteristics Ground Sense Operational Amplifiers
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BA82902YFJ-CE2 Fiches technique(HTML) 4 Page - Rohm

  BA82902YFJ-CE2 Datasheet HTML 1Page - Rohm BA82902YFJ-CE2 Datasheet HTML 2Page - Rohm BA82902YFJ-CE2 Datasheet HTML 3Page - Rohm BA82902YFJ-CE2 Datasheet HTML 4Page - Rohm BA82902YFJ-CE2 Datasheet HTML 5Page - Rohm BA82902YFJ-CE2 Datasheet HTML 6Page - Rohm BA82902YFJ-CE2 Datasheet HTML 7Page - Rohm BA82902YFJ-CE2 Datasheet HTML 8Page - Rohm BA82902YFJ-CE2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
4/35
BA82904Yxxx-C
BA82902Yxxx-C
© 2017 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111
• 15 • 001
TSZ02201-0GLG0G200040-1-2
20.Feb.2018 Rev.007
Thermal Resistance(Note 1)
Parameter
Symbol
Thermal Resistance (Typ)
Unit
1s(Note 3)
2s2p(Note 4)
MSOP8
Junction to Ambient
θJA
284.1
135.4
°C/W
Junction to Top Characterization Parameter(Note 2)
ΨJT
21
11
°C/W
SOP8
Junction to Ambient
θJA
197.4
109.8
°C/W
Junction to Top Characterization Parameter(Note 2)
ΨJT
21
19
°C/W
SOP14
Junction to Ambient
θJA
166.5
108.1
°C/W
Junction to Top Characterization Parameter(Note 2)
ΨJT
26
22
°C/W
SSOP-B14
Junction to Ambient
θJA
159.6
92.8
°C/W
Junction to Top Characterization Parameter(Note 2)
ΨJT
13
9
°C/W
SOP-J14
Junction to Ambient
θJA
118.5
67.2
°C/W
Junction to Top Characterization Parameter(Note 2)
ΨJT
10
10
°C/W
TSSOP-B14J
Junction to Ambient
θJA
185.4
98.4
°C/W
Junction to Top Characterization Parameter(Note 2)
ΨJT
16
14
°C/W
(Note 1) Based on JESD51-2A(Still-Air).
(Note 2) The thermal characterization parameter to report the difference between junction temperature and the temperature at the top center of the outside
surface of the component package.
(Note 3) Using a PCB board based on JESD51-3.
(Note 4) Using a PCB board based on JESD51-7.
Layer Number of
Measurement Board
Material
Board Size
Single
FR-4
114.3mm x 76.2mm x 1.57mmt
Top
Copper Pattern
Thickness
Footprints and Traces
70
μm
Layer Number of
Measurement Board
Material
Board Size
4 Layers
FR-4
114.3mm x 76.2mm x 1.6mmt
Top
2 Internal Layers
Bottom
Copper Pattern
Thickness
Copper Pattern
Thickness
Copper Pattern
Thickness
Footprints and Traces
70
μm
74.2mm x 74.2mm
35
μm
74.2mm x 74.2mm
70
μm


Numéro de pièce similaire - BA82902YFJ-CE2

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BA82901YF-C ROHM-BA82901YF-C Datasheet
2Mb / 31P
   Automotive Excellent EMI Characteristics Ground Sense Comparators
26.Jun.2018 Rev.001
BA82901YF-CE2 ROHM-BA82901YF-CE2 Datasheet
2Mb / 31P
   Automotive Excellent EMI Characteristics Ground Sense Comparators
26.Jun.2018 Rev.001
BA82901YFV-C ROHM-BA82901YFV-C Datasheet
2Mb / 31P
   Automotive Excellent EMI Characteristics Ground Sense Comparators
26.Jun.2018 Rev.001
BA82901YFV-CE2 ROHM-BA82901YFV-CE2 Datasheet
2Mb / 31P
   Automotive Excellent EMI Characteristics Ground Sense Comparators
26.Jun.2018 Rev.001
BA82901YXX-C ROHM-BA82901YXX-C Datasheet
2Mb / 31P
   Automotive Excellent EMI Characteristics Ground Sense Comparators
26.Jun.2018 Rev.001
More results

Description similaire - BA82902YFJ-CE2

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
LM2904EYXXX-C ROHM-LM2904EYXXX-C Datasheet
1Mb / 26P
   Automotive Excellent EMI Characteristics Ground Sense Operational Amplifier
29.Jun.2022 Rev.003
BA82903YXXX-C ROHM-BA82903YXXX-C Datasheet
2Mb / 31P
   Automotive Excellent EMI Characteristics Ground Sense Comparators
26.Jun.2018 Rev.001
LM2902EYFV-C ROHM-LM2902EYFV-C Datasheet
1Mb / 24P
   Automotive Excellent EMI Immunity Ground Sense Operational Amplifier
22.Jun.2023 Rev.001
BA2904YF-C ROHM-BA2904YF-C Datasheet
383Kb / 17P
   Automotive Operational Amplifiers: Ground Sense
BA2904YF-M ROHM-BA2904YF-M Datasheet
565Kb / 29P
   Automotive Ground Sense Operational Amplifiers
BA2904FC ROHM-BA2904FC Datasheet
471Kb / 30P
   Automotive Ground Sense Operational Amplifiers
BA2902YF-M ROHM-BA2902YF-M Datasheet
565Kb / 29P
   Automotive Ground Sense Operational Amplifiers
BD77501G ROHM-BD77501G Datasheet
1Mb / 29P
   High Speed Ground Sense Excellent EMI Characteristics CMOS Operational Amplifier
BA83472YF-C ROHM-BA83472YF-C Datasheet
2Mb / 29P
   Automotive High Speed Excellent EMI Characteristics Operational Amplifiers
09.Nov.2020 Rev.003
LM8391EYG-C ROHM-LM8391EYG-C Datasheet
1Mb / 22P
   Automotive Excellent EMI Immunity Ground Sense Comparators
20.Feb.2023 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com