Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI2101 Fiches technique(PDF) 3 Page - Micro Commercial Components

No de pièce SI2101
Description  P-Channel Enhancement Mode Field Effect Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MCC [Micro Commercial Components]
Site Internet  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SI2101 Fiches technique(HTML) 3 Page - Micro Commercial Components

  SI2101 Datasheet HTML 1Page - Micro Commercial Components SI2101 Datasheet HTML 2Page - Micro Commercial Components SI2101 Datasheet HTML 3Page - Micro Commercial Components SI2101 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Revision:
A
20
16/06/02
www.mccsemi.com
3 of
4
Micro Commercial Components
M C C
R
-0
-1
-2
-3
-4
-0
-2
-4
-6
-8
-10
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
-1.4
-0.01
-0.1
-1
-0
-1
-2
-3
-4
-5
-0
-2
-4
-6
-8
-10
-0
-2
-4
-6
-8
-10
50
100
150
200
-0
-6
-12
-18
40
60
80
100
120
T
a=25
Pulsed
Transfer Characteristics
GATE TO SOURCE VOLTAGE V
GS
(V)
-4
-0.3
-0.03
V
SD
I
S
——
V
SOURCE TO DRAIN VOLTAGE
SD
V)
(
T
a=25
Pulsed
V
GS=-4.5V,-4.0V,-3.5V,-3.0V,-2.5V
-2.2V
-2.0V
-1.8V
-1.6V
-1.4V
-1.2V
V
GS=-1.0V
Output Characteristics
DRAIN TO SOURCE VOLTAGE V
DS
(V)
V
GS=-1.8V
V
GS=-2.5V
V
GS=-4.5V
DRAIN CURRENT I
D
(A)
T
a=25
Pulsed
T
a=25
Pulsed
T
a=25
Pulsed
I
D=-0.5A
I
D=-0.3A
I
D=-1.0A
I
D
R
DS(ON)
——
V
GS
R
DS(ON)
——
GATE TO SOURCE VOLTAGE V
GS
(V)
Typical Characteristics


Numéro de pièce similaire - SI2101

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI2107 SILABS-SI2107 Datasheet
952Kb / 80P
   SATELLITE RECEIVER FOR DVB-S/DSS
SI2107 SILABS-SI2107 Datasheet
1Mb / 94P
   SATELLITE RECEIVER FOR DVB-S/DSS WITH QUICKLOCK AND QUICKSCAN
SI2107-X-FM SILABS-SI2107-X-FM Datasheet
952Kb / 80P
   SATELLITE RECEIVER FOR DVB-S/DSS
SI2107-X-FM SILABS-SI2107-X-FM Datasheet
1Mb / 94P
   SATELLITE RECEIVER FOR DVB-S/DSS WITH QUICKLOCK AND QUICKSCAN
SI2107 SILABS-SI2107_06 Datasheet
1Mb / 94P
   SATELLITE RECEIVER FOR DVB-S/DSS WITH QUICKLOCK AND QUICKSCAN
More results

Description similaire - SI2101

FabricantNo de pièceFiches techniqueDescription
logo
Alpha & Omega Semicondu...
AOD419 AOSMD-AOD419 Datasheet
119Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM4435A CET-CEM4435A Datasheet
106Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CES2321 CET-CES2321 Datasheet
108Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CED2303 CET-CED2303 Datasheet
140Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CED3423 CET-CED3423 Datasheet
258Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
BSS84W DIODES-BSS84W_1 Datasheet
100Kb / 4P
   P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30205 Rev. 9 - 2
logo
Alpha & Omega Semicondu...
AO6403 AOSMD-AO6403 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AO6419 AOSMD-AO6419 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AO7413 AOSMD-AO7413 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AOU403 AOSMD-AOU403 Datasheet
72Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com