Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ML145406 Fiches technique(PDF) 1 Page - LANSDALE Semiconductor Inc.

No de pièce ML145406
Description  Driver/Receiver EIA 232?밇 and CCITT V.28
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LANSDALE [LANSDALE Semiconductor Inc.]
Site Internet  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML145406 Fiches technique(HTML) 1 Page - LANSDALE Semiconductor Inc.

  ML145406 Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML145406 Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML145406 Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML145406 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML145406 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML145406 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML145406 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML145406 Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML145406 Datasheet HTML 9Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
www.lansdale.com
Page 1 of 10
Issue A
ML145406
Driver/Receiver
EIA 232–E and CCITT V.28
(Formerly RS–232–D)
Legacy Device: Motorola MC145406
The ML145406 is a silicon–gate CMOS IC that combines three drivers and
three receivers to fulfill the electrical specifications of standards EIA 232–E
and CCITT V.28. The drivers feature true TTL input compatibility,
slew–rate–limited output, 300–Ω power–off source impedance, and output typ-
ically switching to within 25% of the supply rails. The receivers can handle up
to ±25 V while presenting 3 to 7 kΩ impedance. Hysteresis in the receivers
aids reception of noisy signals. By combining both drivers and receivers in a
single CMOS chip, the ML145406 provides efficient, low–power solutions for
EIA 232–E and V.28 applications.
This device offers the following performance features:
• Operating Temperature Range = TA –40° to +85°C
Drivers
• ± 5 V to ±12 V Supply Range
• 300–Ω Power–Off Source Impedance
• Output Current Limiting
• TTL Compatible
• Maximum Slew Rate = 30 V/µs
Receivers
• ± 25 V Input Voltage Range When VDD = 12 V, VSS = – 12 V
• 3 to 7 kΩ Input Impedance
• Hysteresis on Input Switchpoint
P DIP 16 = EP
PLASTIC
CASE 648
SO 16W = -5P
SOG
CASE 751G
16
1
16
1
CROSS REFERENCE/ORDERING INFORMATION
MOTOROLA
P DIP 16
MC145406P
ML145406EP
SO 16W
MC145406DW
ML145406-6P
LANSDALE
PACKAGE
Note: Lansdale lead free (Pb) product, as it
becomes available, will be identified by a part
number prefix change from
ML to MLE.
PIN ASSIGNMENT
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
R
D
VDD
Rx1
Tx1
Rx2
Tx2
Rx3
Tx3
VSS
VCC
DO1
DI1
DO2
DI2
DO3
DI3
GND
D = DRIVER
R = RECEIVER
R
R
D
D
BLOCK DIAGRAM
VDD
RECEIVER
VCC
DO
DI
1.4 V
HYSTERESIS
1.8 V
1.0 V
DRIVER
LEVEL
SHIFT
300
Tx
VSS
5.4 k
Rx
15 k
*Protection circuit
VCC
VDD
VDD
VCC
VSS
+
+
*


Numéro de pièce similaire - ML145406

FabricantNo de pièceFiches techniqueDescription
logo
LANSDALE Semiconductor ...
ML145406 LANSDALE-ML145406 Datasheet
759Kb / 10P
   Driver/Receiver EIA 232-E and CCITT V.28 (Formerly RS-232-D)
ML145406-6P LANSDALE-ML145406-6P Datasheet
759Kb / 10P
   Driver/Receiver EIA 232-E and CCITT V.28 (Formerly RS-232-D)
ML145406EP LANSDALE-ML145406EP Datasheet
759Kb / 10P
   Driver/Receiver EIA 232-E and CCITT V.28 (Formerly RS-232-D)
More results

Description similaire - ML145406

FabricantNo de pièceFiches techniqueDescription
logo
LANSDALE Semiconductor ...
ML145403 LANSDALE-ML145403_08 Datasheet
259Kb / 8P
   Drivers/Receivers RS 232/EIA??32?밇 and CCITT V.28
ML145406 LANSDALE-ML145406 Datasheet
759Kb / 10P
   Driver/Receiver EIA 232-E and CCITT V.28 (Formerly RS-232-D)
ML145407 LANSDALE-ML145407 Datasheet
679Kb / 8P
   5 Volt Only Driver/Receiver RS232 EIA-232-E and CCITT V.28
ML145403 LANSDALE-ML145403 Datasheet
916Kb / 8P
   Drivers/Receivers RS 232/EIA-232-E and CCITT V.28
logo
NXP Semiconductors
MC145406 PHILIPS-MC145406 Datasheet
90Kb / 5P
   EIA-232-D/V.28 driver/receiver
August 31, 1994
logo
LANSDALE Semiconductor ...
ML145583 LANSDALE-ML145583 Datasheet
527Kb / 7P
   3.3 Volt Only Driver/Receiver with an Integrated Standby Mode RS 232/EIA-232-E and CCITT V.28
logo
Integral Corp.
IN145406 INTEGRAL-IN145406 Datasheet
112Kb / 3P
   EIA-232-E / V.28 DRIVERS/RECEIVERS
logo
Texas Instruments
SN75LBC187 TI-SN75LBC187 Datasheet
126Kb / 8P
[Old version datasheet]   MULTICHANNEL EIA-232 DRIVER/RECEIVER WITH CHARGE PUMP
logo
National Semiconductor ...
DS14185 NSC-DS14185 Datasheet
173Kb / 8P
   EIA/TIA-232 3 Driver x 5 Receiver
DS14196 NSC-DS14196 Datasheet
131Kb / 7P
   EIA/TIA-232 5 Driver x 3 Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com