Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ML145151 Fiches technique(PDF) 8 Page - LANSDALE Semiconductor Inc.

No de pièce ML145151
Description  PLL Frequency Synthesizer Family
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LANSDALE [LANSDALE Semiconductor Inc.]
Site Internet  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML145151 Fiches technique(HTML) 8 Page - LANSDALE Semiconductor Inc.

Back Button ML145151 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML145151 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML145151 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML145151 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML145151 Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML145151 Datasheet HTML 9Page - LANSDALE Semiconductor Inc. ML145151 Datasheet HTML 10Page - LANSDALE Semiconductor Inc. ML145151 Datasheet HTML 11Page - LANSDALE Semiconductor Inc. ML145151 Datasheet HTML 12Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
www.lansdale.com
Page 8 of 35
Issue A
LANSDALE Semiconductor, Inc.
ML145152
Figure 2. 666–Channel, Computer–Controlled, Mobile Radiotelephone Synthesizer
for 800 MHz Cellular Radio Systems
LOCK DETECT SIGNAL
R1
+
RECEIVER FIRST L.O.
825.030
→ 844.980 MHz
(30 kHz STEPS)
ML12017
÷ 64/65 PRESCALER
NOTE 6
ML145152
NOTE 5
MC
LD
A0
A5
N9
OSCin
VDD
VSS
OSCout
RA2
RA1
φR
φV
fin
VCO
RA0
N0
+ V
R1
R2
C
R2
C
“1”
“1”
“1”
NO CONNECTS
CHANNEL PROGRAMMING
NOTES:
1. Receiver 1st I.F. = 45 MHz, low side injection; Receiver 2nd I.F. = 11.7 MHz, low side injection.
2. Duplex operation with 45 MHz receiver/transmit separation.
3.fR = 7.5 kHz; ÷ R = 2048.
4. Ntotal = N 64 + A = 27501 to 28166; N = 429 to 440; A = 0 to 63.
5. ML145158 may be used where serial data entry is desired.
6. High frequency prescalers may be used for higher frequency VCO and fref
implementations.
7. The
φR and φV outputs are fed to an external combiner/loop filter. See the Phase–Locked Loop — Low–Pass Filter Design page for
additional information. The
φR and φV outputs swing rail–to–rail. Therefore, the user should be careful not to exceed the common mode
input range of the op amp used in the combiner/loop filter.
REF. OSC.
15.360 MHz
(ON–CHIP OSC.
OPTIONAL)
X2
X4
NOTE 6
X4
NOTE 6
TRANSMITTER
MODULATION
TRANSMITTER SIGNAL
825.030
→ 844.980 MHz
(30 kHz STEPS)
RECEIVER 2ND L.O.
30.720 MHz
NOTE 7
ML145152 Data Sheet Continued on Page 23


Numéro de pièce similaire - ML145151

FabricantNo de pièceFiches techniqueDescription
logo
LANSDALE Semiconductor ...
ML145151 LANSDALE-ML145151 Datasheet
2Mb / 35P
   Parallel-Input PLL Frequency Synthesizer Interfaces with Single-Modulus Prescalers
ML145151-6P LANSDALE-ML145151-6P Datasheet
2Mb / 35P
   Parallel-Input PLL Frequency Synthesizer Interfaces with Single-Modulus Prescalers
ML145151YP LANSDALE-ML145151YP Datasheet
2Mb / 35P
   Parallel-Input PLL Frequency Synthesizer Interfaces with Single-Modulus Prescalers
More results

Description similaire - ML145151

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TB31206FN TOSHIBA-TB31206FN Datasheet
602Kb / 15P
   PLL FREQUENCY SYNTHESIZER
logo
Analog Devices
ADF4107 AD-ADF4107_15 Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
REV. D
ADF4108 AD-ADF4108 Datasheet
445Kb / 20P
   PLL Frequency Synthesizer
REV. 0
ADF4107BCPZ AD-ADF4107BCPZ Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
Rev. D
EVAL-ADF4108EBZ1 AD-EVAL-ADF4108EBZ1 Datasheet
404Kb / 20P
   PLL Frequency Synthesizer
REV. B
ADF4106 AD-ADF4106_15 Datasheet
361Kb / 24P
   PLL Frequency Synthesizer
Rev. E
logo
Sanyo Semicon Device
LC72131K SANYO-LC72131K Datasheet
206Kb / 22P
   PLL Frequency Synthesizer
logo
Analog Devices
ADF4108S AD-ADF4108S Datasheet
791Kb / 21P
   PLL Frequency Synthesizer
REV. A
logo
Infineon Technologies A...
PMB2304R INFINEON-PMB2304R Datasheet
1Mb / 33P
   PLL-FREQUENCY SYNTHESIZER
Version 2.1 June 2002
logo
LANSDALE Semiconductor ...
ML145106 LANSDALE-ML145106_08 Datasheet
151Kb / 8P
   PLL Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com