Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OPV300 Fiches technique(PDF) 2 Page - TT Electronics.

No de pièce OPV300
Description  Vertical Cavity Surface Emitting Laser
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TTELEC [TT Electronics.]
Site Internet  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPV300 Fiches technique(HTML) 2 Page - TT Electronics.

  OPV300 Datasheet HTML 1Page - TT Electronics. OPV300 Datasheet HTML 2Page - TT Electronics. OPV300 Datasheet HTML 3Page - TT Electronics. OPV300 Datasheet HTML 4Page - TT Electronics. OPV300 Datasheet HTML 5Page - TT Electronics. OPV300 Datasheet HTML 6Page - TT Electronics. OPV300 Datasheet HTML 7Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Vertical Cavity Surface
Emitting Laser
OPV300, OPV310, OPV310Y, OPV314,
OPV314Y
© TT electronics plc
Issue A
11/2016
Page 2
TT Electronics | OPTEK Technology, Inc.
1645 Wallace Drive, Suite 130, Carrollton, TX 75006 |Ph: +1 972-323-2200
www.ttelectronics.com | sensors@ttelectronics.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Absolute Maximum Ratings (TA = 25° C unless otherwise noted)
Operating Temperature Range
0°C to +70°C
Storage Temperature Range
-40°C to +100°C
Maximum Forward Peak Current, continuous
12 mA
Maximum Reverse Voltage
5 V
Max. Continuous Optical Power at 70° C
1.1 mW
Lead Soldering Temperature
260°C for 10 sec.
Maximum Forward Current, pulsed (1 µs P.W., 10% D.C.)
48 mA
Electrical Specifications
Notes:
(1)
Threshold Current is based on the two line intersection method specified in Telcordia GR-468-
Core. Line 1 from 4 mA to 6 mA. Line 2 from 0 mA to 0.5 mA.
(2)
Series Resistance is the slope of the Voltage-Current line from 5 to 8 mA.
(3)
Slope efficiency is the slope of the best fit LI line from 5 mA to 8 mA using no larger than .25 mA
test interval points.
(4)
Using data points taken for slope efficiency above, delta L/delta I shall be calculated for each
adjacent pair of points.
Additional laser safety information can be found on
the Optek website. See application bulletin #221.
Classification is not marked on the device due to
space limitations. See package outline for center-
line of optical radiance. Operating devices beyond
maximum rating may result in hazardous radiation
exposure.


Numéro de pièce similaire - OPV300

FabricantNo de pièceFiches techniqueDescription
logo
OPTEK Technologies
OPV300 OPTEK-OPV300 Datasheet
316Kb / 4P
   Technical Data
OPV300 OPTEK-OPV300 Datasheet
284Kb / 4P
   Vertical Cavity Surface Emitting Laser
OPV300 OPTEK-OPV300_14 Datasheet
284Kb / 4P
   Vertical Cavity Surface Emitting Laser
More results

Description similaire - OPV300

FabricantNo de pièceFiches techniqueDescription
logo
OPTEK Technologies
OPV314AT OPTEK-OPV314AT Datasheet
284Kb / 4P
   Vertical Cavity Surface Emitting Laser
OPV300 OPTEK-OPV300_14 Datasheet
284Kb / 4P
   Vertical Cavity Surface Emitting Laser
OPV215 OPTEK-OPV215 Datasheet
244Kb / 4P
   Vertical Cavity Surface Emitting Laser
logo
Wurth Elektronik GmbH &...
159353940B1300 WURTH-159353940B1300 Datasheet
1Mb / 9P
   WL-VCSL Vertical Cavity surface emitting Laser
001.000
159353850B1300 WURTH-159353850B1300 Datasheet
1Mb / 10P
   WL-VCSL Vertical Cavity surface emitting Laser
001.001
159353940A6300 WURTH-159353940A6300 Datasheet
1Mb / 9P
   WL-VCSL Vertical Cavity surface emitting Laser
001.000
159353850A6300 WURTH-159353850A6300 Datasheet
1Mb / 10P
   WL-VCSL Vertical Cavity surface emitting Laser
001.001
logo
OPTEK Technologies
OPV220 OPTEK-OPV220 Datasheet
232Kb / 4P
   Vertical Cavity Surface Emitting Laser in Pill Package
OPV222 OPTEK-OPV222 Datasheet
223Kb / 4P
   Vertical Cavity Surface Emitting Laser in Pill Package
OPV380 OPTEK-OPV380 Datasheet
215Kb / 2P
   Vertical Cavity Surface Emitting Laser in Lateral Package
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com