Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SI-3025KS Fiches technique(PDF) 5 Page - List of Unclassifed Manufacturers

No de pièce SI-3025KS
Description  Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

SI-3025KS Fiches technique(HTML) 5 Page - List of Unclassifed Manufacturers

  SI-3025KS Datasheet HTML 1Page - List of Unclassifed Manufacturers SI-3025KS Datasheet HTML 2Page - List of Unclassifed Manufacturers SI-3025KS Datasheet HTML 3Page - List of Unclassifed Manufacturers SI-3025KS Datasheet HTML 4Page - List of Unclassifed Manufacturers SI-3025KS Datasheet HTML 5Page - List of Unclassifed Manufacturers SI-3025KS Datasheet HTML 6Page - List of Unclassifed Manufacturers SI-3025KS Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
sTaping Specifications
qSI-3000KS Series
160 to 240mm
(About 25 pockets)
1,000PCS
42
8
1.55
φ
φ
Trailer
Vacant seal section
IC compartments
Vacant seal section
Leader
(1,000 pockets)
160 to 240mm
400 to 600mm
Tape draw-out direction
(About 25 pockets)
Cover tape
2
7.0
6.7
5.5
12
t=3
5.75
5.55
2.1
(4.75)
Hole
Hole
Hole
2
3
10
5
Hole
Hole
Hole
Hole
Hole
60
°
60°
B
13
±0.3
15.4
±1.0
Expanded view of center
10.5
Hole
Hole
Hole
Hole
60°
60
°
Carrier tape
Surface resistance of em-
bossed tape: 100 k
Ω maxi-
mum (among 10 pockets)
Reel: Number of packed
products: 1000
(Unit : mm)


Html Pages

1  2  3  4  5  6  7 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn