Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SI-3025KS Fiches technique(PDF) 2 Page - List of Unclassifed Manufacturers

No de pièce SI-3025KS
Description  Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

SI-3025KS Fiches technique(HTML) 2 Page - List of Unclassifed Manufacturers

  SI-3025KS Datasheet HTML 1Page - List of Unclassifed Manufacturers SI-3025KS Datasheet HTML 2Page - List of Unclassifed Manufacturers SI-3025KS Datasheet HTML 3Page - List of Unclassifed Manufacturers SI-3025KS Datasheet HTML 4Page - List of Unclassifed Manufacturers SI-3025KS Datasheet HTML 5Page - List of Unclassifed Manufacturers SI-3025KS Datasheet HTML 6Page - List of Unclassifed Manufacturers SI-3025KS Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
*1 : Refer to the description on the dropout voltage.
*2 : The Is1 is specified as the 5% drop point of output voltage VO on the condition that VIN = VO + 1 V, and IO = 10 mA.
*3 : Output is OFF when the output control pin (VC pin) is open. Each input level is equivalent to that for LS-TTL. Therefore, the device can be driven
directly by an LS-TTL circuit.
sExternal Dimensions
(Unit : mm)
Parameter
Input Voltage
Output Voltage
(reference voltage for SI-3102KS)
Dropout Voltage
Line Regulation
Load Regulation
Quiescent Circuit Current
Off Circuit Current
Temperature Coefficient
of Output Voltage
Ripple Rejection
Overcurrent Protection
Starting Current*2
Control Voltage (Output ON)*3
Control Voltage (Output OFF)
VC PIN Control Current (Output ON)
Control Current (Output OFF)
Output OFF Voltage
sElectrical Characteristics
(Unless otherwise specified, Ta = 25
°C, Vc = 2 V)
0.995max.
0.10
1.27
0.4±0.1
0.4±0.1
0.15+0.1
5.1±0.4
1.27
8765
1234
–0.05
0.12 M
Pin Arrangement
q VC
w VIN
e VO
r Sence (ADJ for SI-3012KS)
t GND
y GND
u GND
i GND
Plastic Mold Package Type
Flammability: UL 94V-0
Weight: Approx. 0.1 g
qSI-3000KS Series
Symbol
VIN
VO (VREF)
Conditions
VDIF
Conditions
Conditions
∆VOLINE
Conditions
∆VOLOAD
Conditions
Iq
Conditions
Iq(OFF)
Conditions
∆VO/∆Ta
Conditions
RREJ
Conditions
IS1
Conditions
VC, IH
VC, IL
IC, IH
Conditions
IC, IL
Conditions
VO(OFF)
Ratings
SI-3012KS (variable type)
SI-3018KS
SI-3025KS
SI-3033KS
min.
typ.
max.
min.
typ.
max.
min.
typ.
max.
min.
typ.
max.
2.4
*1
*1
*1
1.24
1.28
1.32
1.764
1.800
1.836
2.45
2.50
2.55
3.234
3.300
3.366
VIN=3.3V, IO=10mA
VIN=2.5V, IO=10mA
VIN=3.3V, IO=10mA
VIN=5V, IO=10mA
0.3
0.4
0.4
IO=0.5A (VO=2.5V)
IO=0.5A
IO=0.5A
0.6
0.6
0.6
0.6
IO=1A (VO=2.5V)
IO=1A
IO=1A
IO=1A
10
10
10
15
VIN=3.3 to 8V, IO=10mA (VO=2.5V)
VIN=2.5 to 6V, IO=10mA
VIN=3.3 to 8V, IO=10mA
VIN=5 to 10V, IO=10mA
40
40
40
50
VIN=3.3V, IO=0 to 1A (VO=2.5V)
VIN=2.5V, IO=0 to 1A
VIN=3.3V, IO=0 to 1A
VIN=5V, IO=0 to 1A
350
350
350
350
VIN=3.3V, IO=0A, VC=2V, R2=24k
VIN=2.5V, IO=0A, VC=2V
VIN=3.3V, IO=0A, VC=2V
VIN=5V, IO=0A, VC=2V
111
1
VIN=3.3V, VC=0V
VIN=2.5V, VC=0V
VIN=3.3V, VC=0V
VIN=5V, VC=0V
±0.3
±0.3
±0.3
±0.3
Tj=0 to 100
°C (VO=2.5V)
Tj=0 to 100
°CTj=0 to 100°CTj=0 to 100°C
55
55
55
55
VIN=3.3V, f=100 to 120HZ (VO=2.5V)
VIN=3.3V, f=100 to 120HZ
VIN=3.3V, f=100 to 120HZ
VIN=5V, f=100 to 120HZ
1.2
1.2
1.2
1.2
VIN=3.3V (VO=2.5V)
VIN=2.5V
VIN=3.3V
VIN=5V
2.0
2.0
2.0
2.0
0.8
0.8
0.8
0.8
40
40
40
40
VC=2V
–50
–50
–50
–50
VC=0V
0.5
0.5
0.5
0.5
Unit
V
V
mV
mV
µA
µA
mV/
°C
dB
A
V
µA
µA
V


Html Pages

1  2  3  4  5  6  7 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn