Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC12009P Fiches technique(PDF) 1 Page - LANSDALE Semiconductor Inc.

No de pièce MC12009P
Description  MECL PLL Components Dual Modulus Prescaler
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LANSDALE [LANSDALE Semiconductor Inc.]
Site Internet  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

MC12009P Fiches technique(HTML) 1 Page - LANSDALE Semiconductor Inc.

  MC12009P Datasheet HTML 1Page - LANSDALE Semiconductor Inc. MC12009P Datasheet HTML 2Page - LANSDALE Semiconductor Inc. MC12009P Datasheet HTML 3Page - LANSDALE Semiconductor Inc. MC12009P Datasheet HTML 4Page - LANSDALE Semiconductor Inc. MC12009P Datasheet HTML 5Page - LANSDALE Semiconductor Inc. MC12009P Datasheet HTML 6Page - LANSDALE Semiconductor Inc. MC12009P Datasheet HTML 7Page - LANSDALE Semiconductor Inc. MC12009P Datasheet HTML 8Page - LANSDALE Semiconductor Inc. MC12009P Datasheet HTML 9Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
www.lansdale.com
Page 1 of 14
Issue A
ML12009
ML12011
MECL PLL Components Dual
Modulus Prescaler
Legacy Device: Motorola MC12009, MC12011
These devices are two–modulus prescalers which will divide by
5 and 6, 8 and 9, respectively. A MECL–to–MTTL translator is
provided to interface directly with the Motorola MC12014
Counter Control Logic. In addition, there is a buffered clock input
and MECL bias voltage source.
• ML12009 480 MHz (÷5/6), ML12011 550 MHz (÷8/9)
• MECL to MTTL Translator on Chip
• MECL and MTTL Enable Inputs
• 5.0 or –5.2 V Operation*
• Buffered Clock Input — Series Input RC Typ, 20 Ω and 4.0 pF
• VBB Reference Voltage
• 310 mW (Typ)
* When using a 5.0 V supply, apply 5.0 V to Pin 1 (VCCO),
Pin 6 (MTTL VCC), Pin 16 (VCC), and ground Pin 8
(VEE). When using –5.2 V supply, ground Pin 1 (VCCO),
Pin 6 (MTTL VCC), and Pin 16 (VCC) and apply –5.2 V to
Pin 8 (VEE). If the translator is not required, Pin 6 may be
left open to conserve DC power drain.
P DIP 16 = EP
PLASTIC PACKAGE
CASE 648
16
1
SO 16 = -5P
PLASTIC PACKAGE
CASE 751B
16
1
CROSS REFERENCE/ORDERING INFORMATION
MOTOROLA
P DIP 16
MC12009P
ML12009EP
SOIC 16
MC12009D
ML12009-5P
P DIP 16
MC12011P
ML12011EP
SO 16W
MC12011D
ML12011-5P
LANSDALE
PACKAGE
Note: Lansdale lead free (Pb) product, as it
becomes available, will be identified by a part
number prefix change from
ML to MLE.
1
16
15
14
13
12
11
10
9
2
3
4
5
6
7
8
(Top View)
VCCO
Q
Q
MTTL VCC
MTTL Output
VEE
VCC
E5 MECL
PIN CONNECTIONS
Clock
VBB
E2 MECL
E1 MECL
E3 MECL
E4 MECL
( – )
( + )
MAXIMUM RATINGS
Characteristic
Symbol
Rating
Unit
(Ratings above which device life may be impaired)
Power Supply Voltage
(VCC = 0)
VEE
–8.0
Vdc
Input Voltage
(VCC = 0)
Vin
0 to VEE
Vdc
Output Source Current
Continuous
Surge
IO
50
100
mAdc
Storage Temperature Range
Tstg
–65 to 175
°C
(Recommended Maximum Ratings above which performance may be
degraded)
Operating Temperature Range
ML12009, ML12011
TA
–30 to 85
°C
DC Fan–Out (Note 1)
(Gates and Flip–Flops)
n
70
NOTES: 1. AC fan–out is limited by desired system performance.


Numéro de pièce similaire - MC12009P

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC12009P MOTOROLA-MC12009P Datasheet
214Kb / 15P
   Dual Modulus Prescaler
logo
LANSDALE Semiconductor ...
MC12009P LANSDALE-MC12009P Datasheet
1Mb / 14P
   MECL PLL Components Dual Modulus Prescaler
More results

Description similaire - MC12009P

FabricantNo de pièceFiches techniqueDescription
logo
LANSDALE Semiconductor ...
ML12509 LANSDALE-ML12509 Datasheet
5Mb / 12P
   MECL PLL Components Dual Modulus Prescaler
ML12509 LANSDALE-ML12509_08 Datasheet
5Mb / 12P
   MECL PLL Components Dual Modulus Prescaler
ML12013 LANSDALE-ML12013_08 Datasheet
5Mb / 15P
   MECL PLL Components Dual Modulus Prescaler
ML12009 LANSDALE-ML12009 Datasheet
1Mb / 14P
   MECL PLL Components Dual Modulus Prescaler
ML12013 LANSDALE-ML12013 Datasheet
3Mb / 15P
   MECL PLL Components Dual Modulus Prescaler
logo
Motorola, Inc
MC12025 MOTOROLA-MC12025 Datasheet
73Kb / 2P
   MECL PLL COMPONENTS 첨64/65 DUAL MODULUS PRESCALER
MC12034A MOTOROLA-MC12034A Datasheet
84Kb / 4P
   MECL PLL COMPONENTS 첨32/33, 첨64/65 DUAL MODULUS PRESCALER
MC12022LVA MOTOROLA-MC12022LVA Datasheet
90Kb / 7P
   MECL PLL COMPONENTS 첨64/65, 첨128/129 DUAL MODULUS PRESCALER
MC12028A MOTOROLA-MC12028A Datasheet
97Kb / 5P
   MECL PLL COMPONENTS 첨64/65, 첨128/129 DUAL MODULUS PRESCALER
MC12038A MOTOROLA-MC12038A Datasheet
87Kb / 5P
   MECL PLL COMPONENTS 첨127/128, 첨255/256 DUAL MODULUS PRESCALER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com