Moteur de recherche de fiches techniques de composants électroniques |
|
2,54R15 Fiches technique(PDF) 2 Page - Lumberg |
|
2,54R15 Fiches technique(HTML) 2 Page - Lumberg |
2 / 4 page 51 2,54 R 01/2018 2 *a *a printed circuit board layout, solder side view Environmental conditions Temperature range -25 °C/+100 °C Materials Insulating body PPO Contact spring CuSn, pre-nickel and tin-plated Mechanical data Mating with Leiterplatte 1,5 ± 0,14 mm Electrical data (at Tamb 20 °C) Contact resistance ≤ 3 mΩ Rated current 5 A Rated voltage 250 V AC Rated impulse voltage ≥ 1,5 kV Associated products Accessories � F � FD � FF � FL � SP 3 of 4 |
Numéro de pièce similaire - 2,54R15 |
|
Description similaire - 2,54R15 |