Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FM25040-S Fiches technique(PDF) 10 Page - List of Unclassifed Manufacturers

No de pièce FM25040-S
Description  4Kb FRAM Serial Memory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

FM25040-S Fiches technique(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button FM25040-S Datasheet HTML 6Page - List of Unclassifed Manufacturers FM25040-S Datasheet HTML 7Page - List of Unclassifed Manufacturers FM25040-S Datasheet HTML 8Page - List of Unclassifed Manufacturers FM25040-S Datasheet HTML 9Page - List of Unclassifed Manufacturers FM25040-S Datasheet HTML 10Page - List of Unclassifed Manufacturers FM25040-S Datasheet HTML 11Page - List of Unclassifed Manufacturers FM25040-S Datasheet HTML 12Page - List of Unclassifed Manufacturers FM25040-S Datasheet HTML 13Page - List of Unclassifed Manufacturers FM25040-S Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Ramtron
FM25040
11 May 2000
10/14
Electrical Specifications
Absolute Maximum Ratings
Description
Ratings
Ambient storage or operating temperature
-40
°C to + 85°C
Voltage on any pin with respect to ground
-1.0V to +7.0V
D.C. output current on any pin
5 mA
Lead temperature (Soldering, 10 seconds)
300
° C
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a
stress rating only, and the functional operation of the device at these or any other conditions above those listed in the
operational section of this specification is not implied. Exposure to absolute maximum ratings conditions for
extended periods may affect device reliability
DC Operating Conditions TA = -40
° C to + 85° C, VCC = 4.5V to 5.5V unless otherwise specified
Symbol
Parameter
Min
Typ
Max
Units
Notes
VCC
Main Power Supply
4.5
5.0
5.5
V
1
ICC
VCC Supply Current
@ SCK = 1.0 MHz
0.9
1.2
mA
2
ICC
VCC Supply Current
@ SCK = 2.1 MHz
1.6
2.5
mA
2
ISB
Standby Current
1
10
µA
3
ILI
Input Leakage Current
10
µA
4
ILO
Output Leakage Current
10
µA
4
VIL
Input Low Voltage
-0.3
VCC x 0.3
V
1
VIH
Input High Voltage
VCC x 0.7
VCC + 0.5
V
1
VOL
Output Low Voltage
@ IOL = 2 mA
0.4
V
1
VOH
Output High Voltage
@ IOH = -1 mA
VCC-0.8
V
1
VHYS
Input Hysteresis
VCC x .05
V
1, 5
Notes
1.
Referenced to VSS.
2.
SCK toggling between VCC-0.3V and VSS, other inputs VSS or VCC-0.3V
3.
SCK = SI = /CS=VCC. All inputs VSS or VCC.
4.
VIN or VOUT = VSS to VCC
5.
This parameter is periodically sampled and not 100% tested.


Numéro de pièce similaire - FM25040-S

FabricantNo de pièceFiches techniqueDescription
logo
Ramtron International C...
FM25040A RAMTRON-FM25040A Datasheet
141Kb / 13P
   4Kb FRAM Serial Memory
FM25040A-G RAMTRON-FM25040A-G Datasheet
141Kb / 13P
   4Kb FRAM Serial Memory
FM25040A-S RAMTRON-FM25040A-S Datasheet
141Kb / 13P
   4Kb FRAM Serial Memory
FM25040B RAMTRON-FM25040B Datasheet
313Kb / 13P
   4Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM25040B CYPRESS-FM25040B Datasheet
449Kb / 13P
   4Kb Serial 5V F-RAM Memory
More results

Description similaire - FM25040-S

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
FM24CL04 ETC-FM24CL04 Datasheet
119Kb / 12P
   4Kb FRAM Serial Memory
logo
Ramtron International C...
FM24CL04 RAMTRON-FM24CL04_05 Datasheet
116Kb / 11P
   4Kb FRAM Serial Memory
FM25040A RAMTRON-FM25040A Datasheet
141Kb / 13P
   4Kb FRAM Serial Memory
logo
List of Unclassifed Man...
FM24C04A ETC1-FM24C04A Datasheet
100Kb / 12P
   4Kb FRAM Serial Memory
logo
Ramtron International C...
FM24C04A RAMTRON-FM24C04A_05 Datasheet
98Kb / 12P
   4Kb FRAM Serial Memory
logo
List of Unclassifed Man...
FM25CL04 ETC-FM25CL04 Datasheet
98Kb / 11P
   4Kb FRAM Serial 3V Memory
FM25L04 ETC-FM25L04 Datasheet
187Kb / 12P
   4Kb FRAM Serial 3V Memory
logo
Ramtron International C...
FM25CL04 RAMTRON-FM25CL04_05 Datasheet
139Kb / 12P
   4Kb FRAM Serial 3V Memory
FM25640 RAMTRON-FM25640 Datasheet
131Kb / 14P
   64Kb FRAM Serial Memory
logo
List of Unclassifed Man...
FM25C160 ETC1-FM25C160 Datasheet
154Kb / 14P
   16Kb FRAM Serial Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com