Moteur de recherche de fiches techniques de composants électroniques |
|
2SA1013-O Fiches technique(PDF) 1 Page - Micro Commercial Components |
|
2SA1013-O Fiches technique(HTML) 1 Page - Micro Commercial Components |
1 / 2 page 2SA1013-O PNP Epitaxial Silicon Transistor Features • Capable of 0.9Watts of Power Dissipation. • Collector-current -1.0A • Collector-base Voltage -160V • Operating and storage junction temperature range: -55 to +150 Electrical Characteristics @ 25OC Unless Otherwise Specified Symbol Parameter Min Max Units OFF CHARACTERISTICS V(BR)CEO Collector-Emitter Breakdown Voltage (IC=-1.0mAdc, IB=0) -160 --- Vdc V(BR)CBO Collector-Base Breakdown Voltage (IC=-100 µAdc, I E=0) -160 --- Vdc V(BR)EBO Emitter-Base Breakdown Voltage (IE=-10mAdc, IC=0) -6.0 --- Vdc ICBO Collector Cutoff Current (VCB=-150Vdc, IE=0) --- -1.0 µAdc ICEO Collector Cutoff Current (VCB=-120Vdc, IE=0) --- -10 µAdc IEBO Emitter Cutoff Current (VEB=-6.0Vdc, IC=0) --- -1.0 µAdc ON CHARACTERISTICS hFE(1) DC Current Gain (IC=-200mAdc, VCE=-5.0Vdc) 65 310 --- hFE(2) DC Current Gain (IC=-50mAdc, VCE=-5.0Vdc) 40 --- --- VCE(sat) Collector-Emitter Saturation Voltage (IC=-500mAdc, IB=-50mAdc) --- -1.5 Vdc VBE Base-Emitter Saturation Voltage (IC=-5.0mAdc, VCE=-5.0Vdc) --- -0.75 Vdc SMALL-SIGNAL CHARACTERISTICS fT Transistor Frequency (IC=-200mAdc, VCE=-5.0Vdc, f=30MHz) -15 --- MHz CLASSIFICATION OF HFE(1) Rank R O Y Range 60-120 120-200 200-300 omponents 20736 Marilla Street Chatsworth !"# $% !"# MCC Revision: C 20 13/01/01 TM Micro Commercial Components www.mccsemi.com 1 of 2 2SA1013-Y 2SA1013-R • Lead Free Finish/Rohs Compliant ("P"Suffix designates RoHS Compliant. See ordering information) • Epoxy meets UL 94 V-0 flammability rating • Moisture Sensitivity Level 1 TO-92MOD INCHES MM DIM MIN MAX MIN MAX NOTE A .228 . 244 5.80 6.20 . 059 1.50 B A C D E F G J K L M H B .331 . 346 8.40 8.80 C .016 . 024 0.40 0.60 .114 . 122 2.90 3.10 F .543 . 559 13.80 14.20 H .157 ----- 4.00 --- G .035 . 043 0.90 1.10 DIMENSIONS E C B E C B BENT LEAD STRAIGHT LEAD BULK PACK AMMO PACK * For ammo packing detailed specification, click here to visit our website of product packaging for details. J .185 . 201 4.70 5.10 K ---- . 063 ----- 1.60 L .016 . 020 0.40 0.50 M .068 . 080 1.73 2.03 .086 .110 2.20 2.80 Straight Lead Bent Lead Straight Lead Bent Lead D E .173 .220 4.40 5.60 Halogen free available upon request by adding suffix "-HF" • |
Numéro de pièce similaire - 2SA1013-O |
|
Description similaire - 2SA1013-O |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |