Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8341ACPZ-WP1 Fiches technique(PDF) 10 Page - Analog Devices

No de pièce AD8341ACPZ-WP1
Description  1.5 GHz to 2.4 GHz RF Vector Modulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8341ACPZ-WP1 Fiches technique(HTML) 10 Page - Analog Devices

Back Button AD8341ACPZ-WP1 Datasheet HTML 6Page - Analog Devices AD8341ACPZ-WP1 Datasheet HTML 7Page - Analog Devices AD8341ACPZ-WP1 Datasheet HTML 8Page - Analog Devices AD8341ACPZ-WP1 Datasheet HTML 9Page - Analog Devices AD8341ACPZ-WP1 Datasheet HTML 10Page - Analog Devices AD8341ACPZ-WP1 Datasheet HTML 11Page - Analog Devices AD8341ACPZ-WP1 Datasheet HTML 12Page - Analog Devices AD8341ACPZ-WP1 Datasheet HTML 13Page - Analog Devices AD8341ACPZ-WP1 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD8341
Rev. 0 | Page 10 of 20
THEORY OF OPERATION
The AD8341 is a linear RF vector modulator with Cartesian
baseband controls. In the simplified block diagram given in
Figure 26, the RF signal propagates from the left to the right
while baseband controls are placed above and below. The RF
input is first split into in-phase (I) and quadrature (Q) compo-
nents. The variable attenuators independently scale the I and Q
components of the RF input. The attenuator outputs are then
summed and buffered to the output.
By controlling the relative amounts of I and Q components that
are summed, continuous magnitude and phase control of the
gain is possible. Consider the vector gain representation of the
AD8341 expressed in polar form in Figure 27. The attenuation
factors for the I and Q signal components are represented on
the x- and y-axis, respectively, by the baseband inputs, VBBI and
VBBQ. The resultant of their vector sum represents the vector
gain, which can also be expressed as a magnitude and phase. By
applying different combinations of baseband inputs, any vector
gain within the unit circle can be programmed.
A change in sign of VBBI or VBBQ can be viewed as a change in
sign of the gain or as a 180° phase change. The outermost
circle represents the maximum gain magnitude of unity. The
circle origin implies, in theory, a gain of 0. In practice, circuit
mismatches and unavoidable signal feedthrough limit the
minimum gain to approximately −34.5 dB. The phase angle
between the resultant gain vector and the positive x-axis is de-
fined as the phase shift. Note that there is a nominal, systematic
insertion phase through the AD8341 to which the phase shift is
added. In the following discussions, the systematic insertion
phase is normalized to 0°.
The correspondence between the desired gain and phase set-
points, GainSP and PhaseSP, and the Cartesian inputs, VBBI and
VBBQ, is given by simple trigonometric identities
()
()
[]2
2
/
/
O
BBQ
O
BBI
SP
V
V
V
V
Gain
+
=
(
)
BBI
BBQ
SP
V
V
Phase
/
arctan
=
where:
VO is the baseband scaling constant (500 mV).
VBBI and VBBQ are the differential I and Q baseband voltages,
respectively.
Note that when evaluating the arctangent function, the proper
phase quadrant must be selected. For example, if the principal
value of the arctangent (known as the Arctangent(x)) is used,
quadrants 2 and 3 could be interpreted mistakenly as quadrants
4 and 1, respectively. In general, both VBBI and VBBQ are needed
in concert to modulate the gain and the phase.
Pure amplitude modulation is represented by radial movement
of the gain vector tip at a fixed angle, while pure phase modula-
tion is represented by rotation of the tip around the circle at a
fixed radius. Unlike traditional I-Q modulators, the AD8341 is
designed to have a linear RF signal path from input to output.
Traditional I-Q modulators provide a limited LO carrier path
through which any amplitude information is removed.
LINEAR
ATTENUATOR
LINEAR
ATTENUATOR
V-I
V-I
0
°/90°
I-V
VBBQ
Q CHANNEL INPUT
SINGLE-ENDED OR
DIFFERENTIAL
50
Ω INPUT Z
VBBI
I CHANNEL INPUT
OUTPUT
DISABLE
SINGLE-ENDED OR
DIFFERENTIAL
50
Ω OUTPUT
Figure 26. Simplified Architecture of the AD8341
|A|
θ
A
+0.5
–0.5
+0.5
–0.5
Vi
Vq
MIN GAIN
MAX GAIN
Figure 27. Vector Gain Representation
RF QUADRATURE GENERATOR
The RF input is directly coupled differentially or single-ended
to the quadrature generator, which consists of a multistage RC
polyphase network tuned over the operating frequency range of
1.5 GHz to 2.4 GHz. The recycling nature of the polyphase net-
work generates two replicas of the input signal, which are in
precise quadrature, i.e., 90°, to each other. Since the passive
network is perfectly linear, the amplitude and phase information
contained in the RF input is transmitted faithfully to both chan-
nels. The quadrature outputs are then separately buffered to
drive the respective attenuators. The characteristic impedance
of the polyphase network is used to set the input impedance of
the AD8341.


Numéro de pièce similaire - AD8341ACPZ-WP1

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8341 AD-AD8341 Datasheet
2Mb / 20P
   300 MHz to 1000 MHz Quadrature Modulator
REV. 0
AD8341 AD-AD8341 Datasheet
2Mb / 32P
   400 MHz to 6 GHz Broadband Quadrature Modulator
REV. 0
More results

Description similaire - AD8341ACPZ-WP1

FabricantNo de pièceFiches techniqueDescription
logo
M/A-COM Technology Solu...
SA90-0001 MA-COM-SA90-0001 Datasheet
169Kb / 5P
   Vector Modulator, 1.94 to 2.24 GHz
MAIA-007143-000100 MA-COM-MAIA-007143-000100 Datasheet
183Kb / 6P
   Vector Modulator, 1.94 to 2.34 GHz
MAIA-007150-000100 MA-COM-MAIA-007150-000100 Datasheet
179Kb / 5P
   Vector Modulator, 1.94 to 2.24 GHz
logo
Tyco Electronics
SA90-0001 MACOM-SA90-0001 Datasheet
365Kb / 5P
   Vector Modulator, 1.94 to 2.24 GHz
logo
Texas Instruments
TRF3702 TI-TRF3702 Datasheet
655Kb / 36P
[Old version datasheet]   1.5-GHz to 2.5-GHz QUADRATURE MODULATOR
TRF3702 TI-TRF3702_07 Datasheet
489Kb / 35P
[Old version datasheet]   1.5-GHz to 2.5-GHz QUADRATURE MODULATOR
TRF3701 TI-TRF3701_07 Datasheet
463Kb / 31P
[Old version datasheet]   0.14 GHz to 1.5 GHz QUADRATURE MODULATOR
TRF3701_15 TI-TRF3701_15_15 Datasheet
755Kb / 35P
[Old version datasheet]   0.14 GHz to 1.5 GHz QUADRATURE MODULATOR
TRF3702_15 TI-TRF3702_15_15 Datasheet
767Kb / 39P
[Old version datasheet]   1.5-GHz to 2.5-GHz QUADRATURE MODULATOR
logo
M/A-COM Technology Solu...
MAIA-007100-000100 MA-COM-MAIA-007100-000100 Datasheet
141Kb / 5P
   Vector Modulator, 1.805 to 1.88 GHz (DCS) and 1.93 to 1.99 GHz (PCS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com