Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

4N22TXV Fiches technique(PDF) 4 Page - TT Electronics.

No de pièce 4N22TXV
Description  Hi-Reliability Optically Coupled Isolator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TTELEC [TT Electronics.]
Site Internet  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

4N22TXV Fiches technique(HTML) 4 Page - TT Electronics.

  4N22TXV Datasheet HTML 1Page - TT Electronics. 4N22TXV Datasheet HTML 2Page - TT Electronics. 4N22TXV Datasheet HTML 3Page - TT Electronics. 4N22TXV Datasheet HTML 4Page - TT Electronics. 4N22TXV Datasheet HTML 5Page - TT Electronics. 4N22TXV Datasheet HTML 6Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Hi-Reliability Optically
Coupled Isolator
4N22, 4N23, 4N24 [A] (TX, TXV)
4N47, 4N48, 4N49 [A] (TX, TXV)
Issue D
07/2016
Page 4
OPTEK Technology, Inc.
1645 Wallace Drive, Carrollton, TX 75006|Ph: +1 972 323 2200
www.optekinc.com | www.ttelectronics.com
Electrical Characteris cs (TA = 25°C unless otherwise noted)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Coupled
On‐State Collector Current
4N22, 4N22A (TX, TXV)
4N22, 4N22A (TX, TXV)
4N22, 4N22A (TX, TXV)
4N22, 4N22A (TX, TXV)
0.15
2.50
1.00
1.00
mA
IF = 2.0 mA , VCE = 5 V, IB = 0
IF = 10.0 mA , VCE = 5 V, IB = 0
IF = 10.0 mA , VCE = 5 V, IB = 0, TA = ‐55° C
(1)
IF = 10.0 mA , VCE = 5 V, IB = 0, TA = 100° C
(1)
4N23, 4N23A (TX, TXV)
4N23, 4N23A (TX, TXV)
4N23, 4N23A (TX, TXV)
4N23, 4N23A (TX, TXV)
0.20
6.00
2.50
2.50
IF = 2.0 mA , VCE = 5 V, IB = 0
IF = 10.0 mA , VCE = 5 V, IB = 0
IF = 10.0 mA , VCE = 5 V, IB = 0, TA = ‐55° C
(1)
IF = 10.0 mA , VCE = 5 V, IB = 0, TA = 100° C
(1)
4N24, 4N24A (TX, TXV)
4N24, 4N24A (TX, TXV)
4N24, 4N24A (TX, TXV)
4N24, 4N24A (TX, TXV)
0.40
10.0
4.00
4.00
IF = 2.0 mA , VCE = 5 V, IB = 0
IF = 10.0 mA , VCE = 5 V, IB = 0
IF = 10.0 mA , VCE = 5 V, IB = 0, TA = ‐55° C
(1)
IF = 10.0 mA , VCE = 5 V, IB = 0, TA = 100° C
(1)
4N47, 4N47A (TX, TXV)
4N47, 4N47A (TX, TXV)
4N47, 4N47A (TX, TXV)
0.50
0.70
0.50
IF = 1.0 Ma, VCE = 5.0 V, IB = 0
IF = 2.0 mA, VCE = 5.0 V, IB = 0, TA = ‐55° C
(1)
IF = 2.0 mA, VCE = 5.0 V, IB = 0, TA = 100° C
(1)
4N48, 4N48A (TX, TXV)
4N48, 4N48A (TX, TXV)
4N48, 4N48A (TX, TXV)
1.00
1.40
1.00
5
IF = 1.0 mA, VCE = 5.0 V, IB = 0
IF = 2.0 mA, VCE = 5.0 V, IB = 0, TA = ‐55° C
(1)
IF = 2.0 mA, VCE = 5.0 V, IB = 0, TA = 100° C
(1)
4N49, 4N49A (TX, TXV)
4N49, 4N49A (TX, TXV)
4N49, 4N49A (TX, TXV)
2.00
2.80
2.00
10
IF = 1.0 mA, VCE = 5.0 V, IB = 0
IF = 2.0 mA, VCE = 5.0 V, IB = 0, TA = ‐55° C
(1)
IF = 2.0 mA, VCE = 5.0 V, IB = 0, TA = 100° C
(1)
ICB(ON)
On‐State Collector Base
4N47, 4N48, 4N49 [A] (TX, TXV)
30
µA
VCB = 5 V, IE = 0, IF = 10 mA
VCE(SAT)
Collector‐Emi er Satura on Voltage
4N22, 4N23, 4N24 [A] (TX, TXV)
4N22, 4N23, 4N24 [A] (TX, TXV)
4N22, 4N23, 4N24 [A] (TX, TXV)
4N47, 4N47A (TX, TXV)
4N48, 4N48A (TX, TXV)
4N49, 4N49A (TX, TXV)
0.30
0.30
0.30
0.30
0.30
0.30
V
IF = 20 mA , IC = 2.5 mA, IB = 0
IF = 20 mA , IC = 5.0 mA, IB = 0
IF = 20 mA , IC = 10.0 mA, IB = 0
IF = 2.0 mA, IC = 0.5 mA, IB = 0
IF = 2.0 mA, IC = 1.0 mA, IB = 0
IF = 2.0 mA, IC = 2.0 mA, IB = 0
HFE
DC Current Gain
4N22, 4N22A (TX, TXV)
4N23, 4N23A (TX, TXV)
4N24, 4N24A (TX, TXV)
4N47, 4N48, 4N49 [A] (TX, TXV)
>300
V
VCE = 5.0 V , IC = 10.0 mA, IF = 0 mA
RIO
Resistance (Input‐to‐Output)
4N22, 4N23, 4N24 [A] (TX, TXV)
4N47, 4N48, 4N49 [A] (TX, TXV)
10
11
10
11
Ω
VI‐0 = ± 1000 VDC
(3)
VI‐O = ± 1000 VDC
(3)
CIO
Capacitance (Input‐to‐Output)
5
pF
VI‐O = 0 V, f = 1.0 MHz
(3)
IC(ON)
Notes:
1. Guaranteed but not tested.
2. Sample tested, LTPD = 10.
3. Measured with input leads shorted together and output leads shorted together.


Numéro de pièce similaire - 4N22TXV

FabricantNo de pièceFiches techniqueDescription
logo
OPTEK Technologies
4N22TXV OPTEK-4N22TXV Datasheet
206Kb / 6P
   Hi-Reliability Optically Coupled Isolator
More results

Description similaire - 4N22TXV

FabricantNo de pièceFiches techniqueDescription
logo
OPTEK Technologies
3C91CTX OPTEK-3C91CTX Datasheet
220Kb / 5P
   Hi-Reliability Optically Coupled Isolator
4N22ATX OPTEK-4N22ATX Datasheet
206Kb / 6P
   Hi-Reliability Optically Coupled Isolator
logo
TT Electronics.
3C91C TTELEC-3C91C Datasheet
748Kb / 5P
   Hi-Reliability Optically Coupled Isolator
logo
OPTEK Technologies
JAN4N22 OPTEK-JAN4N22 Datasheet
216Kb / 4P
   Hi-Reliability Optically Coupled Isolator
OPI120TX OPTEK-OPI120TX Datasheet
242Kb / 2P
   Hi-Rel Optically Coupled Isolator
logo
TT Electronics.
OPI150TX TTELEC-OPI150TX Datasheet
276Kb / 3P
   High Reliability Optically Coupled Isolator
OPI120TX TTELEC-OPI120TX Datasheet
260Kb / 3P
   High Reliability Optically Coupled Isolator
logo
OPTEK Technologies
OPI125 OPTEK-OPI125 Datasheet
199Kb / 2P
   HI REL PHOTOLOGIC OPTICALLY COUPLED ISOLATOR
logo
TT Electronics.
OPI150 TTELEC-OPI150 Datasheet
300Kb / 4P
   Optically Coupled Isolator / High Speed Optically Coupled Isolator
logo
OPTEK Technologies
OPI110 OPTEK-OPI110_07 Datasheet
81Kb / 3P
   Optically Coupled Isolator
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com