Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM611HRR Fiches technique(PDF) 4 Page - Microsemi Corporation

No de pièce SM611HRR
Description  SWITCHING REGULATOR POWER OUTPUT STAGES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SM611HRR Fiches technique(HTML) 4 Page - Microsemi Corporation

  SM611HRR Datasheet HTML 1Page - Microsemi Corporation SM611HRR Datasheet HTML 2Page - Microsemi Corporation SM611HRR Datasheet HTML 3Page - Microsemi Corporation SM611HRR Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SM600/SM601/SM602/SM610/SM611/SM612
4/90 Rev 1.1 2/94
LINFINITY Microelectronics Inc.
Copyright
© 1994
11861 Western Avenue
∞ Garden Grove, CA 92841
4
(714) 898-8121
∞ FAX: (714) 893-2570
APPLICATION CIRCUITS (continued)
FIGURE 5 - STEP UP (BOOST) CONVERTER
4-PIN TO-66 METAL CAN
R - PACKAGE
Ambient
Temperature Range
SM600R
0
°C to 70°C
SM600HRR
-55
°C to 125°C
SM601R
0
°C to 70°C
SM601HRR
-55
°C to 125°C
SM602R
0
°C to 70°C
SM602HRR
-55
°C to 125°C
SM610R
0
°C to 70°C
SM610HRR
-55
°C to 125°C
SM611R
0
°C to 70°C
SM611HRR
-55
°C to 125°C
SM612R
0
°C to 70°C
SM612HRR
-55
°C to 125°C
Part No.
Package
Connection Diagram
CONNECTION DIAGRAMS & ORDERING INFORMATION (See Note Below)
SM61X
COMMON
POSITIVE OUTPUT
DRIVE
POSITIVE INPUT
4
3
2
1
1
23
4
NEGATIVE OUTPUT
NEGATIVE INPUT
DRIVE
COMMON
Note 1. All packages are viewed from the top.
2. Case is electrically isolated.
3. Consult factory for additional screening available.


Numéro de pièce similaire - SM611HRR

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Motion Technolo...
SM611 SILICONMOTION-SM611 Datasheet
2Mb / 2P
   Single-Chip SSD
202106
More results

Description similaire - SM611HRR

FabricantNo de pièceFiches techniqueDescription
logo
Microsemi Corporation
SM645 MICROSEMI-SM645 Datasheet
56Kb / 4P
   SWITCHING REGULATOR POWER OUTPUT STAGES
logo
Micro Electronics
SM627 MICRO-ELECTRONICS-SM627 Datasheet
56Kb / 4P
   SWITCHING REGULATOR POWER OUTPUT STAGES
logo
Fairchild Semiconductor
BD157 FAIRCHILD-BD157 Datasheet
38Kb / 4P
   Low Power Fast Switching Output Stages
BC80725MTF FAIRCHILD-BC80725MTF Datasheet
77Kb / 6P
   Suitable for AF-Driver stages and low power output stages
BC33725TA FAIRCHILD-BC33725TA Datasheet
33Kb / 3P
   Suitable for AF-Driver stages and low power output stages
logo
Rohm
BA6149LS ROHM-BA6149LS Datasheet
146Kb / 2P
   6-OUTPUT SWITCHING REGULATOR
logo
Infineon Technologies A...
BCX54 INFINEON-BCX54_11 Datasheet
526Kb / 8P
   For AF driver and output stages
2011-09-19
logo
Shanghai Leiditech Elec...
BCP54 LEIDITECH-BCP54 Datasheet
1,000Kb / 4P
   For AF driver and output stages
logo
Sanken electric
STRS6513 SANKEN-STRS6513 Datasheet
72Kb / 6P
   OFF-LINE SWITCHING REGULATOR - WITH POWER MOSFET OUTPUT
logo
Allegro MicroSystems
STRM6511 ALLEGRO-STRM6511 Datasheet
72Kb / 6P
   OFF-LINE SWITCHING REGULATOR WITH POWER MOSFET OUTPUT
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com