Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI5433BDC Fiches technique(PDF) 2 Page - Vishay Siliconix

No de pièce SI5433BDC
Description  P-Channel 20-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI5433BDC Fiches technique(HTML) 2 Page - Vishay Siliconix

  SI5433BDC Datasheet HTML 1Page - Vishay Siliconix SI5433BDC Datasheet HTML 2Page - Vishay Siliconix SI5433BDC Datasheet HTML 3Page - Vishay Siliconix SI5433BDC Datasheet HTML 4Page - Vishay Siliconix SI5433BDC Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Si5433BDC
Vishay Siliconix
New Product
www.vishay.com
2
Document Number: 73208
S-42241—Rev.A, 13-Dec-04
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = −250 mA
−0.45
−1.0
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "8 V
"100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = −20 V, VGS = 0 V
−1
mA
Zero Gate Voltage Drain Current
IDSS
VDS = −20 V, VGS = 0 V, TJ = 85_C
−5
mA
On-State Drain Currenta
ID(on)
VDS p−5 V, VGS = −4.5 V
−20
A
VGS = −4.5 V, ID = −4.8 A
0.030
0.037
Drain-Source On-State Resistancea
rDS(on)
VGS = −2.5 V, ID = −4.2 A
0.041
0.050
W
Drain Source On State Resistance
rDS(on)
VGS = −1.8 V, ID = −1 A
0.056
0.070
W
Forward Transconductancea
gfs
VDS = −10 V, ID = −4.8 A
18
S
Diode Forward Voltagea
VSD
IS = −1.1 A, VGS = 0 V
−0.8
−1.2
V
Dynamicb
Total Gate Charge
Qg
15
22
Gate-Source Charge
Qgs
VDS = −10 V, VGS = −4.5 V, ID = −4.8 A
2.4
nC
Gate-Drain Charge
Qgd
3.6
Gate Resistance
Rg
10
W
Turn-On Delay Time
td(on)
12
25
Rise Time
tr
VDD = −10 V, RL = 10 W
25
40
Turn-Off Delay Time
td(off)
VDD = −10 V, RL = 10 W
ID ^ −1 A, VGEN = −4.5 V, Rg = 6 W
80
120
ns
Fall Time
tf
g
55
85
ns
Source-Drain Reverse Recovery Time
trr
IF = −1.1 A, di/dt = 100 A/ms
30
60
Notes
a.
Pulse test; pulse width v 300 ms, duty cycle v 2%.
b.
Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
4
8
12
16
20
0.00 0.25 0.50 0.75 1.00 1.25 1.50 1.75 2.00
0
4
8
12
16
20
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
VGS = 5 thru 2.5 V
TC = −55_C
125_C
2 V
25_C
Output Characteristics
Transfer Characteristics
VDS − Drain-to-Source Voltage (V)
VGS − Gate-to-Source Voltage (V)
1.5 V
1 V


Numéro de pièce similaire - SI5433BDC

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI5433BDC VISHAY-SI5433BDC Datasheet
93Kb / 6P
   P-Channel 20-V (D-S) MOSFET
Rev.A, 13-Dec-04
SI5433BDC-T1-E3 VISHAY-SI5433BDC-T1-E3 Datasheet
93Kb / 6P
   P-Channel 20-V (D-S) MOSFET
Rev.A, 13-Dec-04
SI5433BDC VISHAY-SI5433BDC_08 Datasheet
93Kb / 6P
   P-Channel 20-V (D-S) MOSFET
Rev.A, 13-Dec-04
More results

Description similaire - SI5433BDC

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI9400DY VISHAY-SI9400DY Datasheet
58Kb / 4P
   P-Channel 20-V (D-S) MOSFET
Rev. K, 02-Mar-98
SI9424BDY VISHAY-SI9424BDY Datasheet
44Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 07-Oct-02
SI8407DB VISHAY-SI8407DB Datasheet
69Kb / 6P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 17-Jan-05
SI7401DN VISHAY-SI7401DN Datasheet
240Kb / 3P
   P-Channel 20-V (D-S) MOSFET
31-May-01
SI7403BDN VISHAY-SI7403BDN Datasheet
106Kb / 8P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 21-Mar-05
SIS407DN-T1-GE3 VISHAY-SIS407DN-T1-GE3 Datasheet
548Kb / 13P
   P-Channel 20 V (D-S) MOSFET
Rev. B, 06-Sep-10
SI4477DY-T1-GE3 VISHAY-SI4477DY-T1-GE3 Datasheet
261Kb / 10P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 18-May-09
SIA431DJ VISHAY-SIA431DJ Datasheet
221Kb / 9P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 21-May-12
SI1077X VISHAY-SI1077X Datasheet
183Kb / 8P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 24-Dec-12
SI5457DC VISHAY-SI5457DC Datasheet
244Kb / 11P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 06-Sep-10
logo
Analog Power
AM4421P ANALOGPOWER-AM4421P Datasheet
423Kb / 5P
   P-Channel 20-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com