Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

NTE3057 Fiches technique(PDF) 1 Page - NTE Electronics

No de pièce NTE3057
Description  0.3 Single Digit Numeric Display, Seven Segment, Common Cathode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NTE [NTE Electronics]
Site Internet  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE3057 Fiches technique(HTML) 1 Page - NTE Electronics

  NTE3057 Datasheet HTML 1Page - NTE Electronics NTE3057 Datasheet HTML 2Page - NTE Electronics NTE3057 Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NTE3056 thru NTE3060
0.3” Single Digit Numeric Display,
Seven Segment, Common Cathode
Description:
The NTE3056 through NTE3060 are 0.3 inch (7.62mm) height single digit, seven segment, common
cathode displays. The NTE3056 and NTE3057 utilize LED chips which are made from GaAsP on a
GaAs substrate. The NTE3059 utilizes LED chips which are made from GaP on a transparent GaP
substrate. The NTE3058 and NTE3060 utilize LED chips which are made from GaAsP on a transpar-
ent GaP substrate.
Features:
D 0.3 Inch (7.62mm) Digit Height
D Choice of Four Bright Colors:
Red
NTE3056, NTE3057
Orange
NTE3058
Green
NTE3059
Yellow
NTE3060
D Low Power Requirement
D Excellent Characters Appearance
D Categorized for Luminous Intensity
D IC Compatible
D Easy Mounting on PC Board or Sockets
Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)
Power Dissipation (Per Segment), PT
NTE3056, NTE3057
55mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NTE3058, NTE3059
75mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NTE3060
60mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Peak Forward Current (Per Segment, 1/10 Duty Cycle, 0.1ms Pulse Width), IFpeak
NTE3056, NTE3057
160mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NTE3058, NTE3059
100mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NTE3060
80mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous Forward Current (Per Segment), IF
NTE3056, NTE3057, NTE3058, NTE3059
25mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NTE3060
20mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Derate Linearly from 25
°C (Per Segment)
NTE3056, NTE3057, NTE3058, NTE3059
0.30mA/
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NTE3060
0.24mA/
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Reverse Voltage (Per Segment), VR
5V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range, Topr
–25
° to +85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–25
° to +85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead Temperatue (During Solder, 1/16” Below Seating Plane, 3sec max), TL
+260
°C
. . . . . . . . . . . .


Html Pages

1  2  3 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn