Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

NTE3057 Fiches technique(PDF) 2 Page - NTE Electronics

No de pièce NTE3057
Description  0.3 Single Digit Numeric Display, Seven Segment, Common Cathode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NTE [NTE Electronics]
Site Internet  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE3057 Fiches technique(HTML) 2 Page - NTE Electronics

  NTE3057 Datasheet HTML 1Page - NTE Electronics NTE3057 Datasheet HTML 2Page - NTE Electronics NTE3057 Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical/Optical Characteristics: (TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Average Luminous Intensity
NTE3056, NTE3057
Iv
IF = 10mA
200
500
µcd
NTE3058, NTE3059, NTE3060
800
2000
µcd
Peak Emission Wavelength
NTE3056, NTE3057
λP
IF = 20mA
655
nm
NTE3058
630
nm
NTE3059
565
nm
NTE3060
585
nm
Spectral Line Half–Width
NTE3056, NTE3057
λ
IF = 20mA
24
nm
NTE3058
40
nm
NTE3059
30
nm
NTE3060
35
nm
Forward Voltage, Any Segment or D.P.
NTE3056, NTE3057
VF
IF = 20mA
1.7
2.0
V
NTE3058, NTE3059, NTE3060
2.1
2.8
V
Reverse Current, Any Segment or D.P.
IR
VR = 5V
100
µA
Luminous Intensity Matching Ratio
Iv–m
IF = 20mA
2:1
Pin Connection Diagram
1
2
3
4
Anode F
Anode G
No Pin
Common Cathode
5
No Pin
6
Anode E
7
Anode D
14
13
12
11
Anode A
Anode B
Common Cathode
No Pin
10 No Pin
9 Anode D.P.
8 Anode C
A
G
D D.P.
FB
EC
1
2
3
4
No Pin
Common Cathode
Anode F
Anode G
5
Anode E
6
Anode D
7
No Pin
14
13
12
11
No Pin
Anode A
Anode B
Anode C
10 Anode D.P.
9 Common Cathode
8 No Pin
A
G
D D.P.
FB
EC
NTE3056, NTE3058,
NTE3059, NTE3060
NTE3057


Html Pages

1  2  3 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn