Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

NJU7043 Fiches technique(PDF) 1 Page - New Japan Radio

No de pièce NJU7043
Description  Input/Output Full-Swing High Output Current Dual C-MOS Operational Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NJRC [New Japan Radio]
Site Internet  http://www.njr.co.jp/index_e.htm
Logo NJRC - New Japan Radio

NJU7043 Fiches technique(HTML) 1 Page - New Japan Radio

  NJU7043 Datasheet HTML 1Page - New Japan Radio NJU7043 Datasheet HTML 2Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRELIMINARY
1
NJU7043
Input/Output Full-Swing
High Output Current Dual C-MOS Operational Amplifier
s GENERAL DESCRIPTION
s PACKAGE OUTLINE
The NJU7043 is a dual C-MOS operational amplifier
permitting a full-swing input and output in full-swing under
high load.
Based on C-MOS technology, there are excellent features
such as high output current, low current consumption, low
operating voltage.
s FEATURES
q Oprating Voltage
VDD=1.8 to 5.0V
q Input/Output Full-Swing
q High Output Current
Isourse>40mA typ.at Vo
Isink<-40mA typ. at Vo
q Input Offset Voltage
VIO=7mV max.
q Wide Input Common Mode Voltage Range VSS to VDD
q Operating Current
IDD=700µA typ.
q High Input Impedance
1T
Ω typ.
q Low Input Bias Current
IIB=1pA typ.
q Ground Sensing
q Tiny Package
DIP8, DMP8, SSOP8, TVSP8
s PIN CONFIGURATION
NJU7043D
NJU7043M
NJU7043V
NJU7043RB1
1
2
3
5
4
-
+
+
-
7
6
8
PIN FUNCTION
1.OUTPUT1
2.-INPUT1
3.+INPUT1
4.VSS
5.+INPUT2
6.-INPUT2
7.OUTPUT2
8.VDD


Html Pages

1  2 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn