Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N4007GPL Fiches technique(PDF) 1 Page - Micro Commercial Components

No de pièce 1N4007GPL
Description  1 Amp Glass Passivated Rectifier 50 - 1000 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MCC [Micro Commercial Components]
Site Internet  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

1N4007GPL Fiches technique(HTML) 1 Page - Micro Commercial Components

  1N4007GPL Datasheet HTML 1Page - Micro Commercial Components 1N4007GPL Datasheet HTML 2Page - Micro Commercial Components 1N4007GPL Datasheet HTML 3Page - Micro Commercial Components 1N4007GPL Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1N4001GP
L
THRU
1N4007GP
L
1 Amp Glass
Passivated Rectifier
50 - 1000 Volts
DO-41
Features
Glass Passivated Junction
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.166
.205
4.10
5.20
B
.080
.107
2.00
2.70
C
.028
.034
.70
.90
D
1.000
---
25.40
---
Maximum Ratings
Operating Temperature: -55
°C to +1
50°C
Storage Temperature: -55
°C to +1
50°C
Maximum Thermal Resistance; 20
°C/W Junction To Lead
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak
Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
1N4001GP
L
50V
35V
50V
1N4002GP
L
100V
70V
100V
1N4003GP
L
200V
140V
200V
1N4004GP
L
400V
280V
400V
1N4005GP
L
600V
420V
600V
1N4006GP
L
800V
560V
800V
1N4007GP
L
1000V
700V
1000V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
1.0A
TA = 75
°C
Peak Forward Surge
Current
IFSM
30A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
1.1V
IFM = 1.0A;
TJ = 25
°C*
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5.0
µA
50
µA
TJ = 25
°C
TJ = 125
°C
Typical Junction
Capacitance
CJ
15pF
Measured at
1.0MHz, VR=4.0V
*Pulse test: Pulse width 300
µsec, Duty cycle 2%
A
B
C
D
D
Cathode
Mark
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%   !"#
Revision:
B
201
6/05/09
1N4001G
L
1N4002G
L
1N4003G
L
1N4004G
L
1N4005G
L
1N4006G
L
1N4007G
L
www.mccsemi.com
1 of 4
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Note:
1. High Temperature Solder Exemption Applied, see EU Directive Annex 7.
2.0
µs
IF=0.5A, IR=1.0A,
Irr=0.25A
Trr
Typical
Reverse
Recovery Time
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1
Halogen free available upon request by adding suffix "-HF"
Micro Commercial Components
M C C
R


Numéro de pièce similaire - 1N4007GPL

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
1N4007GP FAIRCHILD-1N4007GP Datasheet
41Kb / 3P
   1.0 Ampere Glass Passivated Rectifiers
logo
Diotec Semiconductor
1N4007GP DIOTEC-1N4007GP Datasheet
95Kb / 2P
   Glass Passivated Silicon Rectifier Diodes
logo
General Semiconductor
1N4007GP GE-1N4007GP Datasheet
61Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
Diotec Semiconductor
1N4007GP DIOTEC-1N4007GP Datasheet
96Kb / 2P
   Glass Passivated Silicon Rectifier Diodes
logo
Micro Commercial Compon...
1N4007GP MCC-1N4007GP Datasheet
79Kb / 3P
   1 Amp Glass PassivatedRectifier 50 - 1000 Volts
More results

Description similaire - 1N4007GPL

FabricantNo de pièceFiches techniqueDescription
logo
Shanghai Lunsure Electr...
1N4001GP CHENYI-1N4001GP Datasheet
47Kb / 3P
   1 Amp Glass Passivated Rectifier 50-1000 Volts
logo
Micro Commercial Compon...
1N4001GP MCC-1N4001GP_11 Datasheet
500Kb / 4P
   1 Amp Glass Passivated Rectifier 50 - 1000 Volts
DL4001 MCC-DL4001 Datasheet
79Kb / 3P
   1 Amp Glass Passivated Rectifier 50 to 1000 Volts
FR101GP MCC-FR101GP Datasheet
80Kb / 3P
   1 Amp Glass Passivated Rectifier 50 to 1000 Volts
DL4001 MCC-DL4001_11 Datasheet
240Kb / 3P
   1 Amp Glass Passivated Rectifier 50 to 1000 Volts
FR101GP MCC-FR101GP_13 Datasheet
493Kb / 4P
   1 Amp Glass Passivated Rectifier 50 to 1000 Volts
DL4001-TP MCC-DL4001-TP Datasheet
240Kb / 3P
   1 Amp Glass Passivated Rectifier 50 to 1000 Volts
FR101GP MCC-FR101GP_11 Datasheet
464Kb / 4P
   1 Amp Glass Passivated Rectifier 50 to 1000 Volts
DR750 MCC-DR750 Datasheet
85Kb / 3P
   Passivated Rectifier 50 - 1000 Volts 6 Amp Glass
1N5391GP MCC-1N5391GP_13 Datasheet
451Kb / 4P
   1.5 Amp Glass Passivated Rectifier 50 - 1000 Volts
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com