Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS5MP645NYFPR Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce TS5MP645NYFPR
Description  4-Data Lane 2:1 MIPI Switch (10-Channel, 2:1 Analog Switch)
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TS5MP645NYFPR Fiches technique(HTML) 6 Page - Texas Instruments

Back Button TS5MP645NYFPR Datasheet HTML 2Page - Texas Instruments TS5MP645NYFPR Datasheet HTML 3Page - Texas Instruments TS5MP645NYFPR Datasheet HTML 4Page - Texas Instruments TS5MP645NYFPR Datasheet HTML 5Page - Texas Instruments TS5MP645NYFPR Datasheet HTML 6Page - Texas Instruments TS5MP645NYFPR Datasheet HTML 7Page - Texas Instruments TS5MP645NYFPR Datasheet HTML 8Page - Texas Instruments TS5MP645NYFPR Datasheet HTML 9Page - Texas Instruments TS5MP645NYFPR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
6
TS5MP645
SCDS385 – JANUARY 2018
www.ti.com
Product Folder Links: TS5MP645
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
6.5 Electrical Characteristics
Over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLY
IDD
Active Supply Current
VDD = 1.65 V to 5.5 V
OE = 0 V
SEL = 0 V to 5.5 V
Dn, CLKn = 0 V
0
30
60
µA
IDD_PD
Power-down Supply current
VDD = 1.65 V to 5.5 V
OE = VDD
SEL = 0 V to 5.5 V
Dn, CLKn = 0 V
0
0.1
1
µA
IDD_PD_1.8
Power-down Supply current
VDD = 1.65 V to 5.5 V
OE = 1.8 V
SEL = 0 V to 5.5 V
Dn, CLKn = 0 V
0
0.1
10
µA
DC CHARACTERISTICS
RON_HS
On-state resistance
VDD = 1.65 V to 5.5 V
OE = 0 V
Dn,CLKn = -8 mA, 0.2V
DAn, DBn, CLKAn, CLKBn = 0.2 V, -8 mA
2.45
5.5
Ω
RON_LP
On-state resistance
VDD = 1.65 V to 5.5 V
OE = 0 V
Dn, CLKn = -8 mA, 1.2V
DAn, DBn, CLKAn, CLKBn = 1.2 V, -8 mA
2.65
6.5
Ω
RON_flat_HS
On-state resistance flatness
VDD = 1.65 V to 5.5 V
OE = 0 V
Dn, CLKn = -8 mA, 0 V to 0.3 V
DAn, DBn, CLKAn, CLKBn = 0 V to 0.3 V,-8 mA
0.1
Ω
RON_flat_LP
On-state resistance flatness
VDD = 1.65 V to 5.5 V
OE = 0 V
Dn, CLKn = -8 mA, 0 V to 1.3 V
DAn, DBn, CLKAn, CLKBn = 0 V to 1.3 V, -8 mA
0.9
Ω
ΔRON_HS
On-state resistance match between+and -
paths
VDD = 1.65 V to 5.5 V
OE = 0 V
Dn, CLKn = -8 mA, 0.2 V
DAn, DBn, CLKAn, CLKBn = 0.2 V, -8 mA
0.1
Ω
ΔRON_LP
On-state resistance match between+and -
paths
VDD = 1.65 V to 5.5 V
OE = 0 V
Dn, CLKn = -8 mA, 1.2 V
DAn, DBn, CLKAn, CLKBn = 1.2 V, -8 mA
0.1
Ω
IOFF
Switch off leakage current
VDD = 1.65 V to 5.5 V
OE = 0 V to 5.5 V
SEL= 0 V to 5.5 V
Dn, CLKn = 0 V to 1.3 V
DAn, DBn, CLKAn, CLKBn = 0 V to 1.3 V
-0.5
0.5
µA
ION
Switch on leakage current
VDD = 1.65 V to 5.5 V
OE = 0 V
SEL= 0 V to 5.5 V
Dn, CLKn = 0 V to 1.3 V
DAn, DBn, CLKAn, CLKBn = 0 V to 1.3 V
-0.5
0.5
µA
DYNAMIC CHARACTERISTICS
tSWITCH
Switching time between channels
VDD = 1.65 V to 5.5 V
OE = 0 V
Dn, CLKn = 0.6 V
DAn, DBn, CLKAn, CLKBn: RL=50 Ω, CL = 5 pF
1.5
µs
fSEL_MAX
Maximum toggling frequency for the SEL
line
VDD = 1.65 V to 5.5 V
Dn, CLKn = 0.6 V
DAn, DBn, CLKAn, CLKBn: RL= 50 Ω, CL=1 pF
100
kHz
tON_OE
Device enable time OE to switch on
VDD = 1.65 V to 5.5 V
Dn, CLKn = 0.6 V
DAn, DBn, CLKAn, CLKBn: RL= 50 Ω, CL= 1 pF
50
300
µs
tON_VDD
Device enable time VDD to switch on
VDD = 0 V to 1.65 V
Dn, CLKn = 0.6 V
DAn, DBn, CLKAn, CLKBn: RL= 50 Ω, CL= 1 pF
50
300
µs


Numéro de pièce similaire - TS5MP645NYFPR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TS5MP646 TI1-TS5MP646 Datasheet
1Mb / 30P
[Old version datasheet]   Lane 2:1 MIPI Switch (10-Channel, 2:1 Analog Switch)
TS5MP646NYFPR TI1-TS5MP646NYFPR Datasheet
1Mb / 30P
[Old version datasheet]   Lane 2:1 MIPI Switch (10-Channel, 2:1 Analog Switch)
TS5MP646YFPR TI1-TS5MP646YFPR Datasheet
1Mb / 30P
[Old version datasheet]   Lane 2:1 MIPI Switch (10-Channel, 2:1 Analog Switch)
More results

Description similaire - TS5MP645NYFPR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TS5MP646 TI1-TS5MP646 Datasheet
1Mb / 30P
[Old version datasheet]   Lane 2:1 MIPI Switch (10-Channel, 2:1 Analog Switch)
logo
Diodes Incorporated
PI3WVR2646 DIODES-PI3WVR2646 Datasheet
645Kb / 9P
   2:1 MIPI 4-Data Lane Switch
Rev 4 - 2 September 2022
PI3WVR626 DIODES-PI3WVR626 Datasheet
1Mb / 12P
   2:1 MIPI 2-Data Lane Switch
Rev 3 - 2 March 2020
logo
ON Semiconductor
FSA646 ONSEMI-FSA646 Datasheet
458Kb / 8P
   2:1 MIPI D-PHY 4-Data Lane Switch
June, 2018 ??Rev. 0
logo
Fairchild Semiconductor
FSA641 FAIRCHILD-FSA641 Datasheet
1Mb / 3P
   2:1 MIPI Switch, Featuring 2-Data and 1-Data Lane Configuration
logo
ON Semiconductor
FSA641 ONSEMI-FSA641 Datasheet
623Kb / 12P
   2:1 MIPI Switch, Featuring 2-Data and 1-Data Lane Configuration
June 2014 Rev. 1.0.5
FSA644 ONSEMI-FSA644 Datasheet
1Mb / 11P
   2:1 MIPI D-PHY (1.5Gbps) 4-Data Lane Switch
May 2018 Rev. 2
logo
Fairchild Semiconductor
FSA644UCX FAIRCHILD-FSA644UCX Datasheet
624Kb / 10P
   FSA644 ??2:1 MIPI D-PHY (1.5Gbps) 4-Data Lane Switch
logo
ON Semiconductor
FSA660 ONSEMI-FSA660 Datasheet
314Kb / 8P
   2:1 MIPI C-PHY (5.7 Gbps) 1-Data Lane Switch
September 2016 Rev. 1.0
FSA634 ONSEMI-FSA634 Datasheet
986Kb / 8P
   2:1 MIPI D-PHY (1.5Gbps) 4Data Lane Switch
September, 2019 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com