Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ZL40166 Fiches technique(PDF) 2 Page - Zarlink Semiconductor Inc

No de pièce ZL40166
Description  High Output Current High Speed Dual Operational Amplifier
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ZARLINK [Zarlink Semiconductor Inc]
Site Internet  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL40166 Fiches technique(HTML) 2 Page - Zarlink Semiconductor Inc

  ZL40166 Datasheet HTML 1Page - Zarlink Semiconductor Inc ZL40166 Datasheet HTML 2Page - Zarlink Semiconductor Inc ZL40166 Datasheet HTML 3Page - Zarlink Semiconductor Inc ZL40166 Datasheet HTML 4Page - Zarlink Semiconductor Inc ZL40166 Datasheet HTML 5Page - Zarlink Semiconductor Inc ZL40166 Datasheet HTML 6Page - Zarlink Semiconductor Inc ZL40166 Datasheet HTML 7Page - Zarlink Semiconductor Inc ZL40166 Datasheet HTML 8Page - Zarlink Semiconductor Inc ZL40166 Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
1
Features
• High Output Drive
• 18.8 Vpp differential output voltage, RL = 50
• 9.4 Vpp single-ended output voltage, RL =
25
• High Output Current
• ± 200mA @ Vo = 9.4 Vpp, Vs = 12V
• Low Distortion
• 85dB SFDR (Spurious Free Dynamic Range)
@ 100KHz, Vo = 2Vpp, RL = 25
• High Speed
• 192MHz 3dB bandwidth (G=2)
•240V /
µs slew rate
•Low Noise
• 3.8nV /
√Hz: input noise voltage
• 2.7pA /
√Hz: input noise current
• Low supply current: 7mA/amp
• Single-supply operation: 5V to 12V
• High ESD (Electro-Static Discharge) immunity
• 4kV for Supply and Output pins
• Low differential gain and phase
• 0.005% and -0.07deg
Applications
• ADSL PCI modem cards
• xDSL external modem
• Line Driver
Description
The ZL40166 is a low cost voltage feedback opamp
capable of driving signals to within 1V of the power
supply rails. It features low noise and low distortion
accompanied by a high output current which makes it
ideally suited for the application as an xDSL line driver.
The dual opamp can be connected as a differential line
driver delivering signals up to 18.8Vpp swing into a 25
Ω load, fully supporting the peak upstream power levels
for upstream full-rate ADSL (Asymmetrical Digital
Subscriber Line).
The wide bandwidth, high power output and low
differential gain and phase figures make the ZL40166
ideally suited for a wide variety of video driver
applications.
April 2003
Ordering Information
ZL40166/DCA (tubes) 8 lead SOIC
ZL40166/DCB (tape and reel) 8 lead SOIC
-40
°C to +85°C
ZL40166
High Output Current
High Speed Dual Operational Amplifier
Data Sheet
Figure 1 - Functional Block Diagram and Pin Connection
7
Out_1
In_n_1
In_p_1
In_p_2
In_n_2
Out_2
V -
ZL40166
V+
1
2
3
4
5
6
8
1
2


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33