Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM12-02HTG Fiches technique(PDF) 6 Page - Littelfuse

No de pièce SM12-02HTG
Description  400W TVS Diode Array
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LITTELFUSE [Littelfuse]
Site Internet  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SM12-02HTG Fiches technique(HTML) 6 Page - Littelfuse

  SM12-02HTG Datasheet HTML 1Page - Littelfuse SM12-02HTG Datasheet HTML 2Page - Littelfuse SM12-02HTG Datasheet HTML 3Page - Littelfuse SM12-02HTG Datasheet HTML 4Page - Littelfuse SM12-02HTG Datasheet HTML 5Page - Littelfuse SM12-02HTG Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
TVS Diode Arrays (SPA®Diodes)
© 2018 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 01/23/18
10
General Purpose ESD Protection - SM05 through SM36
GENERAL INFORMATION
1. 3000 PIECES PER REEL.
2. ORDER IN MULTIPLES OF FULL REELS ONLY.
3. MEETS EIA-481 REVISION "A" SPECIFICATIONS.
COVER TAPE
USER DIRECTION OF FEED
PIN 1
SOT23-3 (8mm POCKET PITCH)
8.4mm
180mm
14.4mm
13mm
60mm
ACCESS HOLE
8mm TAPE AND REEL
Embossed Carrier Tape & Reel Specification — SOT23-3
Symbol
Millimetres
Inches
Min
Max
Min
Max
E
1.65
1.85
0.065
0.073
F
3.40
3.60
0.134
0.142
P2
1.90
2.10
0.075
0.083
D
1.40
1.60
0.055
0.063
P0
3.90
4.10
0.154
0.161
W
7.70
8.30
0.303
0.327
P
3.90
4.10
0.154
0.161
A0
3.05
3.25
0.120
0.128
B0
2.67
2.87
0.105
0.113
K0
1.12
1.32
0.044
0.052
t
0.22
0.24
0.009
0.009
P
e
e1
E
3
1
2
E1
b
A1
A
D
C
L1
0
N
M
502B
Package
SOT23-3
Pins
3
JEDEC
TO-236
Millimeters
Inches
Min
Max
Min
Max
A
0.89
1.12
0.035
0.044
A1
0.01
0.1
0.0004
0.004
b
0.3
0.5
0.012
0.020
c
0.08
0.2
0.003
0.008
D
2.8
3.04
0.110
0.120
E
2.1
2.64
0.083
0.104
E1
1.2
1.4
0.047
0.055
e
0.95 BSC
0.038 BSC
e1
1.90 BSC
0.075 BSC
L1
0.54 REF
0.021 REF
M
2.29
.090
N
0.95
0.038
O
0.78
.030TYP
P
0.78
.030TYP
Package Dimensions — SOT23-3
Recommended Pad Layout
P
e
e1
E
3
1
2
E1
b
A1
A
D
C
L1
0
N
M
502B
Part Numbering System
Part Marking System
SM
02
T G
Series
Number of
Channels
Package
T= Tape & Reel
G= Green
TVS Diode Arrays
(SPA® Diodes)
H: SOT23-3
H
xx
Working
Voltage
Mxx


Numéro de pièce similaire - SM12-02HTG

FabricantNo de pièceFiches techniqueDescription
logo
Guangdong Youtai Semico...
SM12-02HTG UMW-SM12-02HTG Datasheet
742Kb / 6P
   RoHS compliant and lead-free
More results

Description similaire - SM12-02HTG

FabricantNo de pièceFiches techniqueDescription
logo
AiT Semiconductor Inc.
SM712 AITSEMI-SM712 Datasheet
535Kb / 6P
   TVS 400W ASYMMETRICAL TVS DIODE ARRAY
REV1.0
logo
Galaxy Semi-Conductor H...
SM15 BILIN-SM15 Datasheet
111Kb / 3P
   TVS DIODE ARRAY
SM24 BILIN-SM24 Datasheet
111Kb / 3P
   TVS DIODE ARRAY
logo
Yea Shin Technology Co....
YSAZ5V6T3 YEASHIN-YSAZ5V6T3 Datasheet
855Kb / 3P
   TVS DIODE ARRAY
logo
Rectron Semiconductor
TEMP03 RECTRON-TEMP03 Datasheet
352Kb / 5P
   TVS Diode Array
logo
Shanghai Leiditech Elec...
SM48 LEIDITECH-SM48 Datasheet
312Kb / 3P
   TVS Diode Array
SM12T1 LEIDITECH-SM12T1 Datasheet
373Kb / 3P
   TVS Diode Array
GSOT05C LEIDITECH-GSOT05C Datasheet
447Kb / 3P
   TVS Diode Array
Rev : 01.06.2014
logo
Guangdong Youtai Semico...
SMXX UMW-SMXX Datasheet
425Kb / 3P
   TVS Diode Array
logo
TECH PUBLIC Electronics...
SM05T1G-TP TECHPUBLIC-SM05T1G-TP Datasheet
977Kb / 4P
   TVS Diode Array
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com