Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OP270GS-REEL Fiches technique(PDF) 5 Page - Analog Devices

No de pièce OP270GS-REEL
Description  Dual Very Low Noise Precision Operational Amplifier
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

OP270GS-REEL Fiches technique(HTML) 5 Page - Analog Devices

  OP270GS-REEL Datasheet HTML 1Page - Analog Devices OP270GS-REEL Datasheet HTML 2Page - Analog Devices OP270GS-REEL Datasheet HTML 3Page - Analog Devices OP270GS-REEL Datasheet HTML 4Page - Analog Devices OP270GS-REEL Datasheet HTML 5Page - Analog Devices OP270GS-REEL Datasheet HTML 6Page - Analog Devices OP270GS-REEL Datasheet HTML 7Page - Analog Devices OP270GS-REEL Datasheet HTML 8Page - Analog Devices OP270GS-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
OP270
Data Sheet
Rev. F | Page 4 of 20
ELECTRICAL SPECIFICATIONS
VS = ±15 V, −40°C ≤ TA ≤ 85°C, unless otherwise noted.
Table 2.
Parameter
Symbol
Test Conditions
OP270E
OP270F
OP270G
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Input Offset Voltage
VOS
25
150
45
275
100
400
μV
Average Input Offset
Voltage Drift
TCVOS
0.2
1
0.4
2
0.7
3
μV/°C
Input Offset Current
IOS
VCM = 0 V
1.5
30
5
40
15
50
nA
Input Bias Voltage
IB
VCM = 0 V
6
60
15
70
19
80
nA
Large-Signal Voltage Gain
AVO
VO = ±10 V,
RL = 10 kΩ
1000
1800
600
1400
400
1250
V/mV
AVO
VO = ±10 V,
RL = 2 kΩ
500
900
300
700
225
670
V/mV
Input Voltage Range1
IVR
±12
±12.5
±12
±12.5
±12
±12.5
V
Output Voltage Swing
VO
RL ≥ 2 kΩ
±12
±13.5
±12
±13.5
±12
±13.5
V
Common-Mode Rejection
CMR
VCM = ±11 V
100
120
94
115
90
100
dB
Power Supply Rejection
Ratio
PSRR
VS = ±4.5 V to ±18 V
0.7
5.6
1.8
10
2.0
1.5
μV/V
Supply Current
(All Amplifiers)
ISY
No load
4.4
7.2
4.4
7.2
4.4
7.2
mA
1 Guaranteed by CMR test.


Numéro de pièce similaire - OP270GS-REEL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
OP270GS-REEL AD-OP270GS-REEL Datasheet
425Kb / 20P
   Dual Very Low Noise Precision Operational Amplifier
Rev. E
More results

Description similaire - OP270GS-REEL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
OP-270 AD-OP-270 Datasheet
601Kb / 16P
   DUAL VERY LOW NOISE PRECISION OPERATIONAL AMPLIFIER
OP270 AD-OP270 Datasheet
525Kb / 16P
   Dual Very Low Noise Precision Operational Amplifier
REV. C
OP270GPZ AD-OP270GPZ Datasheet
425Kb / 20P
   Dual Very Low Noise Precision Operational Amplifier
Rev. E
logo
Intersil Corporation
HA-5222 INTERSIL-HA-5222_01 Datasheet
459Kb / 8P
   Dual, Low Noise, Wideband, Precision Operational Amplifier
logo
Burr-Brown (TI)
OPA2111 BURR-BROWN-OPA2111 Datasheet
231Kb / 13P
   Dual Low Noise Precision Difet OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-5222 INTERSIL-HA-5222 Datasheet
65Kb / 8P
   Dual, Low Noise, Wideband, Precision Operational Amplifier
January 1996
logo
Analog Devices
OP27CH AD-OP27CH Datasheet
429Kb / 20P
   Low Noise, Precision Operational Amplifier
Rev. F
logo
Intersil Corporation
ISL76627 INTERSIL-ISL76627 Datasheet
1Mb / 18P
   Precision Low Noise Operational Amplifier
logo
Analog Devices
OP27 AD-OP27_06 Datasheet
428Kb / 20P
   Low Noise, Precision Operational Amplifier
Rev. F
OP-27 AD-OP-27 Datasheet
703Kb / 12P
   LOW NOISE, PRECISION OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com