Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

96LEDK-C150XG40NG1 Fiches technique(PDF) 2 Page - Advantech Co., Ltd.

No de pièce 96LEDK-C150XG40NG1
Description  COM-Express Compact Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ADVANTECH [Advantech Co., Ltd.]
Site Internet  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

96LEDK-C150XG40NG1 Fiches technique(HTML) 2 Page - Advantech Co., Ltd.

  96LEDK-C150XG40NG1 Datasheet HTML 1Page - Advantech Co., Ltd. 96LEDK-C150XG40NG1 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Block Diagram
SOM-6869
Ordering Information
Part No.
CPU
Frequency
Base/Burst
Core CPU
TDP
DDR3L Memory
LVDS
VGA DDI
Giga
LAN
HD
Audio
PCIe
x 1
USB
2.0
USB
3.0
SATAIII
LPC
Power
Thermal
Solution
Operating
Temperature
SOM-6869RC-S1A1E
Celeron N3350
1.1/2.4 GHz
2C
6W
DDR3L-1866 MHz
18/24-bit
1
2
1
Yes
5
8
2
2
Yes
AT/ATX
Passive
0 ~ 60° C
SOM-6869PC-S2A1E
Pentium N4200
1.1/2.5 GHz
4C
6W
DDR3L-1866 MHz
18/24-bit
1
2
1
Yes
5
8
2
2
Yes
AT/ATX
Passive
0 ~ 60° C
SOM-6869AC-S3A1E
Atom x5-E3930
1.3/1.8 GHz
2C
6.5W
DDR3L-1866 MHz
18/24-bit
1
2
1
Yes
5
8
2
2
Yes
AT/ATX
Passive
0 ~ 60° C
SOM-6869AC-S6A1E
Atom x5-E3940
1.6/1.8 GHz
4C
9.5W
DDR3L-1866 MHz
18/24-bit
1
2
1
Yes
5
8
2
2
Yes
AT/ATX
Passive
0 ~ 60° C
SOM-6869AC-S7A1E
Atom x7-E3950
1.6/2.0 GHz
4C
12W
DDR3L-1866 MHz
18/24-bit
1
2
1
Yes
5
8
2
2
Yes
AT/ATX
Passive
0 ~ 60° C
SOM-6869AX-S3A1E
Atom x5-E3930
1.3/1.8 GHz
2C
6.5W
DDR3L-1866 MHz
18/24-bit
1
2
1
Yes
5
8
2
2
Yes
AT/ATX
TBC
-40 ~ 85° C
SOM-6869AX-S6A1E
Atom x5-E3940
1.6/1.8 GHz
4C
9.5W
DDR3L-1866 MHz
18/24-bit
1
2
1
Yes
5
8
2
2
Yes
AT/ATX
TBC
-40 ~ 85° C
SOM-6869AX-S7A1E
Atom x7-E3950
1.6/2.0 GHz
4C
12W
DDR3L-1866 MHz
18/24-bit
1
2
1
Yes
5
8
2
2
Yes
AT/ATX
TBC
-40 ~ 85° C
Note: Any other sku or combination is project based support. Please contact sales for details.
Packing List
Part No.
Description
Quantity
-
SOM-6869 CPU Module (N4200, N3350 CPU SKU)
1
1960080793T000
Heatspreader
* For N4200, N3350 CPU SKU
1
Part No.
Description
Quantity
-
SOM-6869 CPU Module (E3950, E3940, E3930 CPU SKU)
1
1960080792T000
Heatspreader
* For E3950, E3940, E3930 CPU SKU
1
Development Board
Part No.
Description
SOM-DB5800-00A2E
COMe Devel. Board Type6 pint-out Rev. A2
Optional Accessories
Part No.
Description
1960048815N001
Semi-Heatsink 95 x 95 x 16.25 mm
1960048819N001
Semi-Cooler 95 x 95 x 33 mm
96LEDK-I057VG50NA1
5.7" LED PANEL 500N 640X480(G)
96LEDK-A084SV45NB2
8.4" LED PANEL 450N 800X600(G) G084SN05 V9
96LEDK-C150XG40NG1
15" LED PANEL 400N 1024X768(G) G150XGE-L04
96LEDK-A170SX35NF1
17" LED 350N 1280X1024(G) G170EG01 V1
Embedded OS
OS
Part No.
Description
Win10
2070015008
img W10 16EL SOM-6869 64bit 1701 Eng
eDP
DP to VGA
DP to LVDS
eDP
LVDS
#1
Analog VGA*
DDI Port 2 DPChrontel
#2
#0,1
#0,1
#0,1
#0~7
#0~4
#5
#0~4
#0,1
#0~7
Giga LAN
IMVP8
VCGI, VNN
TPM 2.0
EC
GPIO
SD 3.0
(BOM Option)
WDT / I2C / FAN
RS1 / RS2 (CAN BUS for optional)
LPC BUS
HD Audio
SATA Port 0 / 1(GEN3)
PCIE Port 0~4
MDI
PCIE Port 5
USB 2.0 Port 0~7
* Default Setting.
SMBus
SPI Bus
SPI BIOS
Unbuered
204 Pin SO-DIMM x 2
1866 MHz total up to 8GB
w/o ECC
USB 3.0 Port 0~1
Dual Channel DDR3L
DDI Port 1 HDMI / DisplayPort
Option with Analog VGA
Option
DDI Port 2 HDMI / DisplayPort
Intel® Atom™ E3900 &
Pentium™ and
Celeron™ N Series
Processors
(Optional)
JTAG/OBS/HOOK
MIPI60 (Platform Debug)


Numéro de pièce similaire - 96LEDK-C150XG40NG1

FabricantNo de pièceFiches techniqueDescription
logo
Advantech Co., Ltd.
96LEDK-C150XG40NG1 ADVANTECH-96LEDK-C150XG40NG1 Datasheet
567Kb / 2P
   Supports Dual Channel DDR3L 1600 SODIMM sockets up to 16 GB
96LEDK-C150XG40NG1 ADVANTECH-96LEDK-C150XG40NG1 Datasheet
927Kb / 2P
   Second generation AMD embedded
96LEDK-C150XG40NG1 ADVANTECH-96LEDK-C150XG40NG1 Datasheet
920Kb / 2P
   AMD G-Series Processor ETX CPU Module
96LEDK-C150XG40NG1 ADVANTECH-96LEDK-C150XG40NG1 Datasheet
957Kb / 2P
   Dual DDR3L-1333/1600 SODIMM sockets up to 16 GB
96LEDK-C150XG40NG1 ADVANTECH-96LEDK-C150XG40NG1 Datasheet
1Mb / 2P
   COM-Express Compact Module
More results

Description similaire - 96LEDK-C150XG40NG1

FabricantNo de pièceFiches techniqueDescription
logo
Advantech Co., Ltd.
SOM-6869 ADVANTECH-SOM-6869 Datasheet
1Mb / 2P
   COM-Express Compact Module
SOM-6867 ADVANTECH-SOM-6867_17 Datasheet
968Kb / 2P
   COM Express Type 6 Compact Module
SOM-6867 ADVANTECH-SOM-6867 Datasheet
927Kb / 2P
   COM Express Type 6 Compact Module
logo
DFI Inc
SU968 DFI-SU968 Datasheet
1Mb / 2P
   COM Express Compact
logo
Adlink Technology Inc.
CEXPRESS-BT2 ADLINK-CEXPRESS-BT2 Datasheet
584Kb / 4P
   COM Express Compact Size Type 2 Module
CEXPRESS-HL ADLINK-CEXPRESS-HL Datasheet
306Kb / 4P
   COM Express Compact Size Type 6 Module
CEXPRESS-WL ADLINK-CEXPRESS-WL Datasheet
447Kb / 4P
   COM Express Compact Size Type 6 Module
CEXPRESS-BT ADLINK-CEXPRESS-BT Datasheet
292Kb / 4P
   COM Express Compact Size Type 6 Module
CEXPRESS-BL ADLINK-CEXPRESS-BL Datasheet
291Kb / 4P
   COM Express Compact Size Type 6 Module
CEXPRESS-KL ADLINK-CEXPRESS-KL Datasheet
320Kb / 4P
   COM Express Compact Size Type 6 Module
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com