Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS5615PWPR Fiches technique(PDF) 6 Page - Texas Instruments

No de pièce TPS5615PWPR
Description  SYNCHRONOUS-BUCK HYSTERETIC REGULATOR CONTROLLER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS5615PWPR Fiches technique(HTML) 6 Page - Texas Instruments

Back Button TPS5615PWPR Datasheet HTML 2Page - Texas Instruments TPS5615PWPR Datasheet HTML 3Page - Texas Instruments TPS5615PWPR Datasheet HTML 4Page - Texas Instruments TPS5615PWPR Datasheet HTML 5Page - Texas Instruments TPS5615PWPR Datasheet HTML 6Page - Texas Instruments TPS5615PWPR Datasheet HTML 7Page - Texas Instruments TPS5615PWPR Datasheet HTML 8Page - Texas Instruments TPS5615PWPR Datasheet HTML 9Page - Texas Instruments TPS5615PWPR Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
TPS5615, TPS5618, TPS5625, TPS5633
SYNCHRONOUS-BUCK HYSTERETIC REGULATOR CONTROLLER
SLVS177B – SEPTEMBER 1998 – REVISED JULY 2000
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
detailed description (continued)
R2
+ 2.1
R1
V
TRIP
–2.1
Where
VTRIP=desired VSUPPLY trip voltage
R2
INHIBIT
TPS56xx
R1
To Power Stage
SHUTDOWN
VCC
Figure 4. Input Undervoltage Lockout Circuit Using INHIBIT
VCC undervoltage lockout (UVLO)
The undervoltage lockout circuit disables the controller while the VCC supply is below the 10-V start threshold
during power up. While the controller is disabled, the output drivers will be low and the slowstart capacitor will
be shorted. When VCC exceeds the start threshold, the short across the slowstart capacitor is released and
normal converter operation begins. There is a 2-V hysteresis in the undervoltage lockout circuit for noise
immunity.
slowstart
The slowstart circuit controls the rate at which VO powers up. A capacitor is connected between SLOWSST and
ANAGND and is charged by an internal current source. The slowstart charging current is determined by the
following equation:
I
SLOWSTART +
I(VREFB)
5
where I(VREFB) is the current flowing out of VREFB. It is recommended that no additional loads be connected
to VREFB, other than the resistor divider for setting the hysteresis voltage. The maximum current that can be
sourced by the VREFB circuit is 500
µA. The slowstart time is set by:
t
SLOWSTART +
5
C
SLOWST
R
VREFB
where RVREFB is the total external resistance from VREFB to ANAGND.
power good
The power good circuit monitors for an undervoltage condition on VO. If VO is 7% below VREF, then PWRGD
is pulled low. PWRGD is an open-drain output.
overvoltage protection
The overvoltage protection (OVP) circuit monitors VO for an overvoltage condition. If VO is 15% above VREF,
then a fault latch is set and both output drivers are turned off. The latch will remain set until VCC goes below the
undervoltage lockout value. A 3-
µs deglitch timer is included for noise immunity. Refer to the LODRV section
for information on how to protect the load against overvoltages due to a shorted fault across the high-side power
FET.


Numéro de pièce similaire - TPS5615PWPR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS5615PWP TI-TPS5615PWP Datasheet
387Kb / 25P
[Old version datasheet]   SYNCHRONOUS-BUCK HYSTERETIC REGULATOR CONTROLLER
More results

Description similaire - TPS5615PWPR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS5615 TI-TPS5615 Datasheet
387Kb / 25P
[Old version datasheet]   SYNCHRONOUS-BUCK HYSTERETIC REGULATOR CONTROLLER
LM3485 TI1-LM3485_14 Datasheet
1,023Kb / 22P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3475 TI1-LM3475_14 Datasheet
1Mb / 21P
[Old version datasheet]   Hysteretic PFET Buck Controller
logo
National Semiconductor ...
LM3485 NSC-LM3485 Datasheet
369Kb / 15P
   Hysteretic PFET Buck Controller
logo
Texas Instruments
LM3485 TI1-LM3485_16 Datasheet
1Mb / 28P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485 TI-LM3485_15 Datasheet
1Mb / 24P
[Old version datasheet]   Hysteretic PFET Buck Controller
logo
National Semiconductor ...
LM3475 NSC-LM3475 Datasheet
305Kb / 14P
   Hysteretic PFET Buck Controller
logo
Texas Instruments
LM3485MMX TI-LM3485MMX Datasheet
996Kb / 23P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3475 TI1-LM3475 Datasheet
1Mb / 25P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485MM TI-LM3485MM Datasheet
1Mb / 23P
[Old version datasheet]   Hysteretic PFET Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com