Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS54900PWR Fiches technique(PDF) 7 Page - Texas Instruments

No de pièce TPS54900PWR
Description  PROGRAMMABLE FOUR-CHANNEL STEP-DOWN DC/DC CONVERTER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS54900PWR Fiches technique(HTML) 7 Page - Texas Instruments

Back Button TPS54900PWR Datasheet HTML 3Page - Texas Instruments TPS54900PWR Datasheet HTML 4Page - Texas Instruments TPS54900PWR Datasheet HTML 5Page - Texas Instruments TPS54900PWR Datasheet HTML 6Page - Texas Instruments TPS54900PWR Datasheet HTML 7Page - Texas Instruments TPS54900PWR Datasheet HTML 8Page - Texas Instruments TPS54900PWR Datasheet HTML 9Page - Texas Instruments TPS54900PWR Datasheet HTML 10Page - Texas Instruments TPS54900PWR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
TPS54900
SLVS405 – OCTOBER 2001
7
www.ti.com
serial command bit assignments
SERIAL BIT
POSITION
NAME
DESCRIPTION
15
R/W
Set to logic 1 to read from TPS54900, set to logic 0 to write to TPS54900
14
ADR2
Channel bank select, compared to logic state of CBS pin to select between two TPS54900 devices used in an
8-channel configuration
13
ADR1
Internal channel select MSB, used with ADR0 to select one of four output channels
12
ADR0
Internal channel select LSB, used with ADR1 to select one of four output channels
11
S3
Device address MSB (S3 = 1 required to address TPS54900)
10
S2
Device address bit (S2 = 1 required to address TPS54900)
9
S1
Device address bit (S1 = 1 required to address TPS54900)
8
S0
Device address LSB (S0 = 1 required to address TPS54900)
7
D7
Voltage programming MSB
6
D6
Voltage programming bit
5
D5
Voltage programming bit
4
D4
Voltage programming LSB
3
D3
Channel enable/disable (D3 = 0 enables channel(s))
2
D2
Global start
1
D1
Unassigned
0
D0
Initialize counters
valid commands
WORD
DESCRIPTION
00001111 00001001
Initialize PWM clocks with phase stagger and disable all channels
0ddd1111 vvvv0100
Turn on and regulate all channels to voltage code vvvv (see voltage programming code table)
0aaa1111 vvvv0000
Turn on and regulate channel aaa to voltage code vvvv (see voltage programming code table)
0aaa1111 dddd1000
Disable channel aaa
1aaa1111 dddddddd
Read channel status from channel aaa
NOTE: aaa:
three bit channel address, 0aa: corresponds to CBS pin < VIL
1aa:
corresponds to CBS > VIH
vvvv:
voltage programming code
d:
don’t care state
voltage programming codes
VOLTAGE CODE
(D4–D7)
Figure 1
VOLTAGE CODE
(D4–D7)
OUTPUT VOLTAGE
0
7.5
8
10.7
1
7.9
9
11.1
2
8.3
A
11.5
3
8.7
B
11.9
4
9.1
C
12.3
5
9.5
D
12.7
6
9.9
E
13.1
7
10.3
F
Pass through mode


Numéro de pièce similaire - TPS54900PWR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS54900PW TI1-TPS54900PW Datasheet
280Kb / 17P
[Old version datasheet]   PROGRAMMABLE FOUR-CHANNEL STEP-DOWN DC/DC CONVERTER
TPS54900PWG4 TI1-TPS54900PWG4 Datasheet
280Kb / 17P
[Old version datasheet]   PROGRAMMABLE FOUR-CHANNEL STEP-DOWN DC/DC CONVERTER
More results

Description similaire - TPS54900PWR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS54900 TI1-TPS54900_14 Datasheet
280Kb / 17P
[Old version datasheet]   PROGRAMMABLE FOUR-CHANNEL STEP-DOWN DC/DC CONVERTER
LP8758-E0 TI1-LP8758-E0_16 Datasheet
1Mb / 61P
[Old version datasheet]   Four-Output Synchronous Step-Down DC-DC Converter
LP8758-B0 TI1-LP8758-B0 Datasheet
1Mb / 56P
[Old version datasheet]   LP8758-B0 Four-Phase DC-DC Step-Down Converter
LP8758-B0 TI-LP8758-B0_15 Datasheet
1Mb / 55P
[Old version datasheet]   LP8758-B0 Four-Phase DC-DC Step-Down Converter
logo
Advanced Analogic Techn...
AAT2785 ANALOGICTECH-AAT2785 Datasheet
635Kb / 22P
   3-Channel Step-Down DC/DC Converter
AAT2784 ANALOGICTECH-AAT2784 Datasheet
693Kb / 21P
   3-Channel Step-Down DC/DC Converter
logo
Rohm
BP5226-18 ROHM-BP5226-18 Datasheet
478Kb / 3P
   Step-down DC/DC converter
logo
Texas Instruments
LM3212 TI1-LM3212_16 Datasheet
981Kb / 25P
[Old version datasheet]   Step-Down DC-DC Converter
LM53625-Q1 TI1-LM53625-Q1_16 Datasheet
5Mb / 55P
[Old version datasheet]   Step-Down DC-DC Converter
TPS57140-Q1 TI1-TPS57140-Q1_16 Datasheet
2Mb / 53P
[Old version datasheet]   Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com