Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPA2005D1GQYR Fiches technique(PDF) 11 Page - Texas Instruments

No de pièce TPA2005D1GQYR
Description  1.1 W MONO FILTER FREE CLASS D AUDIO POWER AMPLIFIER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPA2005D1GQYR Fiches technique(HTML) 11 Page - Texas Instruments

Back Button TPA2005D1GQYR Datasheet HTML 7Page - Texas Instruments TPA2005D1GQYR Datasheet HTML 8Page - Texas Instruments TPA2005D1GQYR Datasheet HTML 9Page - Texas Instruments TPA2005D1GQYR Datasheet HTML 10Page - Texas Instruments TPA2005D1GQYR Datasheet HTML 11Page - Texas Instruments TPA2005D1GQYR Datasheet HTML 12Page - Texas Instruments TPA2005D1GQYR Datasheet HTML 13Page - Texas Instruments TPA2005D1GQYR Datasheet HTML 14Page - Texas Instruments TPA2005D1GQYR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
TPA2005D1
SLOS369B – JULY 2002 – REVISED DECEMBER 2002
www.ti.com
11
Input Resistors (RI)
The input resistors (RI) set the gain of the amplifier according to equation (1).
Gain
+ 300 kW
R
I
V
V
Resistor matching is very important in fully differential amplifiers. The balance of the output on the reference
voltage depends on matched ratios of the resistors. CMRR, PSRR, and cancellation of the second harmonic
distortion diminish if resistor mismatch occurs. Therefore, it is recommended to use 1% tolerance resistors or
better to keep the performance optimized. Matching is more important than overall tolerance. Resistor arrays
with 1% matching can be used with a tolerance greater than 1%.
Place the input resistors very close to the TPA2005D1 to limit noise injection on the high-impedance nodes.
For optimal performance the gain should be set to 2 V/V or lower. Lower gain allows the TPA2005D1 to operate
at its best, and keeps a high voltage at the input making the inputs less susceptible to noise.
Decoupling Capacitor (CS)
The TPA2005D1 is a high-performance class-D audio amplifier that requires adequate power supply decoupling
to ensure the efficiency is high and total harmonic distortion (THD) is low. For higher frequency transients,
spikes, or digital hash on the line, a good low equivalent-series-resistance (ESR) ceramic capacitor, typically
1
µF, placed as close as possible to the device VDD lead works best. Placing this decoupling capacitor close
to the TPA2005D1 is very important for the efficiency of the class-D amplifier, because any resistance or
inductance in the trace between the device and the capacitor can cause a loss in efficiency. For filtering
lower-frequency noise signals, a 10
µF or greater capacitor placed near the audio power amplifier would also
help, but it is not required in most applications because of the high PSRR of this device.
Input Capacitors (CI)
The TPA2005D1 does not require input coupling capacitors if the design uses a differential source that is biased
from 0.5 V to VDD – 0.8 V (shown in Figure 26). If the input signal is not biased within the recommended
common–mode input range, if needing to use the input as a high pass filter (shown in Figure 27), or if using
a single-ended source (shown in Figure 28), input coupling capacitors are required.
The input capacitors and input resistors form a high-pass filter with the corner frequency, fc, determined in
equation (2).
fc +
1
2
p R
I
C
I
The value of the input capacitor is important to consider as it directly affects the bass (low frequency)
performance of the circuit. Speakers in wireless phones cannot usually respond well to low frequencies, so the
corner frequency can be set to block low frequencies in this application.
Equation (3) is reconfigured to solve for the input coupling capacitance.
C
I +
1
2
p R
I
fc
If the corner frequency is within the audio band, the capacitors should have a tolerance of
±10% or better,
because any mismatch in capacitance causes an impedance mismatch at the corner frequency and below.
For a flat low-frequency response, use large input coupling capacitors (1
µF). However, in a GSM phone the
ground signal is fluctuating at 217 Hz, but the signal from the codec does not have the same 217 Hz fluctuation.
The difference between the two signals is amplified, sent to the speaker, and heard as a 217 Hz hum.
(1)
(2)
(3)


Numéro de pièce similaire - TPA2005D1GQYR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA2005D1GQYR TI-TPA2005D1GQYR Datasheet
867Kb / 24P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1GQYR TI1-TPA2005D1GQYR Datasheet
1Mb / 32P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1GQYR TI1-TPA2005D1GQYR Datasheet
1Mb / 42P
[Old version datasheet]   MONO Filter-Free Class-D Audio Power Amplifier
More results

Description similaire - TPA2005D1GQYR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA3000D1 TI-TPA3000D1 Datasheet
262Kb / 19P
[Old version datasheet]   17-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1 Datasheet
415Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1-Q1 TI-TPA2005D1-Q1 Datasheet
867Kb / 24P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1DRBRG4 TI1-TPA2005D1DRBRG4 Datasheet
1Mb / 32P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1_15 Datasheet
1,018Kb / 25P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2031D1 TI-TPA2031D1 Datasheet
785Kb / 24P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1_06 Datasheet
591Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
STMicroelectronics
TS4962 STMICROELECTRONICS-TS4962_10 Datasheet
592Kb / 44P
   2.8 W filter-free mono class D audio power amplifier
logo
List of Unclassifed Man...
TMPA2055DM ETC-TMPA2055DM Datasheet
219Kb / 11P
   2.7-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA2005D1-Q1 TI-TPA2005D1-Q1_15 Datasheet
1Mb / 29P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com