Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

APA1606ZGC-G Fiches technique(PDF) 2 Page - Kingbright Corporation

No de pièce APA1606ZGC-G
Description  1.6 x 0.6 mm Right Angle SMD Chip LED Lamp
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KINGBRIGHT [Kingbright Corporation]
Site Internet  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APA1606ZGC-G Fiches technique(HTML) 2 Page - Kingbright Corporation

  APA1606ZGC-G Datasheet HTML 1Page - Kingbright Corporation APA1606ZGC-G Datasheet HTML 2Page - Kingbright Corporation APA1606ZGC-G Datasheet HTML 3Page - Kingbright Corporation APA1606ZGC-G Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
© 2017 Kingbright. All Rights Reserved. Spec No: DSAK0930 / 1203010249 Rev No: V.5B Date: 07/01/2017
Page 2 / 4
ABSOLUTE MAXIMUM RATINGS at TA=25°C
ELECTRICAL / OPTICAL CHARACTERISTICS at TA=25°C
APA1606ZGC/G
Parameter
Symbol
Emitting Color
Value
Unit
Typ.
Max.
Wavelength at Peak Emission IF = 20mA
λpeak
Green
520
-
nm
Dominant Wavelength IF = 20mA
λdom
[1]
Green
525
-
nm
Spectral Bandwidth at 50% Φ REL MAX
IF = 20mA
Δλ
Green
35
-
nm
Capacitance
C
Green
100
-
pF
Forward Voltage IF = 20mA
VF
[2]
Green
3.2
4
V
Reverse Current (VR = 5V)
IR
Green
-
50
uA
Parameter
Symbol
Value
Unit
Power Dissipation
PD
120
mW
Reverse Voltage
VR
5
V
Junction Temperature
Tj
115
°C
Operating Temperature
Top
-40 to +85
°C
Storage Temperature
Tstg
-40 to +85
°C
DC Forward Current
IF
30
mA
Peak Forward Current
IFM
[1]
100
mA
Electrostatic Discharge Threshold (HBM)
-
450
V
Notes:
1. The dominant wavelength (λd) above is the setup value of the sorting machine. (Tolerance λd : ±1nm. )
2. Forward voltage: ±0.1V.
3. Wavelength value is traceable to CIE127-2007 standards.
4. Excess driving current and / or operating temperature higher than recommended conditions may result in severe light degradation or premature failure.
Notes:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
2. Relative humidity levels maintained between 40% and 60% in production area are recommended to avoid the build-up of static electricity – Ref JEDEC/JESD625-A and JEDEC/J-STD-033.


Numéro de pièce similaire - APA1606ZGC-G

FabricantNo de pièceFiches techniqueDescription
logo
Kingbright Corporation
APA1606ZGC-E KINGBRIGHT-APA1606ZGC-E Datasheet
256Kb / 5P
   1.6x0.6mm RIGHT ANGLE SMD CHIP LED LAMP
More results

Description similaire - APA1606ZGC-G

FabricantNo de pièceFiches techniqueDescription
logo
Kingbright Corporation
APA1606ZGCK KINGBRIGHT-APA1606ZGCK Datasheet
278Kb / 4P
   1.6 x 0.6 mm Right Angle SMD Chip LED Lamp
APA1606VRBXF-A-5MAV KINGBRIGHT-APA1606VRBXF-A-5MAV Datasheet
289Kb / 4P
   1.6 x 0.6 mm Right Angle SMD Chip LED Lamp
logo
HK TO-GRACE TECHNOLOGY ...
KPA-1606QBC-D TO-GRACE-KPA-1606QBC-D Datasheet
834Kb / 4P
   1.6 x 0.6 mm Right Angle SMD Chip LED Lamp
KPA-1606SYCK TO-GRACE-KPA-1606SYCK Datasheet
836Kb / 4P
   1.6 x 0.6 mm Right Angle SMD Chip LED Lamp
KPA-1606VBC-D TO-GRACE-KPA-1606VBC-D Datasheet
846Kb / 4P
   1.6 x 0.6 mm Right Angle SMD Chip LED Lamp
KPA-1606CGCK TO-GRACE-KPA-1606CGCK Datasheet
845Kb / 4P
   1.6 x 0.6 mm Right Angle SMD Chip LED Lamp
KPA-1606SURCK TO-GRACE-KPA-1606SURCK Datasheet
838Kb / 4P
   1.6 x 0.6 mm Right Angle SMD Chip LED Lamp
KPA-1606ZGC TO-GRACE-KPA-1606ZGC Datasheet
831Kb / 4P
   1.6 x 0.6 mm Right Angle SMD Chip LED Lamp
KPA-1606QBC-G TO-GRACE-KPA-1606QBC-G Datasheet
834Kb / 4P
   1.6 x 0.6 mm Right Angle SMD Chip LED Lamp
KPA-1606SECK TO-GRACE-KPA-1606SECK Datasheet
814Kb / 4P
   1.6 x 0.6 mm Right Angle SMD Chip LED Lamp
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com