Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAT43X Fiches technique(PDF) 3 Page - Micro Commercial Components

No de pièce BAT43X
Description  Schottky Barrier Diode 150mW
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MCC [Micro Commercial Components]
Site Internet  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAT43X Fiches technique(HTML) 3 Page - Micro Commercial Components

  BAT43X Datasheet HTML 1Page - Micro Commercial Components BAT43X Datasheet HTML 2Page - Micro Commercial Components BAT43X Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.mccsemi.com
3 of 3
Revision:
A
20
15/03/06
Device
Packing
Part Number-TP
Tape&Reel: 8Kpcs/Reel
Ordering Information :
***IMPORTANT NOTICE***
Micro Commercial Components Corp. reserves the right to make changes without further notice to any product herein to
make corrections, modifications , enhancements , improvements , or other changes . Micro Commercial Components
Corp . does not assume any liability arising out of the application or use of any product described herein; neither does it
convey any license under its patent rights ,nor the rights of others . The user of products in such applications shall assume all
risks of such use and will agree to hold Micro Commercial Components Corp . and all the companies whose products are
represented on our website, harmless against all damages.
***LIFE SUPPORT***
MCC's products are not authorized for use as critical components in life support devices or systems without the express written
approval of Micro Commercial Components Corporation.
***CUSTOMER AWARENESS***
Counterfeiting of semiconductor parts is a growing problem in the industry. Micro Commercial Components (MCC) is taking
strong measures to protect ourselves and our customers from the proliferation of counterfeit parts. MCC strongly encourages
customers to purchase MCC parts either directly from MCC or from Authorized MCC Distributors who are listed by country on
our web page cited
below. Products customers buy either from MCC directly or from Authorized MCC Distributors are genuine
parts, have full traceability, meet MCC's quality standards for handling and storage. MCC will not provide any warranty
coverage or other assistance for parts bought from Unauthorized Sources. MCC is committed to combat this global
problem and encourage our customers to do their part in stopping this practice by buying direct or from authorized
distributors.
Note : Adding "-HF" suffix for halogen free, eg. Part Number-TP-HF
Micro Commercial Components
M C C
TM


Numéro de pièce similaire - BAT43X

FabricantNo de pièceFiches techniqueDescription
logo
SeCoS Halbleitertechnol...
BAT43X SECOS-BAT43X Datasheet
272Kb / 2P
   Surface Mount Schottky Barrier Diode
logo
Taiwan Semiconductor Co...
BAT43X TSC-BAT43X Datasheet
139Kb / 5P
   SOD-523F IFSM=4A 30V/200mA Schottky Diode
logo
Jiangsu Changjiang Elec...
BAT43X JIANGSU-BAT43X Datasheet
557Kb / 4P
   SCHOTTKY BARRIER DIODE
logo
Taiwan Semiconductor Co...
BAT43X-M0RSG TSC-BAT43X-M0RSG Datasheet
139Kb / 5P
   SOD-523F IFSM=4A 30V/200mA Schottky Diode
BAT43XRSG TSC-BAT43XRSG Datasheet
139Kb / 5P
   SOD-523F IFSM=4A 30V/200mA Schottky Diode
More results

Description similaire - BAT43X

FabricantNo de pièceFiches techniqueDescription
logo
Micro Commercial Compon...
BAS40X MCC-BAS40X Datasheet
494Kb / 3P
   Surface Mount Schottky Barrier Diode 150mW
logo
Changzhou Shunye Electr...
RB521D1-30 SY-RB521D1-30 Datasheet
644Kb / 3P
   150mW SOD-923 SURFACE MOUNT Schottky Barrier Diode
logo
WILLAS ELECTRONIC CORP
BAS40W WILLAS-BAS40W Datasheet
563Kb / 5P
   150mW Plastic-Encapsulate Schottky Barrier Diodes
logo
Micro Commercial Compon...
BAS40V MCC-BAS40V_14 Datasheet
280Kb / 3P
   150mW Schottky Diodes
BAS40V MCC-BAS40V Datasheet
186Kb / 3P
   150mW Schottky Diodes
BAT54V MCC-BAT54V_13 Datasheet
209Kb / 3P
   150mW Schottky Diodes
1SS226 MCC-1SS226_13 Datasheet
219Kb / 3P
   150mW SWITCHING DIODE
BAV70M MCC-BAV70M_17 Datasheet
378Kb / 3P
   150mW Switching Diode
BAT54V MCC-BAT54V Datasheet
183Kb / 3P
   150mW Schottky Diodes
1SS226 MCC-1SS226 Datasheet
183Kb / 3P
   150mW SWITCHING DIODE
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com