Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

TMP121 Fiches technique(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
No de pièce TMP121
Description  1.5C Accurate Digital Temperature Sensor with SPI Interface
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BURR-BROWN [Burr-Brown (TI)]
Site Internet  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

TMP121 Fiches technique(HTML) 4 Page - Burr-Brown (TI)

  TMP121 Datasheet HTML 1Page - Burr-Brown (TI) TMP121 Datasheet HTML 2Page - Burr-Brown (TI) TMP121 Datasheet HTML 3Page - Burr-Brown (TI) TMP121 Datasheet HTML 4Page - Burr-Brown (TI) TMP121 Datasheet HTML 5Page - Burr-Brown (TI) TMP121 Datasheet HTML 6Page - Burr-Brown (TI) TMP121 Datasheet HTML 7Page - Burr-Brown (TI) TMP121 Datasheet HTML 8Page - Burr-Brown (TI) TMP121 Datasheet HTML 9Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TMP121
TMP123
SBOS273C − JUNE 2003 − REVISED FEBRUARY 2005
www.ti.com
4
TYPICAL CHARACTERISTICS
At TA = +25°C and V+ = 5.0V, unless otherwise noted.
50
40
30
20
10
QUIESCENT CURRENT vs TEMPERATURE
Temperature (
_C)
−60 −40 −20
0
20
40
60
80
100
120
140
Serial Bus Inactive
V+ = 5V
V+ = 2.7V
400
300
200
100
CONVERSION TIME vs TEMPERATURE
Temperature (
_C)
−60 −40 −20
0
2040
6080
100
120
140
V+ = 5V
V+ = 2.7V
12−Bit Resolution
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0.0
−0.1
SHUTDOWN CURRENT vs TEMPERATURE
Temperature (
_C)
−60 −40 −20
0
20
40
60
80
100
120
140
2.0
1.5
1.0
0.5
0.0
−0.5
−1.0
−1.5
−2.0
TEMPERATURE ACCURACY vs TEMPERATURE
Temperature (
_C)
−60 −40 −20 0
20
40
60
80
100 120
160
140
3 Typical Units 12−Bit Resolution


Html Pages

1  2  3  4  5  6  7  8  9 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn