Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SLG46535 Fiches technique(PDF) 26 Page - Dialog Semiconductor

No de pièce SLG46535
Description  GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
Download  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIALOG [Dialog Semiconductor]
Site Internet  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46535 Fiches technique(HTML) 26 Page - Dialog Semiconductor

Back Button SLG46535 Datasheet HTML 22Page - Dialog Semiconductor SLG46535 Datasheet HTML 23Page - Dialog Semiconductor SLG46535 Datasheet HTML 24Page - Dialog Semiconductor SLG46535 Datasheet HTML 25Page - Dialog Semiconductor SLG46535 Datasheet HTML 26Page - Dialog Semiconductor SLG46535 Datasheet HTML 27Page - Dialog Semiconductor SLG46535 Datasheet HTML 28Page - Dialog Semiconductor SLG46535 Datasheet HTML 29Page - Dialog Semiconductor SLG46535 Datasheet HTML 30Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 185 page
background image
SLG46535_DS_106
Page 25 of 184
SLG46535
5.15 OSC Specifications
Table 6. 25 kHz RC OSC0 frequency limits
Power Supply Range
(VDD) V
Temperature Range
+25 °C
0 °C ... +85 °C
-40 °C ... +85 °C
Minimum
Value, kHz
Maximum
Value, kHz
Minimum
Value, kHz
Maximum
Value, kHz
Minimum
Value, kHz
Maximum
Value, kHz
1.8 V ±5%
24.240
25.781
21.963
27.188
21.963
27.562
3.3 V ±10%
24.447
25.556
21.905
27.221
21.905
27.263
5 V ±10%
24.315
25.911
22.045
27.099
22.045
27.422
2.5 V ... 4.5 V
24.398
25.576
21.897
27.221
21.897
27.277
1.71 V… 5.5 V
24.089
26.128
21.897
27.373
21.897
27.613
Table 7. 25 kHz RC OSC0 frequency error (error calculated relative to nominal value)
Power Supply Range
(VDD) V
Temperature Range
+25 °C
0 °C ... +85 °C
-40 °C ... +85 °C
Error (% at
Minimum)
Error (% at
Maximum)
Error (% at
Minimum)
Error (% at
Maximum)
Error (% at
Minimum)
Error (% at
Maximum)
1.8 V ±5%
-2.76%
3.42%
-11.89%
9.07%
-11.89%
10.57%
3.3 V ±10%
-2.01%
2.43%
-12.20%
9.11%
-12.20%
9.28%
5 V ±10%
-2.51%
3.89%
-11.61%
8.65%
-11.61%
9.95%
2.5 V ... 4.5 V
-2.21%
2.52%
-12.23%
9.11%
-12.23%
9.33%
1.71 V… 5.5 V
-3.44%
4.73%
-12.23%
9.72%
-12.23%
10.68%


Numéro de pièce similaire - SLG46535

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
SLG46535 RENESAS-SLG46535 Datasheet
2Mb / 189P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
March 9, 2023
SLG46535V RENESAS-SLG46535V Datasheet
2Mb / 189P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
March 9, 2023
SLG46535VTR RENESAS-SLG46535VTR Datasheet
2Mb / 189P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
March 9, 2023
More results

Description similaire - SLG46535

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
SLG46880 RENESAS-SLG46880 Datasheet
4Mb / 354P
   GreenPAK Programmable Mixed-Signal Matrix with Asynchronous State Machine and Dual Supply
1-Mar-2023
SLG46532 RENESAS-SLG46532 Datasheet
2Mb / 185P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
October 20, 2016
SLG46535 RENESAS-SLG46535 Datasheet
2Mb / 189P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
March 9, 2023
logo
Dialog Semiconductor
SLG46532 DIALOG-SLG46532 Datasheet
2Mb / 184P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
SLG46880 DIALOG-SLG46880 Datasheet
4Mb / 353P
   GreenPAK Programmable Mixed-Signal Matrix with Asynchronous State Machine and Dual Supply
SLG46538-A DIALOG-SLG46538-A Datasheet
1Mb / 172P
   GreenPAK Programmable Mixed-Signal Matrix with Asynchronous State Machine and Dual Supply
logo
Renesas Technology Corp
SLG46538-A RENESAS-SLG46538-A Datasheet
2Mb / 174P
   GreenPAK Programmable Mixed-Signal Matrix with Asynchronous State Machine and Dual Supply
9-Aug-2022
logo
Dialog Semiconductor
SLG46534 DIALOG-SLG46534 Datasheet
1Mb / 172P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine
logo
Renesas Technology Corp
SLG46531 RENESAS-SLG46531 Datasheet
2Mb / 171P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine
November 14, 2018
SLG46534 RENESAS-SLG46534 Datasheet
2Mb / 177P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine
March 3, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com