Moteur de recherche de fiches techniques de composants électroniques |
|
SLG46533 Fiches technique(PDF) 13 Page - Dialog Semiconductor |
|
SLG46533 Fiches technique(HTML) 13 Page - Dialog Semiconductor |
13 / 185 page SLG46533_DS_114 Page 12 of 184 SLG46533 VO Maximal Voltage Applied to any PIN in High-Impedance State -- -- VDD V TSU Startup Time From VDD rising past PONTHR 0.78 1.27 1.87 ms PONTHR Power On Threshold VDD Level Required to Start Up the Chip 1.39 1.55 1.68 V POFFTHR Power Off Threshold VDD Level Required to Switch Off the Chip 1.01 1.17 1.35 V RPUP Pull Up Resistance 1 M Pull Up 873.2 1094.7 1364.3 k 100 k Pull Up 85.17 109.30 135.52 k 10 k Pull Up 9.61 11.86 14.73 k RPDWN Pull Down Resistance 1 M Pull Down 862.5 1096.3 1357.4 k 100 k Pull Down 87.95 109.76 136.06 k 10 k Pull Down 8.66 11.81 15.05 k Note 1: DC or average current through any pin should not exceed value given in Absolute Maximum Conditions. Note 2: The GreenPAK’s power rails are divided in two sides. IOs 0, 1, 2, 3, 4, 5, 6, 7 and 8 are connected to one side, IOs 9, 10, 11, 12, 13, 14, 15, 16 and 17 to another. Symbol Parameter Condition/Note Min. Typ. Max. Unit |
Numéro de pièce similaire - SLG46533 |
|
Description similaire - SLG46533 |